Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAP-011202-TR0500 Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # MAAP-011202-TR0500
Description  2-Watt Output P1dB
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAP-011202-TR0500 Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

Back Button MAAP-011202-TR0500 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAP-011202-TR0500 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAP-011202-TR0500 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAP-011202-TR0500 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAP-011202-TR0500 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAP-011202-TR0500 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAP-011202-TR0500 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAP-011202-TR0500 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MAAP-011202-TR0500 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2.5 W Power Amplifier
12.7 - 15.4 GHz
Rev. V2
MAAP-011202
7
7
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
7
OIP3 vs. Frequency
OIP3 vs. POUT
Carrier to IM5 vs. POUT
Carrier to IM7 vs. POUT
Typical Performance Curves: VDD = 6 V, IDQ1,2
5 = 625 mA, IDQ35 = 700 mA


Similar Part No. - MAAP-011202-TR0500

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAP-011232 MA-COM-MAAP-011232 Datasheet
1Mb / 15P
   1 W Driver Amplifier with VG Enable
MAAP-011232-001SMB MA-COM-MAAP-011232-001SMB Datasheet
1Mb / 15P
   1 W Driver Amplifier with VG Enable
MAAP-011232-002SMB MA-COM-MAAP-011232-002SMB Datasheet
1Mb / 15P
   1 W Driver Amplifier with VG Enable
MAAP-011232-TR0500 MA-COM-MAAP-011232-TR0500 Datasheet
1Mb / 15P
   1 W Driver Amplifier with VG Enable
MAAP-011232-TR1000 MA-COM-MAAP-011232-TR1000 Datasheet
1Mb / 15P
   1 W Driver Amplifier with VG Enable
More results

Similar Description - MAAP-011202-TR0500

ManufacturerPart #DatasheetDescription
logo
Power-One
DRD512 POWER-ONE-DRD512 Datasheet
46Kb / 2P
   DUAL OUTPUT, 2 WATT
logo
Recom International Pow...
RAC02-SE-277-W RECOM-RAC02-SE-277-W Datasheet
363Kb / 4P
   2 Watt Single Output
RAC02-SE RECOM-RAC02-SE Datasheet
271Kb / 3P
   2 Watt Single Output
logo
Power-One
BRD505 POWER-ONE-BRD505 Datasheet
44Kb / 2P
   DUAL OUTPUT, 2 WATT
logo
Recom International Pow...
RAC02-SE-277 RECOM-RAC02-SE-277 Datasheet
387Kb / 4P
   2 Watt Single Output
REZ-053.3S RECOM-REZ-053.3S_06 Datasheet
90Kb / 3P
   2 Watt SIP7 Single Output
R2SX RECOM-R2SX Datasheet
584Kb / 6P
   2 Watt SMD Single Output
RSK-RUW RECOM-RSK-RUW Datasheet
1Mb / 4P
   2 Watt SIP8 Single Output
REV.: 0/2023
RAC01-C RECOM-RAC01-C Datasheet
81Kb / 2P
   1 - 2 Watt Single Output
RAC01-3.3SC RECOM-RAC01-3.3SC Datasheet
123Kb / 2P
   1 - 2 Watt Single Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com