Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3809I50 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS3809I50
Description  3-Pin Supply Voltage Supervisors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3809I50 Datasheet(HTML) 1 Page - Texas Instruments

  TPS3809I50 Datasheet HTML 1Page - Texas Instruments TPS3809I50 Datasheet HTML 2Page - Texas Instruments TPS3809I50 Datasheet HTML 3Page - Texas Instruments TPS3809I50 Datasheet HTML 4Page - Texas Instruments TPS3809I50 Datasheet HTML 5Page - Texas Instruments TPS3809I50 Datasheet HTML 6Page - Texas Instruments TPS3809I50 Datasheet HTML 7Page - Texas Instruments TPS3809I50 Datasheet HTML 8Page - Texas Instruments TPS3809I50 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
3.3 V
TPS3809K33
TMS320LC54x
GND
GND
RESET
RESET
VDD
VDD
TPS76333
GND
OUT
IN
5 V
2
3
1
RESET
VDD
GND
TPS3809J25, TPS3809L30
TPS3809K33, TPS3809I50
www.ti.com
SLVS228C – AUGUST 1999 – REVISED OCTOBER 2013
3-Pin Supply Voltage Supervisors
Check for Samples: TPS3809J25, TPS3809L30, TPS3809K33, TPS3809I50
1
FEATURES
DESCRIPTION
The TPS3809 family of supervisory circuits provides
2
3-Pin SOT-23 Package
circuit initialization and timing supervision, primarily
Supply Current of 9
μA (Typical)
for DSPs and processor-based systems.
Precision Supply Voltage Monitor
During power-on, RESET is asserted when the
2.5 V, 3 V, 3.3 V, 5 V
supply voltage VDD becomes higher than 1.1 V.
Pin-For-Pin Compatible With MAX 809
Thereafter, the supervisory circuit monitors VDD and
keeps RESET active as long as VDD remains below
Temperature Range: –40°C to +85°C
the threshold voltage VIT. An internal timer delays the
return of the output to the inactive state (high) to
APPLICATIONS
ensure proper system reset. The delay time, td(typ) =
Applications Using DSPs, Microcontrollers, or
200 ms, starts after VDD has risen above the
Microprocessors
threshold voltage VIT. When the supply voltage drops
below the threshold voltage VIT, the output becomes
Wireless Communication Systems
active (low) again. No external components are
Portable/Battery-Powered Equipment
required. All the devices of this family have a fixed
Programmable Controls
sense-threshold voltage VIT set by an internal voltage
divider.
Intelligent Instruments
Industrial Equipment
The product spectrum is designed for supply voltages
of 2.5 V, 3 V, 3.3 V, and 5 V. The circuits are
Notebook/Desktop Computers
available in a 3-pin SOT-23. The TPS3809 devices
Automotive Systems
are characterized for operation over a temperature
range of –40°C to 85°C.
DBV PACKAGE
TOP VIEW)
TYPICAL APPLICATION
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS3809I50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3809I50 TI-TPS3809I50 Datasheet
113Kb / 8P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809I50 TI1-TPS3809I50 Datasheet
722Kb / 14P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809I50-EP TI1-TPS3809I50-EP Datasheet
376Kb / 13P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809I50-EP TI1-TPS3809I50-EP Datasheet
722Kb / 14P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809I50-Q1 TI-TPS3809I50-Q1 Datasheet
151Kb / 9P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
More results

Similar Description - TPS3809I50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3809J25 TI1-TPS3809J25_13 Datasheet
821Kb / 13P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TLV809I50 TI1-TLV809I50 Datasheet
691Kb / 16P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809L30-EP TI1-TPS3809L30-EP Datasheet
347Kb / 14P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25 TI1-TPS3809J25_16 Datasheet
726Kb / 13P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809L30-EP TI1-TPS3809L30-EP_16 Datasheet
722Kb / 14P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25-Q1 TI-TPS3809J25-Q1 Datasheet
151Kb / 9P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809J25-Q1 TI1-TPS3809J25-Q1_16 Datasheet
837Kb / 19P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
TPS3809J25 TI-TPS3809J25 Datasheet
113Kb / 8P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TPS3809I50-EP TI1-TPS3809I50-EP Datasheet
376Kb / 13P
[Old version datasheet]   3-PIN SUPPLY VOLTAGE SUPERVISORS
TLV803E TI1-TLV803E Datasheet
749Kb / 27P
[Old version datasheet]   3-Pin Supply Voltage Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com