Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4316QPWRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA4316QPWRQ1
Description  10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4316QPWRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  OPA4316QPWRQ1 Datasheet HTML 1Page - Texas Instruments OPA4316QPWRQ1 Datasheet HTML 2Page - Texas Instruments OPA4316QPWRQ1 Datasheet HTML 3Page - Texas Instruments OPA4316QPWRQ1 Datasheet HTML 4Page - Texas Instruments OPA4316QPWRQ1 Datasheet HTML 5Page - Texas Instruments OPA4316QPWRQ1 Datasheet HTML 6Page - Texas Instruments OPA4316QPWRQ1 Datasheet HTML 7Page - Texas Instruments OPA4316QPWRQ1 Datasheet HTML 8Page - Texas Instruments OPA4316QPWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
5
OPA316-Q1, OPA2316-Q1, OPA4316-Q1
www.ti.com
SBOS841A – NOVEMBER 2016 – REVISED JANUARY 2017
Product Folder Links: OPA316-Q1 OPA2316-Q1 OPA4316-Q1
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
OPA4316-Q1 PW Package
14-Pin TSSOP
Top View
Pin Functions: OPA4316-Q1
PIN
I/O
DESCRIPTION
NAME
NO.
–IN A
2
I
Inverting input, channel A
+IN A
3
I
Noninverting input, channel A
–IN B
6
I
Inverting input, channel B
+IN B
5
I
Noninverting input, channel B
–IN C
9
I
Inverting input, channel C
+IN C
10
I
Noninverting input, channel C
–IN D
13
I
Inverting input, channel D
+IN D
12
I
Noninverting input, channel D
OUT A
1
O
Output, channel A
OUT B
7
O
Output, channel B
OUT C
8
O
Output, channel C
OUT D
14
O
Output, channel D
V–
11
Negative supply or ground (for single-supply operation)
V+
4
Positive supply


Similar Part No. - OPA4316QPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4316 TI-OPA4316 Datasheet
2Mb / 46P
[Old version datasheet]   OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4316 TI1-OPA4316 Datasheet
2Mb / 48P
[Old version datasheet]   10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4316ID TI1-OPA4316ID Datasheet
2Mb / 48P
[Old version datasheet]   10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4316IDR TI1-OPA4316IDR Datasheet
2Mb / 48P
[Old version datasheet]   10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4316IPW TI1-OPA4316IPW Datasheet
2Mb / 48P
[Old version datasheet]   10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
More results

Similar Description - OPA4316QPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV316-Q1 TI1-TLV316-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
TLV316 TI1-TLV316_16 Datasheet
1Mb / 37P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
logo
Analog Devices
AD8515 AD-AD8515 Datasheet
242Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. B
AD8515 AD-AD8515_07 Datasheet
370Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. D
ADA4665-2 AD-ADA4665-2_16 Datasheet
667Kb / 21P
   16 V, 1 MHz, CMOS Rail-to-Rail Input/Output Operational Amplifier
ADA4665-2ARMZ AD-ADA4665-2ARMZ Datasheet
697Kb / 20P
   16 V, 1 MHz, CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. 0
logo
National Semiconductor ...
LMC6582 NSC-LMC6582 Datasheet
678Kb / 19P
   Low Voltage, Rail-To-Rail Input and Output CMOS Operational Amplifier
logo
ON Semiconductor
NCS20166 ONSEMI-NCS20166 Datasheet
1Mb / 13P
   Precision Operational Amplifier, Low Offset, 10MHz, Rail-to-Rail Input/Output
April, 2020 ??Rev. 0
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
TS187X STMICROELECTRONICS-TS187X Datasheet
1Mb / 25P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
November 2012 Rev 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com