Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EE2-24TNUX-L Datasheet(PDF) 7 Page - Kemet Corporation

Part # EE2-24TNUX-L
Description  Electronic switching systems
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

EE2-24TNUX-L Datasheet(HTML) 7 Page - Kemet Corporation

Back Button EE2-24TNUX-L Datasheet HTML 3Page - Kemet Corporation EE2-24TNUX-L Datasheet HTML 4Page - Kemet Corporation EE2-24TNUX-L Datasheet HTML 5Page - Kemet Corporation EE2-24TNUX-L Datasheet HTML 6Page - Kemet Corporation EE2-24TNUX-L Datasheet HTML 7Page - Kemet Corporation EE2-24TNUX-L Datasheet HTML 8Page - Kemet Corporation EE2-24TNUX-L Datasheet HTML 9Page - Kemet Corporation EE2-24TNUX-L Datasheet HTML 10Page - Kemet Corporation EE2-24TNUX-L Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
R7002_EC2_EE2 • 2/27/2014
Miniature Signal Relays – EC2/EE2 Series
Contact Specifications
*1
This value is a reference value in the resistance load. Minimum capacity changes depending on the switching frequency, environment temperature, and load.
*2
Rise time: 10 µs; decay time to half crest: 160 µs.
*3
Rise time: 2 µs; decay time to half crest: 10 µs.
*4
This shows the number of operations with fatal defects. Stable characteristics are maintained for 1 x 107 operations.
Item
EC2/EE2
Contact Form
2 Form C
Contact Material
Silver alloy with gold alloy overlay
Contact Ratings
Maximum Switching Power
60 W, 125 VA
Maximum Switching Voltage
220 VDC, 250 VAC
Maximum Switching Current
2 A
Maximum Carrying Current
2 A
Minimum Contact Ratings
10 mVDC, 10 µA*1
Initial Contact Resistance
75mΩmaximum(initial)
Operating Time (excluding bounce)
Approximately 2 milliseconds
Release Time (excluding bounce)
Approximately 1 millisecond
Insulation Resistance
1,000MΩ@500VDC
Withstand Voltage
Between Open Contacts
NU, NUH, NUX:
1,000 VAC (for one minute), 1,500 V surge (10 x 160 µs)*2
NKX:
Make contact: 1,500 VAC (for one minute), 2,500 V surge (2 x 10 µs)*3
Break contact: 1,000 VAC (for one minute), 1,500 V surge (10 x 160 µs)*2
Between Adjacent Contacts
1,000 VAC (for one minute), 1,500 V surge (10 x 160 µs)*2
Between Coil and Contacts
Non-latch and single coil latch type:
1,500 VAC (for one minute), 2,500 V surge (2 x 10 µs)*3
Double coil latch type:
1,000 VAC (for one minute), 1,500 V surge (10 x 160 µs)*2
Shock Resistance
735 m/s2 (75 G) – misoperation
980 m/s2 (100 G) – destructive failure
Vibration Resistance
10 to 55 Hz, double amplitude 3 mm (20 G) – misoperation
10 to 55 Hz, double amplitude 5 mm (30 G) – destructive failure
Ambient Temperature
-40 to +85°C
Coil Temperature Rise
18°C at nominal coil voltage (140 mW)
RunningSpecifications
Non-load
1 x 108 operations (Non-latch type)*4
1 x 107 operations (Latch type)
Load
50 VDC 0.1 A (resistive), 1 x 106operations@85°C,5Hz
10 VDC 10 mA (resistive), 1 x 106operations@85°C,2Hz
Weight
Approximately 1.9 g


Similar Part No. - EE2-24TNUX-L

ManufacturerPart #DatasheetDescription
logo
NEC
EE2-24NU NEC-EE2-24NU Datasheet
228Kb / 12P
   Compact and lightweight, High breakdown voltage, Surface mounting type
logo
Kemet Corporation
EE2-24NUH-L KEMET-EE2-24NUH-L Datasheet
87Kb / 1P
   Relays, Signal, EE2
More results

Similar Description - EE2-24TNUX-L

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
EB2-3SNU-L KEMET-EB2-3SNU-L Datasheet
1Mb / 17P
   Electronic switching systems
UB2-3SNU-L KEMET-UB2-3SNU-L Datasheet
1Mb / 17P
   Electronic switching systems
UD2-3SNU-L KEMET-UD2-3SNU-L Datasheet
1Mb / 17P
   Electronic switching systems
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-HUXYYYZ AVAGO-AFBR-HUXYYYZ Datasheet
141Kb / 3P
   Telecommunications switching systems
logo
Intersil Corporation
CA3165 INTERSIL-CA3165 Datasheet
67Kb / 6P
   Electronic Switching Circuit
May 1999
logo
Sanyo Semicon Device
LC75383E SANYO-LC75383E Datasheet
377Kb / 17P
   Electronic Volume Control for Car Audio Systems
LC75410E SANYO-LC75410E Datasheet
234Kb / 28P
   Electronic Volume Controller for Car Audio Systems
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com