Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8886ATPWP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8886ATPWP
Description  2-A Stepper Motor Driver With Integrated Current Sense and AutoTune Technology
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8886ATPWP Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV8886ATPWP Datasheet HTML 6Page - Texas Instruments DRV8886ATPWP Datasheet HTML 7Page - Texas Instruments DRV8886ATPWP Datasheet HTML 8Page - Texas Instruments DRV8886ATPWP Datasheet HTML 9Page - Texas Instruments DRV8886ATPWP Datasheet HTML 10Page - Texas Instruments DRV8886ATPWP Datasheet HTML 11Page - Texas Instruments DRV8886ATPWP Datasheet HTML 12Page - Texas Instruments DRV8886ATPWP Datasheet HTML 13Page - Texas Instruments DRV8886ATPWP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
R REF (k:)
10
20
30
40
50 60 70
100
200
300
300
0.01
0.02
0.03
0.05
0.07
0.1
0.2
0.3
0.5
0.7
1
2
D010
TRQ = 0
TRQ = Z
TRQ = 1
DVDD Load (mA)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
3.303
3.306
3.309
3.312
3.315
3.318
3.321
3.324
3.327
3.33
3.333
3.336
3.339
D009
T A = 125°C
T A = 85°C
T A = 25°C
T A = -40°C
Supply Voltage (V)
5
10
15
20
25
30
35
40
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
D007
TA = 40°C
TA = 25°C
TA = 125°C
Ambient Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0.2
0.22
0.24
0.26
0.28
0.3
0.32
0.34
0.36
0.38
0.4
0.42
D008
VM = 8 V
VM = 24 V
VM = 37 V
10
DRV8886AT
SLVSDO1 – JANUARY 2017
www.ti.com
Product Folder Links: DRV8886AT
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
Over recommended operating conditions (unless otherwise noted)
Figure 8. Low-Side RDS(ON) over VM
Figure 9. Low-Side RDS(ON) over Temperature
Figure 10. DVDD Regulator over Load (VM = 24 V)
Figure 11. Full-Scale Current over RREF Selection


Similar Part No. - DRV8886ATPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8886ATPWP TI1-DRV8886ATPWP Datasheet
2Mb / 43P
[Old version datasheet]   2-A Stepper Motor Driver With Integrated Current Sense and AutoTune Technology
DRV8886ATPWP TI1-DRV8886ATPWP Datasheet
2Mb / 46P
[Old version datasheet]   2-A Stepper Motor Driver With Integrated Current Sense and AutoTune Technology
DRV8886ATPWPR TI1-DRV8886ATPWPR Datasheet
2Mb / 43P
[Old version datasheet]   2-A Stepper Motor Driver With Integrated Current Sense and AutoTune Technology
DRV8886ATPWPR TI1-DRV8886ATPWPR Datasheet
2Mb / 46P
[Old version datasheet]   2-A Stepper Motor Driver With Integrated Current Sense and AutoTune Technology
More results

Similar Description - DRV8886ATPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8886AT TI1-DRV8886AT_18 Datasheet
2Mb / 43P
[Old version datasheet]   2-A Stepper Motor Driver With Integrated Current Sense and AutoTune Technology
DRV8886AT_1811 TI1-DRV8886AT_1811 Datasheet
2Mb / 46P
[Old version datasheet]   2-A Stepper Motor Driver With Integrated Current Sense and AutoTune Technology
DRV8886 TI1-DRV8886_18 Datasheet
2Mb / 45P
[Old version datasheet]   2-A Stepper Motor Driver With Integrated Current Sense
DRV8886 TI1-DRV8886 Datasheet
1Mb / 39P
[Old version datasheet]   2-A Stepper Motor Driver With Integrated Current Sense
DRV8880 TI-DRV8880_15 Datasheet
1Mb / 48P
[Old version datasheet]   DRV8880 2-A Stepper Motor Driver With AutoTune?
DRV8884 TI1-DRV8884_18 Datasheet
2Mb / 44P
[Old version datasheet]   1.0-A Stepper Motor Driver With Integrated Current Sense
DRV8885 TI1-DRV8885_18 Datasheet
2Mb / 44P
[Old version datasheet]   1.5-A Stepper Motor Driver With Integrated Current Sense
DRV8880 TI1-DRV8880 Datasheet
1Mb / 48P
[Old version datasheet]   Stepper Motor Driver With AutoTune
logo
Analog Devices
MAX22210 AD-MAX22210 Datasheet
350Kb / 24P
   36V, 3.8A Stepper Motor Driver with Integrated Current Sense and 128 Microstep Indexer
19-101181; Rev 0; 6/23
logo
Texas Instruments
DRV8874 TI1-DRV8874 Datasheet
879Kb / 31P
[Old version datasheet]   H-Bridge Motor Driver With Integrated Current Sense and Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com