Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8886AT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8886AT
Description  2-A Stepper Motor Driver With Integrated Current Sense and AutoTune Technology
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8886AT Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV8886AT Datasheet HTML 3Page - Texas Instruments DRV8886AT Datasheet HTML 4Page - Texas Instruments DRV8886AT Datasheet HTML 5Page - Texas Instruments DRV8886AT Datasheet HTML 6Page - Texas Instruments DRV8886AT Datasheet HTML 7Page - Texas Instruments DRV8886AT Datasheet HTML 8Page - Texas Instruments DRV8886AT Datasheet HTML 9Page - Texas Instruments DRV8886AT Datasheet HTML 10Page - Texas Instruments DRV8886AT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
7
DRV8886AT
www.ti.com
SLVSDO1 – JANUARY 2017
Product Folder Links: DRV8886AT
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
at TA = -40 to 125°C, VVM = 8 to 37 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MOTOR DRIVER OUTPUTS (AOUT1, AOUT2, BOUT1, BOUT2)
RDS(ON)
High-side FET on resistance
VM = 24 V, I = 1.4 A, TA = 25°C
290
346
m
RDS(ON)
Low-side FET on resistance
VM = 24 V, I = 1.4 A, TA = 25°C
260
320
m
tRISE
(1)
Output rise time
100
ns
tFALL
(1)
Output fall time
100
ns
tDEAD
(1)
Output dead time
200
ns
Vd
(1)
Body diode forward voltage
IOUT = 0.5 A
0.7
1
V
PWM CURRENT CONTROL (RREF)
ARREF
RREF transimpedance gain
28.1
30
31.9
kA
VRREF
RREF voltage
RREF = 18 to 132 k
1.18
1.232
1.28
V
tOFF
PWM off-time
20
μs
CRREF
Equivalent capacitance on
RREF
10
pF
tBLANK
PWM blanking time
IRREF = 2.0 A, 63% to 100% current
setting
1.5
µs
IRREF = 2.0 A, 0% to 63% current
setting
1
ΔITRIP
Current trip accuracy
IRREF = 1.5 A, 10% to 20% current
setting, 1% reference resistor
–15%
15%
IRREF = 1.5 A, 20% to 63% current
setting, 1% reference resistor
–10%
10%
IRREF = 1.5 A, 71% to 100% current
setting, 1% reference resistor
–6.25%
6.25%
PROTECTION CIRCUITS
VUVLO
VM UVLO
VM falling, UVLO report
7
7.8
V
VM rising, UVLO recovery
7.2
8
VUVLO,HYS
Undervoltage hysteresis
Rising to falling threshold
200
mV
VCPUV
Charge pump undervoltage
VCP falling; CPUV report
VM + 2
V
IOCP
Overcurrent protection trip
level
Current through any FET
3
A
tOCP
(1)
Overcurrent deglitch time
1.3
1.9
2.8
μs
tRETRY
Overcurrent retry time
1
1.6
ms
TTSD
(1)
Thermal shutdown
temperature
Die temperature TJ
150
°C
THYS
(1)
Thermal shutdown hysteresis
Die temperature TJ
20
°C


Similar Part No. - DRV8886AT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8886AT TI1-DRV8886AT Datasheet
2Mb / 43P
[Old version datasheet]   2-A Stepper Motor Driver With Integrated Current Sense and AutoTune Technology
DRV8886AT TI1-DRV8886AT Datasheet
2Mb / 46P
[Old version datasheet]   2-A Stepper Motor Driver With Integrated Current Sense and AutoTune Technology
DRV8886ATPWP TI1-DRV8886ATPWP Datasheet
2Mb / 43P
[Old version datasheet]   2-A Stepper Motor Driver With Integrated Current Sense and AutoTune Technology
DRV8886ATPWP TI1-DRV8886ATPWP Datasheet
2Mb / 46P
[Old version datasheet]   2-A Stepper Motor Driver With Integrated Current Sense and AutoTune Technology
DRV8886ATPWPR TI1-DRV8886ATPWPR Datasheet
2Mb / 43P
[Old version datasheet]   2-A Stepper Motor Driver With Integrated Current Sense and AutoTune Technology
More results

Similar Description - DRV8886AT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8886AT TI1-DRV8886AT_18 Datasheet
2Mb / 43P
[Old version datasheet]   2-A Stepper Motor Driver With Integrated Current Sense and AutoTune Technology
DRV8886AT_1811 TI1-DRV8886AT_1811 Datasheet
2Mb / 46P
[Old version datasheet]   2-A Stepper Motor Driver With Integrated Current Sense and AutoTune Technology
DRV8886 TI1-DRV8886_18 Datasheet
2Mb / 45P
[Old version datasheet]   2-A Stepper Motor Driver With Integrated Current Sense
DRV8886 TI1-DRV8886 Datasheet
1Mb / 39P
[Old version datasheet]   2-A Stepper Motor Driver With Integrated Current Sense
DRV8880 TI-DRV8880_15 Datasheet
1Mb / 48P
[Old version datasheet]   DRV8880 2-A Stepper Motor Driver With AutoTune?
DRV8884 TI1-DRV8884_18 Datasheet
2Mb / 44P
[Old version datasheet]   1.0-A Stepper Motor Driver With Integrated Current Sense
DRV8885 TI1-DRV8885_18 Datasheet
2Mb / 44P
[Old version datasheet]   1.5-A Stepper Motor Driver With Integrated Current Sense
DRV8880 TI1-DRV8880 Datasheet
1Mb / 48P
[Old version datasheet]   Stepper Motor Driver With AutoTune
logo
Analog Devices
MAX22210 AD-MAX22210 Datasheet
350Kb / 24P
   36V, 3.8A Stepper Motor Driver with Integrated Current Sense and 128 Microstep Indexer
19-101181; Rev 0; 6/23
logo
Texas Instruments
DRV8874 TI1-DRV8874 Datasheet
879Kb / 31P
[Old version datasheet]   H-Bridge Motor Driver With Integrated Current Sense and Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com