Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM505 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
Download  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 4 Page - Texas Instruments

  DM505 Datasheet HTML 1Page - Texas Instruments DM505 Datasheet HTML 2Page - Texas Instruments DM505 Datasheet HTML 3Page - Texas Instruments DM505 Datasheet HTML 4Page - Texas Instruments DM505 Datasheet HTML 5Page - Texas Instruments DM505 Datasheet HTML 6Page - Texas Instruments DM505 Datasheet HTML 7Page - Texas Instruments DM505 Datasheet HTML 8Page - Texas Instruments DM505 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 286 page
background image
4
DM505
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Table of Contents
Copyright © 2016–2017, Texas Instruments Incorporated
Table of Contents
1
Device Overview
......................................... 1
1.1
Features
............................................. 1
1.2
Applications
........................................... 2
1.3
Description
............................................ 2
1.4
Functional Block Diagram
........................... 3
2
Revision History
......................................... 5
3
Device Comparison
..................................... 6
3.1
Device Comparison Table
............................ 6
4
Terminal Configuration and Functions
.............. 8
4.1
Pin Diagram
.......................................... 8
4.2
Pin Attributes
......................................... 8
4.3
Signal Descriptions
.................................. 37
4.4
Pin Multiplexing
..................................... 63
4.5
Connections for Unused Pins
....................... 74
5
Specifications
........................................... 75
5.1
Absolute Maximum Ratings
......................... 75
5.2
ESD Ratings
........................................ 76
5.3
Power on Hour (POH) Limits
........................ 76
5.4
Recommended Operating Conditions
............... 77
5.5
Operating Performance Points
...................... 79
5.6
Power Consumption Summary
...................... 89
5.7
Electrical Characteristics
............................ 89
5.8
Thermal Characteristics
............................. 95
5.9
Timing Requirements and Switching
Characteristics
....................................... 97
6
Detailed Description
.................................. 175
6.1
Description
......................................... 175
6.2
Functional Block Diagram
......................... 175
6.3
DSP Subsystem
................................... 176
6.4
IPU
................................................. 181
6.5
EVE
................................................ 182
6.6
Memory Subsystem
................................ 184
6.7
Interprocessor Communication
.................... 187
6.8
Interrupt Controller
................................. 188
6.9
EDMA
.............................................. 188
6.10
Peripherals
......................................... 190
6.11
On-Chip Debug
.................................... 202
7
Applications, Implementation, and Layout
...... 206
7.1
Introduction
........................................ 206
7.2
Power Optimizations
............................... 207
7.3
Core Power Domains
.............................. 218
7.4
Single-Ended Interfaces
........................... 227
7.5
Differential Interfaces
.............................. 230
7.6
Clock Routing Guidelines
.......................... 232
7.7
LPDDR2 Board Design and Layout Guidelines
.... 233
7.8
DDR2 Board Design and Layout Guidelines
....... 242
7.9
DDR3 Board Design and Layout Guidelines
....... 254
7.10
CVIDEO/SD-DAC Guidelines and Electrical
Data/Timing
........................................ 277
8
Device and Documentation Support
.............. 279
8.1
Device Nomenclature
.............................. 279
8.2
Tools and Software
................................ 281
8.3
Documentation Support
............................ 281
8.4
Receiving Notification of Documentation Updates
. 282
8.5
Community Resources
............................. 282
8.6
Trademarks
........................................ 282
8.7
Electrostatic Discharge Caution
................... 283
8.8
Export Control Notice
.............................. 283
8.9
Glossary
............................................ 283
9
Mechanical Packaging Information
............... 284


Similar Part No. - DM505

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DM505 TI1-DM505 Datasheet
3Mb / 290P
[Old version datasheet]   SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
DM505 TI1-DM505 Datasheet
3Mb / 290P
[Old version datasheet]   SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
DM505LRBABF TI1-DM505LRBABF Datasheet
3Mb / 290P
[Old version datasheet]   SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
DM505LRBABF TI1-DM505LRBABF Datasheet
3Mb / 290P
[Old version datasheet]   SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
DM505LRBABFR TI1-DM505LRBABFR Datasheet
3Mb / 290P
[Old version datasheet]   SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
More results

Similar Description - DM505

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DM505 TI1-DM505_17 Datasheet
3Mb / 290P
[Old version datasheet]   SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
DM505_017 TI1-DM505_017 Datasheet
3Mb / 290P
[Old version datasheet]   SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
DM504 TI1-DM504 Datasheet
2Mb / 211P
[Old version datasheet]   SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_17 Datasheet
3Mb / 256P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3 TI1-TDA3_18 Datasheet
2Mb / 261P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V02 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V03 Datasheet
3Mb / 270P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV Datasheet
3Mb / 256P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI-TDA3MV_V04 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V01 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com