Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E523.61 Datasheet(PDF) 1 Page - ELMOS Semiconductor AG

Part # E523.61
Description  LIN 2.x OR PWM-INTERFACE STEPPER WITH STALL DETECTION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E523.61 Datasheet(HTML) 1 Page - ELMOS Semiconductor AG

  E523.61 Datasheet HTML 1Page - ELMOS Semiconductor AG E523.61 Datasheet HTML 2Page - ELMOS Semiconductor AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ELMOS Semiconductor AG
Info Sheet
QM-No.: 25IS0108E.00
This document contains information on a new product. ELMOS Semiconductor AG reserves the right to change specifications and information herein without notice.
LIN 2.x OR PWM-INTERFACE STEPPER WITH STALL DETECTION
E523.60/61
ADVANCE PRODUCT INFORMATION - NOV 08, 2012
Features
Applications
Typical Application Circuit
ÿ Drives one bipolar stepper motor
ÿ Sensorless stall detection
ÿ Programmable chopper current up to 2*190mA
ÿ Micro-stepping capability
ÿ Supply voltage 7V to 18V (reduced 6V to 25V,42V)
ÿ Sleep mode current typically 30µA
ÿ 8 bit micro-controller with 256 Byte RAM
ÿ 8 KByte FLASH memory (FLASH version)
ÿ 8 KByte ROM (ROM version)
ÿ 64 Byte customer EEPROM
ÿ Potentiometer input and digital
I/O interface DI1,2;DO
ÿ LIN2.x transceiver compatible to LIN2.2A, LIN2.1,
LIN2.0, LIN1.3 and SAE-J2602-2
ÿ LIN auto-addressing
ÿ Junction temperature range -40°C to +150°C
ÿ Universal bipolar stepper motor actuators
ÿ HVAC flap actuator
ÿ Small grill shutter
ÿ Water valve actuator
ÿ Multi purpose LIN slave
General Description
This bipolar stepper-motor actuator provides a sensor-
less end position detection which also is able to de-
tect a blocked motor due to mechanical problems. This
function, called “stall detection” is performing within
a wide range of motors, supply voltages and ambient
temperatures. The stepper motor coil currents can be
controlled by the integrated micro-controller and a cur-
rent chopper principle. For precise absolute positioning
it is possible to supply and read out a potentiometer.
The state of the art LIN 2.2Rev.A / LIN2.1 transceiver
with auto-baud functionality is downwards compat-
ible to LIN1.3. For fast customer’s end-of-line FLASH
firmware programming, the FLASH-version is prepared
with a JTAG interface. Alternatively a partial or com-
plete FLASH update can be done via high-speed-LIN
communication.
Ordering Information
Product ID
Features
Package
E523.60
8k FLASH
QFN32L6
E523.61
8k ROM
QFN20L5
A0
VSP
VS
BUS_IN
LIN_M
BUS_OUT
EMC filter
(optional)
LIN_S
VBAT
GNDBUS
VDDA
GND
CVS
CVDDA
CVDDD
GNDPA
GNDPB
Bipolar
Stepper
Motor
A1
B1
B0
TESTEN
E523.60/61
M
CBUS
RPOT
VDDD
D1/TAIO
DO/TDO
DI1/TDI
TCK
DI2/TMS


Similar Part No. - E523.61

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E523.01C ELMOS-E523.01C Datasheet
241Kb / 2P
   B6 Bridge FET Driver with LIN/PWM Interface
E523.02C ELMOS-E523.02C Datasheet
241Kb / 2P
   B6 Bridge FET Driver with LIN/PWM Interface
E523.03 ELMOS-E523.03 Datasheet
245Kb / 2P
   DC MOTOR LS FET DRIVER WITH 關C SUPPLY AND LIN 2.X
E523.04 ELMOS-E523.04 Datasheet
245Kb / 2P
   DC MOTOR LS FET DRIVER WITH 關C SUPPLY AND LIN 2.X
E523.05 ELMOS-E523.05 Datasheet
242Kb / 2P
   BLDC-MOTOR CONTROLLER WITH 16BIT CPU
More results

Similar Description - E523.61

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E523.30C ELMOS-E523.30C Datasheet
187Kb / 2P
   Power LIN2.X Stepper with Stall Detection
E523.40 ELMOS-E523.40 Datasheet
689Kb / 15P
   3-PHASE STEPPER OR BLDC MOTOR CONTROLLER WITH LIN 2.x or PWM
logo
List of Unclassifed Man...
TMC246 ETC2-TMC246_06 Datasheet
185Kb / 26P
   High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnosis and SPI Interface
TMC249 ETC2-TMC249_05 Datasheet
205Kb / 25P
   High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnostics and SPI Interface
TMC246A ETC2-TMC246A Datasheet
181Kb / 24P
   High Current Microstep Stepper Motor Driver with sensorless stall detection, protection / diagnosis and SPI Interface
logo
Texas Instruments
DRV8434S TI-DRV8434S Datasheet
4Mb / 73P
[Old version datasheet]   DRV8434S Stepper Driver With Integrated Current Sense, 1/256 Microstepping, SPI Interface, Smart Tune Technology and Stall Detection
logo
STMicroelectronics
L99SM81V STMICROELECTRONICS-L99SM81V Datasheet
3Mb / 85P
   Programmable stepper motor driver for automotive applications with micro-stepping and stall detection
June 2017 Rev 4
logo
TRINAMIC Motion Control...
TMC211 TRINAMIC-TMC211_1 Datasheet
656Kb / 56P
   Micro Stepping Stepper Motor Controller / Driver with LIN Interface
logo
ELMOS Semiconductor AG
E520.01 ELMOS-E520.01 Datasheet
686Kb / 2P
   Channel Low Side Driver with Stall Detection
E523.01C ELMOS-E523.01C Datasheet
241Kb / 2P
   B6 Bridge FET Driver with LIN/PWM Interface
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com