Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E522.34 Datasheet(PDF) 1 Page - ELMOS Semiconductor AG

Part # E522.34
Description  2 CHANNEL SWITCHED MODE CONSTANT CURRENT CONTROLLER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E522.34 Datasheet(HTML) 1 Page - ELMOS Semiconductor AG

  E522.34 Datasheet HTML 1Page - ELMOS Semiconductor AG E522.34 Datasheet HTML 2Page - ELMOS Semiconductor AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
E522.32/34
Elmos Semiconductor AG
Info Sheet
QM-No.: 25IS0078E.05
2 CHANNEL SWITCHED MODE CONSTANT CURRENT CONTROLLER
Elmos Semiconductor AG reserves the right to change the detail specifications as may be required to permit improvements in the design of its products.
PRODUCTION DATA - JUL 29, 2016
Features
Applications
ÿ Dual switched-mode, PWM LED controller
ÿ 5V to 55V input voltage range, up to 80V boosted
output voltage
ÿ Boost-, SEPIC, Buck-Boost- or Buck Topology
supported
ÿ Constant Current Regulation implemented
ÿ High-Precision Differential High-Side Sense up to 60V
ÿ High-Frequency PWM Dimming Capability for
constant LED Color
ÿ Analog 10:1 Dimming Capability for LED Binning
ÿ Integrated Softstart
ÿ Advanced Error Detection (e.g. Over-Voltage,
Open-Load Detection, different Shorts or GND Loss)
ÿ Integrated Automotive LDOs for 5V & 3.3V
ÿ AEC-Q100 Qualified
ÿ Junction temperature range -40°C to +150°C
ÿ Automotive LED lighting Applications (daytime
running light, indicator, front- and rear light,
interior lighting etc.)
ÿ General Indoor and Outdoor Lighting and -Signals
ÿ TFT Backlighting
ÿ General Current driven Applications
General Description
E522.32 and E522.34 are part of a family of fixed fre-
quency switched-mode high voltage LED power sup-
plies and controllers with high efficiency. Integrated
high-side sensing allows topologies related to the sup-
ply input (Boost-to-Battery) or to GND (Boost-to-GND).
The devices are suitable for operation in boost-, buck-
boost-, SEPIC- and buck-topologies, particularly in
harsh automotive environments.
The constant switching frequency is adjustable up to
600kHz by an external resistor or can be synchronized
in Master-Slave configurations with other devices. The
phase shift of 180° between channels essentially re-
duces EMI.
Multiple control- and monitoring functions, e.g. short-
and open load detection, over-temperature shutdown
and under-voltage lockout are implemented.
Ordering Information
Typical Application Circuit
FBL1
FBH1
“ Boost to Battery Circuit ”
“ Boost to GND Circuit ”
OVP1
OVP2
VSM
FBL2
FBL2
DIM2
VIN
VIN
FBH2
DIM1
VSM
FBH2
OVPIN2
OVPO
OVPIN1
FBH1
FBL1
ERRB2
µC
FBL1
FBH1
OVP1
OVP2
FBH2
FBL2
µC
µC
DIM1
VSM
LGATE2
LGATE1
PWDIM2
PWDIM1
OSCIN
ON
VIN
VIN
AGND
DIM2
E522.32
Ordering-No.
Oscillator
Spectrum
Softstart
Ramping
Package
E52232A61C
spread
Slow Ramping (SR) QFN32L5
E52232A61CXFR
spread
Fast Ramping (FR) QFN32L5
E52234A61C
narrow
Slow Ramping (SR) QFN32L5
E52234A61CXFR
narrow
Fast Ramping (FR) QFN32L5


Similar Part No. - E522.34

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E522.34 ELMOS-E522.34 Datasheet
215Kb / 2P
   SWITCH-MODE SONSTANT CURRENT LED CONTROLLER FAMILY
More results

Similar Description - E522.34

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E522.31 ELMOS-E522.31_16 Datasheet
504Kb / 20P
   CHANNEL SWITCHED MODE CONSTANT CURRENT CONTROLLER
logo
ON Semiconductor
NCP1360 ONSEMI-NCP1360 Datasheet
375Kb / 29P
   Low Power Offline Constant Current & Constant Voltage PWM Current-Mode Controller
October, 2015 ??Rev. 1
logo
Micrel Semiconductor
MIC2124 MICREL-MIC2124 Datasheet
680Kb / 24P
   Constant Frequency, Synchronous Current Mode Buck Controller
logo
Unisonic Technologies
USL1601 UTC-USL1601 Datasheet
174Kb / 6P
   CONSTANT CURRENT CONTROLLER
logo
ELMOS Semiconductor AG
E522.31 ELMOS-E522.31 Datasheet
211Kb / 2P
   SWITCH-MODE CONSTANT CURRENT LED CONTROLLER FAMILY
logo
ON Semiconductor
NCL30105 ONSEMI-NCL30105 Datasheet
623Kb / 22P
   Constant Off Time PWM Current-Mode Controller
May, 2012 ??Rev. 2
logo
Shenzhen Huazhimei Semi...
HM7502 HMSEMI-HM7502 Datasheet
477Kb / 9P
   2-channel Constant Current Regulator
logo
Texas Instruments
UCC28710 TI1-UCC28710_15 Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
logo
HTC Korea TAEJIN Techno...
TJ1052 HTC-TJ1052 Datasheet
181Kb / 4P
   CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
TJ1051 HTC-TJ1051_08 Datasheet
192Kb / 4P
   CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com