Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG-BGA-4018 Datasheet(PDF) 4 Page - Ironwood Electronics.

Part # CG-BGA-4018
Description  Ball guide prevents over compression of elastomer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CG-BGA-4018 Datasheet(HTML) 4 Page - Ironwood Electronics.

  CG-BGA-4018 Datasheet HTML 1Page - Ironwood Electronics. CG-BGA-4018 Datasheet HTML 2Page - Ironwood Electronics. CG-BGA-4018 Datasheet HTML 3Page - Ironwood Electronics. CG-BGA-4018 Datasheet HTML 4Page - Ironwood Electronics. CG-BGA-4018 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
18.725±0.05 (x4)
22.725 (x4)
4.00 (x4)
3.00
1.71 (x4)
15
6
4
3
12
7
1
16
14
17
11
13
10
9
18
8
2
5
5.00
2.50
Backing Plate Top View
Backing Plate Side View
ITEM NO.
Description
Material
1
CG Socket Base 16.325mm
Pocket 18.725mm Holes
7075-T6 Aluminum Alloy
2
Clam shell lid for 17mm IC
7075-T6 Aluminum Alloy
3
Compression Plate
7075-T6 Alumium Alloy
4
M10 Comression Screw
7075-T6 Aluminum Alloy
5
Precision Compression Spring,
Zinc-Plated Music Wire, 1/2"
Length, .12" OD, .016" Wire
Zinc Plated Music Wire
6
Spring Clamshell lid assembly
Steel Music Wire
7
Hinge Pin and Snap Ring,
3mm OD, 25mm long, SS
Stainless Steel (ferritic)
8
Clamshell Latch
7075-T6 Aluminum Alloy
9
Ball Guide for 8.8X16mm
10X19 array 0.8mm pitch
Kapton Polyimide/Cirlex
10
Elastomer Guide 16mm IC
Ultem 1000
11
0.75mm thick 0.1mm pitch 63
deg angled elastomer
Silicon Rubber
12
BGA189 IC 0.8mm pitch 10x19
array
FR4
13
PCB BGA189 0.8mm pitch
10x19 array
Material <not specified>
14
16x16mm Clamshell Backing
Plate
7075-T6 Aluminum Alloy
15
Screw, M3 x 12mm, Low Head
Cap, SS
18-8 Stainless Steel
16
Dowel Pin, 1/32" x 3/16", SS
Chrome Stainless Steel
17
#0-80 X .375 LG, SOC HD
CAP SCREW, ALLOY STL,
BLK OXIDE
Alloy Steel
18
IC Guide 8.8x16mm IC
Torlon 4203
Tolerances: Hole diameters ±0.0254mm [±0.001"], Pitches (from true position) ±0.0762mm [±0.003"], substrate thickness tolerance ±10%, all
other tolerances ±0.127mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Skt and Backing plate Detail
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. B
DATE: 02/15/2015
Material: Material <not specified>
Finish:
Weight: 67.28
CG-BGA-4018 Drawing
SCALE: 1.8:1
SHEET: 4 OF 5
ENG: S. Huang
FILE: CG-BGA-4018 Dwg
DRAWN BY: S. Huang
©2015 Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com


Similar Part No. - CG-BGA-4018

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CG-BGA-4010 IRONWOOD-CG-BGA-4010 Datasheet
81Kb / 3P
   Directly mounts to target PCB with hardware
CG-BGA-4011 IRONWOOD-CG-BGA-4011 Datasheet
82Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-4012 IRONWOOD-CG-BGA-4012 Datasheet
214Kb / 5P
   Directly mounts to target PCB with hardware
CG-BGA-4013 IRONWOOD-CG-BGA-4013 Datasheet
153Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-4019 IRONWOOD-CG-BGA-4019 Datasheet
282Kb / 3P
   Ball guide prevents over compression of elastomer
More results

Similar Description - CG-BGA-4018

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6095 IRONWOOD-SG-BGA-6095 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6096 IRONWOOD-SG-BGA-6096 Datasheet
95Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6020 IRONWOOD-SG-BGA-6020 Datasheet
154Kb / 4P
   Ball guide prevents over compression of elastomer
SG-MLF-7093 IRONWOOD-SG-MLF-7093 Datasheet
542Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6105 IRONWOOD-SG-BGA-6105 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6107 IRONWOOD-SG-BGA-6107 Datasheet
123Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6041 IRONWOOD-SG-BGA-6041 Datasheet
129Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6035 IRONWOOD-SG-BGA-6035 Datasheet
183Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6033 IRONWOOD-SG-BGA-6033 Datasheet
76Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6045 IRONWOOD-SG-BGA-6045 Datasheet
93Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6044 IRONWOOD-SG-BGA-6044 Datasheet
60Kb / 3P
   Ball guide prevents over compression of elastomer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com