Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG-BGA-4013 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # CG-BGA-4013
Description  Directly mounts to target PCB with hardware
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CG-BGA-4013 Datasheet(HTML) 2 Page - Ironwood Electronics.

  CG-BGA-4013 Datasheet HTML 1Page - Ironwood Electronics. CG-BGA-4013 Datasheet HTML 2Page - Ironwood Electronics. CG-BGA-4013 Datasheet HTML 3Page - Ironwood Electronics. CG-BGA-4013 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE 2 of 4
Recommended PCB Layout Tolerances: ±0.025mm [±0.001”] unless stated otherwise.
Recommended PCB Layout
Top View
Target PCB Recommendations
Total thickness: 2.4mm min.
Plating: Gold or Solder finish
PCB Pad height: Same or higher than solder mask
NOTE: Steel backing plate may be required based on end user's application
Status: Released
Drawing: E Smolentseva
Scale: -
Rev: A
Date: 7/14/10
File: CG-BGA-4013 Dwg
CG-BGA-4013 Drawing
Modified:
© 2010 IRONWOOD ELECTRONICS, INC.
11351 Rupp Drive, Suite 400, Burnsville, MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com
Non plated Mounting Hole
Non plated alignment hole
Orientation Mark
1.25mm±0.13mm(x4)
1.25mm±0.13mm(x4)
50.23mm±0.125mm(x4)
5.08mm
23.8625mm(x8)
1.27mm typ.
2.54mm
Ø 0.85mm±0.025mm(x2)
Ø 0.64mm pad (x1152)
3.2825mm*
Socket size
2.9075mm
52.73mm±0.125mm(x4)
2.5mm±0.13mm
2.5mm±0.13mm
Backing plate size
Ø 1.71mm±0.1mm (x8)
*Note: BGA pattern is shifted to the right by 0.375mm
with respect to the mounting holes.


Similar Part No. - CG-BGA-4013

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CG-BGA-4010 IRONWOOD-CG-BGA-4010 Datasheet
81Kb / 3P
   Directly mounts to target PCB with hardware
CG-BGA-4011 IRONWOOD-CG-BGA-4011 Datasheet
82Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-4012 IRONWOOD-CG-BGA-4012 Datasheet
214Kb / 5P
   Directly mounts to target PCB with hardware
CG-BGA-4018 IRONWOOD-CG-BGA-4018 Datasheet
319Kb / 5P
   Ball guide prevents over compression of elastomer
CG-BGA-4019 IRONWOOD-CG-BGA-4019 Datasheet
282Kb / 3P
   Ball guide prevents over compression of elastomer
More results

Similar Description - CG-BGA-4013

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CG-BGA-4001 IRONWOOD-CG-BGA-4001 Datasheet
182Kb / 5P
   Directly mounts to target PCB with hardware
CG-BGA-4002 IRONWOOD-CG-BGA-4002 Datasheet
145Kb / 4P
   Directly mounts to target PCB with hardware
CG-QFN-7000 IRONWOOD-CG-QFN-7000 Datasheet
129Kb / 4P
   Directly mounts to target PCB with hardware
CG-QFN-7005 IRONWOOD-CG-QFN-7005 Datasheet
72Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-5008 IRONWOOD-CG-BGA-5008 Datasheet
157Kb / 5P
   Directly mounts to target PCB with hardware
CG-BGA-4003 IRONWOOD-CG-BGA-4003 Datasheet
121Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-4004 IRONWOOD-CG-BGA-4004 Datasheet
178Kb / 5P
   Directly mounts to target PCB with hardware
CG-BGA-4009 IRONWOOD-CG-BGA-4009 Datasheet
132Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-4012 IRONWOOD-CG-BGA-4012 Datasheet
214Kb / 5P
   Directly mounts to target PCB with hardware
CG-QFN-7003 IRONWOOD-CG-QFN-7003 Datasheet
65Kb / 3P
   Directly mounts to target PCB with hardware
CG-BGA-5000 IRONWOOD-CG-BGA-5000 Datasheet
83Kb / 4P
   Directly mounts to target PCB with hardware
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com