Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK139 Datasheet(PDF) 1 Page - Caddock Electronics, Inc.

Part # TK139
Description  Type TK Low TC Precision Radial-Lead Film Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADDOCK [Caddock Electronics, Inc.]
Direct Link  http://www.caddock.com/
Logo CADDOCK - Caddock Electronics, Inc.

TK139 Datasheet(HTML) 1 Page - Caddock Electronics, Inc.

  TK139 Datasheet HTML 1Page - Caddock Electronics, Inc. TK139 Datasheet HTML 2Page - Caddock Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IL115.0710
Sales and Corporate Office
1717 Chicago Avenue
Riverside, California 92507-2364
Phone: (951) 788-1700
Fax: (951) 369-1151
Applications Engineering
17271 North Umpqua Hwy.
Roseburg, Oregon 97470-9422
Phone: (541) 496-0700
Fax: (541) 496-0408
e-mail: caddock@caddock.com • web: www.caddock.com
For Caddock Distributors listed by country see caddock.com/contact/dist.html
© 2010 Caddock Electronics, Inc.
ELECTRONICS, INC.
Type TK Low TC Precision Radial-Lead Resistors with
the Tetrinox® resistance system solve the reliability problems
related to other low TC precision resistor technologies. The
robust construction of Caddock's Type TK Resistors provides
reliable operation even in harsh temperature cycling and/or
power cycling environments.
Type TK Low TC Precision Radial-Lead Film Resistors
provide a combination of performance advantages never
before available in a resistive component:
Low Temperature Coefficient - better than 5 ppm/°C,
10 ppm/°C, or 20 ppm/°C over the entire temperature range
from -55°C to +125°C!
Long-Term Absolute Stability - typically better than
±0.05% per 2,000 hours of operation.
Extended Resistance Range -
from 1 K ohm to 10 Megohm.
Precision Tolerances - ±0.1% is
standard, and tolerances of ±1%
and ±0.05% are available.
Wide Operating Temperature
Range - from -55°C to +175°C.
Small Size - with four miniature
rectangular cases for maximum
packaging density and minimum
mounting area.
High Power Density - with power
ratings of 0.2 Watt and 0.3 Watt in
molded cases, the largest of
which is a standard CK06 package.
Caddock's Non-Inductive Performance - provides faster
settling times and minimum distortion in all types of high
frequency circuits.
High Density Packaging - the radial-lead mounting and
small rectangular case of the Type TK resistors permit high
packaging densities in low profile circuitry. Because the
four models of the Type TK resistors are available in an
exceptionally wide range of resistance values, lead spacing
and mounting space can be standardized in a larger
number of designs.
Low TC of 5 ppm/°C, 10 ppm/°C, or 20 ppm/°C and Resistance Range from 1 Kohm to 10 Meg
Type TK Low TC Precision Radial-Lead Film Resistors
(Photos show
resistors full size)
Page 1 of 2
The Tetrinox® Resistance System was introduced
by Caddock in 1975. Tetrinox provides a wide range of
resistivities, with the higher resistivities capable of producing
resistance values up to 100 times higher than other ultra-low
TC resistors in a similar size component. The essentially
linear TC is well within 10 ppm/°C over the entire temperature
range from -55°C to +125°C. By using
TK resistors engineers can design high precision circuits with
lower current drain and lower power requirements.
Through our R&D, Caddock has continued to improve
the Tetrinox Resistance System, building on over 40 years of
experience with our unique complex oxide resistance system
technologies.
Low TC “Matched-Pair” Voltage Dividers can be
Assembled Without Pre-Selection of Resistors.
An important application for Type TK resistors is in
“matched-pair” voltage dividers where the low 5 ppm/°C
temperature coefficient provides ratio tracking of less than 10
ppm/°C without resistor pre-selection or special testing. With
factory selection, Type TK resistor pairs can be matched to
within 1 ppm/°C.
For Military Applications, Caddock recommends the
“Pure Tin Free” design of Models TK134 and TK634, that
have Gold Plated lead finish.
Please see the “TK134 and TK634” data sheet.
Recommended Limitation of Use:
The Type TK resistors that are shown on this data sheet have
pure matte tin (Sn) lead finish which is a preferred lead finish
in commercial and industrial applications. These resistors are
recommended by Caddock for use only in commercial and
industrial applications. Any use of this product in a military
program, against this recommended limitation of use, will be
completely supported by the customer program design activity
and component engineering activity based on their complete
evaluation and testing, there will be no support provided by
Caddock for this military use.
Background regarding the “Recommended Limitation of
Use” for these Type TK resistors:
Presently, military applications either prohibit the use of a
matte tin lead finish or are trending toward this prohibition.
Therefore, Caddock no longer recommends and no longer
supports, in any way, the Type TK Resistors that are shown
on this data sheet for use in military applications.


Similar Part No. - TK139

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TK139 ETC2-TK139 Datasheet
166Kb / 2P
   Low TC Precision Radial-Lead Film Resistors
More results

Similar Description - TK139

ManufacturerPart #DatasheetDescription
logo
Caddock Electronics, In...
TK200 CADDOCK-TK200 Datasheet
371Kb / 2P
   Type TK Low TC Precision Radial-Lead Film Resistors
logo
List of Unclassifed Man...
TK121 ETC2-TK121 Datasheet
166Kb / 2P
   Low TC Precision Radial-Lead Film Resistors
logo
Caddock Electronics, In...
MK200 CADDOCK-MK200 Datasheet
430Kb / 2P
   Type MK Precision Power Film Radial-Lead Resistors
logo
List of Unclassifed Man...
MK120 ETC2-MK120 Datasheet
210Kb / 2P
   Precision Power Film Radial-Lead Resistors
logo
Caddock Electronics, In...
TF020N CADDOCK-TF020N Datasheet
180Kb / 1P
   Type TF Low TC Ultra-Precision Film Resistors
logo
List of Unclassifed Man...
TF020N ETC2-TF020N Datasheet
116Kb / 1P
   Low TC Ultra-Precision Film Resistors
logo
Caddock Electronics, In...
TN130 CADDOCK-TN130 Datasheet
122Kb / 1P
   Type TN Lab Grade Low TC Precision Film Resistors
logo
List of Unclassifed Man...
TN130 ETC2-TN130 Datasheet
106Kb / 1P
   Lab Grade Low TC Precision Film Resistors
logo
Caddock Electronics, In...
USF240 CADDOCK-USF240 Datasheet
181Kb / 2P
   Type USF Ultra-Stable Low TC Film Resistors
TG931 CADDOCK-TG931 Datasheet
165Kb / 1P
   Type TG Low TC Precision High Voltage Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com