Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TK133V Datasheet(PDF) 2 Page - Caddock Electronics, Inc.

Part # TK133V
Description  Type TK Low TC Precision Radial-Lead Film Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADDOCK [Caddock Electronics, Inc.]
Direct Link  http://www.caddock.com/
Logo CADDOCK - Caddock Electronics, Inc.

TK133V Datasheet(HTML) 2 Page - Caddock Electronics, Inc.

  TK133V Datasheet HTML 1Page - Caddock Electronics, Inc. TK133V Datasheet HTML 2Page - Caddock Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Sales and Corporate Office
1717 Chicago Avenue
Riverside, California 92507-2364
Phone: (951) 788-1700
Fax: (951) 369-1151
Applications Engineering
17271 North Umpqua Hwy.
Roseburg, Oregon 97470-9422
Phone: (541) 496-0700
Fax: (541) 496-0408
e-mail: caddock@caddock.com • web: www.caddock.com
For Caddock Distributors listed by country see caddock.com/contact/dist.html
© 2010 Caddock Electronics, Inc.
ELECTRONICS, INC.
IL115.0710
Model TK121 and TK621
2.00 MEG
TK621
0.1%
1.50
+3.18)
-0.00)
+.125
-.000
.150 ±.015
(3.81 ±.38)
(CENTERED)
.245
±
.010
(6.22
±
.26)
(38.10
.095 ±.005
(2.41 ±.13)
.245 ±.010
(6.22 ±.26)
.025 ±.002
(.64 ±.05) DIA.,
LEADWIRE
OFFSET
.012 (.31)
FROM
CENTERLINE
Model TK133 and TK633
.290
±
.010
(7.37
±
.26)
1.50
+3.18)
-0.00)
+.125
-.000
(38.10
.095 ±.005
(2.41 ±.13)
.025 ±.002
(.64 ±.05) DIA.,
LEADWIRE
OFFSET
.012 (.31)
FROM
CENTERLINE
.290 ±.010
(7.37 ±.26)
.200 ±.015
(5.08 ±.38)
(CENTERED)
10.0 MEG
TK633
0.1%
Case "B"
Resistance
Min.
Max.
Dimensions
Encapsulation
Leadwire
Max.
Working
Voltage
Model
No.
Wattage
@
+125°C
Temperature
Coefficient
ppm/°C
Dielect.
Strength
Comments
Ref. Case "D" Dwg.
TK
133V
0.3
300
5, 10, or 20
400
1 K
1.5 Meg
With Standoff
Ref. Case "B" Dwg.
TK
133
0.3
300
5, 10, or 20
400
1 K
1.5 Meg
Ref. Case "A" Dwg.
Tinned Copper
TK
121
0.2
200
5, 10, or 20
300
1 K
500 K
Ref. Case "C" Dwg.
TK
139
0.3
300
5, 10, or 20
400
1 K
1.5 Meg
Limited
by
Maximum
Working
Voltage
Ref. Case "D" Dwg.
TK
633V
300
5, 10 or 20
400
1.51 Meg
10 Meg
With Standoff
Ref. Case "A" Dwg.
TK
621
200
5, 10 or 20
300
501 K
2 Meg
Ref. Case "B" Dwg.
TK
633
300
5, 10 or 20
400
1.51 Meg
10 Meg
Ref. Case "C" Dwg.
TK
639
300
5, 10 or 20
400
1.51 Meg
10 Meg
Transfer Molded
Transfer Molded
Transfer Molded
Transfer Molded
Transfer Molded
Transfer Molded
Transfer Molded
Transfer Molded
Tinned Copper
Tinned Copper
Tinned Copper
Tinned Copper
Tinned Copper
Tinned Copper
Tinned Copper
Case "A"
Model TK133V and TK633V
.025 ±.002
(.64 ±.05) DIA.,
LEADWIRE OFFSET
.012 (.31) FROM
CENTERLINE
.250
±
1.27)
±
.050
(6.35
.290
±
.010
(7.37
±
.26)
.200 ±.015
(5.08 ±.38)
(CENTERED)
10.0 MEG
TK633V
0.1%
.090
(2.29)
.030 ±.004
(.76 ± .10)
.095 ±.005
(2.41 ±.13)
.290 ±.010
(7.37 ±.26)
Model TK139 and TK639
.305
±
.010
(7.75
±
.26)
.105 ±.005
(2.67 ±.13)
.305 ±.010
(7.75 ±.26)
.025 ±.002
(.64 ±.05) DIA.,
LEADWIRE
OFFSET
.012 (.31)
FROM
CENTERLINE
10.0 MEG
TK639
0.1%
1.50
+3.18)
-0.00)
+.125
-.000
.150 ±.015
(3.81 ±.38)
(CENTERED)
(38.10
Case "C"
Case "D"
Derating Curve:
AMBIENT TEMPERATURE, °C
100
80
60
40
20
0 25 75 125 175 225
Type TK Low TC Precision Radial-Lead Film Resistors
Page 2 of 2
Ordering Information:
TK633 - 10.0 Meg - 0.1% - 10 ppm/°C
Model Number
Tolerance
Resistor Value
Temperature
Coefficient
Resistance Tolerance: ±0.1% Standard
(tolerances of ±1% and ±0.05% are available)
Temperature Coefficient: Referenced to
25°C, ∆R taken at -55°C to +125°C.
TC identification is made with a color stripe on
the top edge of the part.
5 ppm/°C White Stripe
10 ppm/°C No Stripe
20 ppm/°C Green Stripe
Overload*:
TK100 Series - 6.25 times rated power for
5 seconds at voltage not to exceed 1.5 times
maximum rated working voltage, ∆R less
than 0.05%.
TK600 Series - 1.5 times rated working voltage
for 5 seconds, ∆R less than 0.2%.
Operating Temperature: -55°C to +175°C.
Thermal Shock:
TK100 Series - Mil-Std-202, Method 107,
Cond. B, ∆R less than 0.05%.
TK600 Series - Mil-Std-202, Method 107,
Cond. B, ∆R less than 0.1%.
Low Temperature Operation*:
TK100 Series - ∆R less than 0.02%.
TK600 Series - ∆R less than 0.05%.
Dielectric Withstanding Voltage*:
TK100 Series - ∆R less than 0.02%.
TK600 Series - ∆R less than 0.05%.
Moisture Resistance*:
Mil-Std-202, Method 106,
1K to 500K ∆R less than 0.05%,
500.1K to 10.0 Meg ∆R less than 0.1%.
Load Life*: 2,000 hours at +125°C.
TK100 Series -
1K to 500K ∆R less than 0.07%,
500.1K to 1.5 Meg ∆R less than 0.1%.
TK600 Series -
1.51 Meg to 10 Meg ∆R less than 0.2%.
Shelf Life (Typical):
TK100 Series - 25 ppm/year.
TK600 Series - 50 ppm/year.
InsulationResistance: 10,000 Megohms.
Vibration*:
TK100 Series - ∆R less than 0.03%.
TK600 Series - ∆R less than 0.05%.
Shock*: ∆R less than 0.05%.
*Test methods per procedures of
Mil-PRF-55182/9.
DIMENSIONS IN INCHES AND (MILLIMETERS)


Similar Part No. - TK133V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TK133V ETC2-TK133V Datasheet
166Kb / 2P
   Low TC Precision Radial-Lead Film Resistors
More results

Similar Description - TK133V

ManufacturerPart #DatasheetDescription
logo
Caddock Electronics, In...
TK200 CADDOCK-TK200 Datasheet
371Kb / 2P
   Type TK Low TC Precision Radial-Lead Film Resistors
logo
List of Unclassifed Man...
TK121 ETC2-TK121 Datasheet
166Kb / 2P
   Low TC Precision Radial-Lead Film Resistors
logo
Caddock Electronics, In...
MK200 CADDOCK-MK200 Datasheet
430Kb / 2P
   Type MK Precision Power Film Radial-Lead Resistors
logo
List of Unclassifed Man...
MK120 ETC2-MK120 Datasheet
210Kb / 2P
   Precision Power Film Radial-Lead Resistors
logo
Caddock Electronics, In...
TF020N CADDOCK-TF020N Datasheet
180Kb / 1P
   Type TF Low TC Ultra-Precision Film Resistors
logo
List of Unclassifed Man...
TF020N ETC2-TF020N Datasheet
116Kb / 1P
   Low TC Ultra-Precision Film Resistors
logo
Caddock Electronics, In...
TN130 CADDOCK-TN130 Datasheet
122Kb / 1P
   Type TN Lab Grade Low TC Precision Film Resistors
logo
List of Unclassifed Man...
TN130 ETC2-TN130 Datasheet
106Kb / 1P
   Lab Grade Low TC Precision Film Resistors
logo
Caddock Electronics, In...
USF240 CADDOCK-USF240 Datasheet
181Kb / 2P
   Type USF Ultra-Stable Low TC Film Resistors
TG931 CADDOCK-TG931 Datasheet
165Kb / 1P
   Type TG Low TC Precision High Voltage Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com