Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG-BGA-4001 Datasheet(PDF) 5 Page - Ironwood Electronics.

Part # CG-BGA-4001
Description  Directly mounts to target PCB with hardware
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CG-BGA-4001 Datasheet(HTML) 5 Page - Ironwood Electronics.

  CG-BGA-4001 Datasheet HTML 1Page - Ironwood Electronics. CG-BGA-4001 Datasheet HTML 2Page - Ironwood Electronics. CG-BGA-4001 Datasheet HTML 3Page - Ironwood Electronics. CG-BGA-4001 Datasheet HTML 4Page - Ironwood Electronics. CG-BGA-4001 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
A
50.6mm
[1.992"]
55.23mm [2.174"]
10.5mm [0.413"]
24mm [0.945"]
39mm [1.535"]
16mm [0.630"]
7.51mm [0.296"]
3.5mm [0.138"]
26.15mm [1.029"]
64.74mm [2.549"]
32.79mm [1.291"]
PAGE 5 of 5
Status: Released
Drawing: J. Glab
Scale: -
Rev: A
Date: 7/30/07
File: CG-BGA-4001 Dwg.mcd
CG-BGA-4001 Drawing
Modified:
© 2007 IRONWOOD ELECTRONICS, INC.
11351 Rupp Drive, Suite 400, Burnsville, MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com
8.6mm


Similar Part No. - CG-BGA-4001

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CG-BGA-4000 IRONWOOD-CG-BGA-4000 Datasheet
237Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-4002 IRONWOOD-CG-BGA-4002 Datasheet
145Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-4003 IRONWOOD-CG-BGA-4003 Datasheet
121Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-4004 IRONWOOD-CG-BGA-4004 Datasheet
178Kb / 5P
   Directly mounts to target PCB with hardware
CG-BGA-4005 IRONWOOD-CG-BGA-4005 Datasheet
178Kb / 5P
   Directly mounts to target PCB with hardware
More results

Similar Description - CG-BGA-4001

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CG-BGA-4002 IRONWOOD-CG-BGA-4002 Datasheet
145Kb / 4P
   Directly mounts to target PCB with hardware
CG-QFN-7000 IRONWOOD-CG-QFN-7000 Datasheet
129Kb / 4P
   Directly mounts to target PCB with hardware
CG-QFN-7005 IRONWOOD-CG-QFN-7005 Datasheet
72Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-5008 IRONWOOD-CG-BGA-5008 Datasheet
157Kb / 5P
   Directly mounts to target PCB with hardware
CG-BGA-4003 IRONWOOD-CG-BGA-4003 Datasheet
121Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-4004 IRONWOOD-CG-BGA-4004 Datasheet
178Kb / 5P
   Directly mounts to target PCB with hardware
CG-BGA-4009 IRONWOOD-CG-BGA-4009 Datasheet
132Kb / 4P
   Directly mounts to target PCB with hardware
CG-BGA-4012 IRONWOOD-CG-BGA-4012 Datasheet
214Kb / 5P
   Directly mounts to target PCB with hardware
CG-QFN-7003 IRONWOOD-CG-QFN-7003 Datasheet
65Kb / 3P
   Directly mounts to target PCB with hardware
CG-BGA-5000 IRONWOOD-CG-BGA-5000 Datasheet
83Kb / 4P
   Directly mounts to target PCB with hardware
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com