Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9075 Datasheet(PDF) 1 Page - MTRONPTI

Part # 9075
Description  200-Watt Lowpass LC Filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

9075 Datasheet(HTML) 1 Page - MTRONPTI

  9075 Datasheet HTML 1Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Model 9075
200-Watt Lowpass LC Filter
Revised: April 22, 2010
The information contained herein is proprietary to MtronPTI and is submitted in confidence.
This information may not be copied or divulged without the express written permission of MtronPTI
MtronPTI, Inc. - 2525 Shader Road – Orlando – Florida – 32804-2780
Telephone: 407-298-2000
Fax: 407-293-2979
E-mail: sales@mtronpti.com
Electrical Specifications
Corner Frequency
@ 0.5dB: 22MHz
@ 1.0dB: 25MHz
Passband Insertion Loss
≤ 0.5 dB from 1.5MHz to 22MHz
≤ 1.0 dB from 22MHz to 25MHz
Rejection:
≥ 40dB @ 30MHz
Ultimate Attenuation:
≥ 60dB from 35MHz to 90MHz
(Note: The Ultimate Attenuation shall be
≥ 60dB with
VSWR up to 10: 1 on the filter output)
Return Loss
≥ 16dB from 1.5MHz to 5MHz
≥ 20dB from 5MHz to 25MHz
Power Handling:
≥ 200-WRMS, including the transition
band 25MHz – 30MHz
ZIN/ZOUT: 50Ω nominal
Package
Dimensions: Per Drawing
I/O Connectors: Coaxial ‘N’ Female Center Pin
Weight: ≤ 2.5Lbs
Environmental
Temperature Range
Operating: -40
°C to +60°C
Storage: -45
°C to +85°C
Altitude: Per MIL-STD-810, Method 500.3, Procedure
I, II, and III. Test Altitude for Procedure III is
4570-meters @ 57.2kPa
Humidity: Per MIL-STD-810, Method 507.3,
Procedure III
Salt Fog: Per MIL-STD-810, Method 509.3,
Procedure I
Leakage (Immersion): Per MIL-STD-810, Method
512.3, Procedure I, 2-hours @ 1-meter
Vibration: Per MIL-STD-810, Method 514.4,
Categories 1, 3 and 8 (Table 514.4-AIII)
Shock: Per MIL-STD-810, Method 516.4, Procedure I,
V, and VI
Thermal Shock: Per MIL-STD-810, Method 503.3,
Low Temperature -51°C and High
Temperature +48°C
Solar Radiation: Per MIL-STD-810, Method 505.3,
Procedure I, Hot-Dry Temperature
Conditions (Table 505.3-1)
Rain: Per MIL-STD-810, Method 506.3, Procedure I
Ice and Freezing Rain: Per MIL-STD-810,
Method 521.1


Similar Part No. - 9075

ManufacturerPart #DatasheetDescription
logo
Heyco.
9075 HEYCO-9075 Datasheet
98Kb / 1P
   Snap Rivets – continued
9075 HEYCO-9075 Datasheet
152Kb / 2P
   Snap Rivets
9075-P HEYCO-9075-P Datasheet
152Kb / 2P
   Snap Rivets
logo
TE Connectivity Ltd
90758-1 TEC-90758-1 Datasheet
314Kb / 5P
   PRO-CRIMPER III Hand Crimping Tool Assembly
90758-2 TEC-90758-2 Datasheet
314Kb / 5P
   PRO-CRIMPER III Hand Crimping Tool Assembly
More results

Similar Description - 9075

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
LF9438 MTRONPTI-LF9438 Datasheet
231Kb / 2P
   Specification for a 200-Watt Lowpass SMD LC Filter
logo
KR Electronics, Inc.
2275-2-BNC KR-2275-2-BNC Datasheet
157Kb / 3P
   200 KHz Lowpass Filter
2054 KR-2054 Datasheet
15Kb / 1P
   Lowpass Filter
2082 KR-2082 Datasheet
28Kb / 1P
   Lowpass Filter
2156-20-75 KR-2156-20-75 Datasheet
20Kb / 2P
   Lowpass Filter
2181 KR-2181 Datasheet
29Kb / 1P
   Lowpass Filter
2434-30 KR-2434-30 Datasheet
30Kb / 2P
   Lowpass Filter
2454 KR-2454 Datasheet
25Kb / 2P
   Lowpass Filter
2267 KR-2267 Datasheet
15Kb / 1P
   Lowpass Filter
2275-2 KR-2275-2 Datasheet
21Kb / 1P
   Lowpass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com