Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-5855AEAA-M5T1U Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-5855AEAA-M5T1U
Description  PWM OUTPUT TEMPERATURE SENSOR IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5855AEAA-M5T1U Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-5855AEAA-M5T1U Datasheet HTML 4Page - Seiko Instruments Inc S-5855AEAA-M5T1U Datasheet HTML 5Page - Seiko Instruments Inc S-5855AEAA-M5T1U Datasheet HTML 6Page - Seiko Instruments Inc S-5855AEAA-M5T1U Datasheet HTML 7Page - Seiko Instruments Inc S-5855AEAA-M5T1U Datasheet HTML 8Page - Seiko Instruments Inc S-5855AEAA-M5T1U Datasheet HTML 9Page - Seiko Instruments Inc S-5855AEAA-M5T1U Datasheet HTML 10Page - Seiko Instruments Inc S-5855AEAA-M5T1U Datasheet HTML 11Page - Seiko Instruments Inc S-5855AEAA-M5T1U Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
PWM OUTPUT TEMPERATURE SENSOR IC
S-5855A Series
Rev.1.2_01
8
2. Product with duty ratio temperature sensitivity Ddt(s) =
−1 %/°C
Table 7
(Ta = TSP5, VDD = 3.0 V , VSS = 0 V, CFREQ = 2.2 nF, unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test circuit
Duty ratio accuracy
Dsp5
VDD = 3.0 V
92.0
95.0
98.0
%
2
VDD = 1.65 V to 5.5 V
91.0
95.0
99.0
%
2
Duty ratio temperature
sensitivity
Ddt(E)*1
Ta = TSP5*2,
TEM5*3
VDD = 3.0 V
−1.2
−1.0
−0.8
%/
°C
2
VDD = 1.65 V to 5.5 V
−1.26
−1.0
−0.76
%/
°C
2
Oscillation frequency
fOSC
Ta = TSP5
VDD = 3.0 V
1950
2300
2650
Hz
2
VDD = 1.65 V to 5.5 V
1860
2300
2780
Hz
2
Ta = TEM5
VDD = 3.0 V
1670
2300
3040
Hz
2
*1. Ddt(E): Actual duty ratio temperature sensitivity
*2. TSP5:
Temperature 5
°C higher than duty ratio change-start temperature TS (Refer to Table 12 for details)
*3. TEM5:
Higher temperature when measuring duty ratio temperature sensitivity (Refer to Table 12 for details)
3. Product with duty ratio temperature sensitivity Ddt(s) =
−2 %/°C
Table 8
(Ta = TSP5, VDD = 3.0 V , VSS = 0 V, CFREQ = 4.7 nF, unless otherwise specified)
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test circuit
Duty ratio accuracy
Dsp5
VDD = 3.0 V
84.0
90.0
96.0
%
2
VDD = 1.65 V to 5.5 V
82.0
90.0
98.0
%
2
Duty ratio temperature
sensitivity
Ddt(E)*1
Ta = TSP5*2,
TEM5*3
VDD = 3.0 V
−2.4
−2.0
−1.6
%/
°C
2
VDD = 1.65 V to 5.5 V
−2.52
−2.0
−1.52
%/
°C
2
Oscillation frequency
fOSC
Ta = TSP5
VDD = 3.0 V
1840
2160
2740
Hz
2
VDD = 1.65 V to 5.5 V
1750
2160
2600
Hz
2
Ta = TEM5
VDD = 3.0 V
1560
2160
2850
Hz
2
*1. Ddt(E): Actual duty ratio temperature sensitivity
*2. TSP5:
Temperature 5
°C higher than duty ratio change-start temperature TS (Refer to Table 12 for details)
*3. TEM5:
Higher temperature when measuring duty ratio temperature sensitivity (Refer to Table 12 for details)


Similar Part No. - S-5855AEAA-M5T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5851AAA-I6T1U SII-S-5851AAA-I6T1U Datasheet
410Kb / 29P
   2-WIRE DIGITAL TEMPERATURE SENSOR
S-5852ABCAC-A8T1U4 SII-S-5852ABCAC-A8T1U4 Datasheet
1Mb / 15P
   HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
S-5852ABCBC-A8T1U4 SII-S-5852ABCBC-A8T1U4 Datasheet
1Mb / 15P
   HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
More results

Similar Description - S-5855AEAA-M5T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S5855A SII-S5855A Datasheet
371Kb / 27P
   PWM OUTPUT TEMPERATURE SENSOR IC
logo
Rohm
BD1020HFV ROHM-BD1020HFV_15 Datasheet
1Mb / 13P
   Temperature Sensor IC Analog Output
BD1020HFV ROHM-BD1020HFV_10 Datasheet
295Kb / 6P
   Analog Output Temperature Sensor IC
logo
Silicon Laboratories
SI7007-A20 SILABS-SI7007-A20 Datasheet
966Kb / 25P
   HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
SI7007-A20-IM1 SILABS-SI7007-A20-IM1 Datasheet
1Mb / 25P
   HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
Rev. 1.4 8/16
SI7022-A20 SILABS-SI7022-A20 Datasheet
997Kb / 25P
   HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
SI7023-A20 SILABS-SI7023-A20 Datasheet
964Kb / 25P
   HUMIDITY/TEMPERATURE SENSOR WITH PWM OUTPUT
logo
Rohm
BDJ0800AHFV ROHM-BDJ0800AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJ0700AHFV ROHM-BDJ0700AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDEXXX0G ROHM-BDEXXX0G Datasheet
265Kb / 9P
   Detect TemperatureChangeable Thermostat Output Temperature Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com