Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8204AAJ-TCT1U Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-8204AAJ-TCT1U
Description  BATTERY PROTECTION IC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8204AAJ-TCT1U Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-8204AAJ-TCT1U Datasheet HTML 1Page - Seiko Instruments Inc S-8204AAJ-TCT1U Datasheet HTML 2Page - Seiko Instruments Inc S-8204AAJ-TCT1U Datasheet HTML 3Page - Seiko Instruments Inc S-8204AAJ-TCT1U Datasheet HTML 4Page - Seiko Instruments Inc S-8204AAJ-TCT1U Datasheet HTML 5Page - Seiko Instruments Inc S-8204AAJ-TCT1U Datasheet HTML 6Page - Seiko Instruments Inc S-8204AAJ-TCT1U Datasheet HTML 7Page - Seiko Instruments Inc S-8204AAJ-TCT1U Datasheet HTML 8Page - Seiko Instruments Inc S-8204AAJ-TCT1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
BATTERY PROTECTION IC FOR 3-SERIES OR 4-SERIES CELL PACK
S-8204A Series
Rev.3.5_00
4
Pin Configuration
1. 16-Pin TSSOP
5
4
6
8
7
2
3
1
12
13
11
9
10
15
14
16
Top view
Figure 2
Table 3
Pin No.
Symbol
Description
1
COP
Connection pin of charge control FET gate (Nch open-drain output)
2
VMP
Voltage detection pin between VDD pin and VMP pin
3
DOP
Connection pin of discharge control FET gate (CMOS output)
4
VINI
Voltage detection pin between VSS pin and VINI pin
• Discharge overcurrent 1 / 2 detection pin, load short-circuit detection pin
• Charge overcurrent detection pin
5
CDT
Capacitor connection pin for delay for overdischarge detection
6
CCT
Capacitor connection pin for delay for overcharge detection
7
CIT
Capacitor connection pin for delay for discharge overcurrent 1 / 2,
capacitor connection pin for delay for charge overcurrent detection
8
SEL
Pin for switching 3-series or 4-series cell
• VSS level: 3-series cell
• VDD level: 4-series cell
9
VSS
Input pin for negative power supply,
Connection pin for negative voltage of battery 4
10
VC4
Connection pin for negative voltage of battery 4
11
VC3
Connection pin for negative voltage of battery 3,
Connection pin for positive voltage of battery 4
12
VC2
Connection pin for negative voltage of battery 2,
Connection pin for positive voltage of battery 3
13
VC1
Connection pin for negative voltage of battery 1,
Connection pin for positive voltage of battery 2
14
VDD
Input pin for positive power supply,
Connection pin for positive voltage of battery 1
15
CTLD
Discharge FET control pin
16
CTLC
Charge FET control pin


Similar Part No. - S-8204AAJ-TCT1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8204AAJ-TCT1U ABLIC-S-8204AAJ-TCT1U Datasheet
752Kb / 34P
   BATTERY PROTECTION IC FOR 3-SERIES OR 4-SERIES CELL PACK
Rev.3.5_01
More results

Similar Description - S-8204AAJ-TCT1U

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP8207 UPI-UP8207 Datasheet
240Kb / 17P
   Battery Protection IC
logo
Seiko Instruments Inc
S-8252AAA-M6T1U SII-S-8252AAA-M6T1U Datasheet
2Mb / 36P
   BATTERY PROTECTION IC
S-8205AAA-TCT1U SII-S-8205AAA-TCT1U Datasheet
2Mb / 33P
   BATTERY PROTECTION IC
S-8209BAA-T8T1Y SII-S-8209BAA-T8T1Y Datasheet
1Mb / 26P
   BATTERY PROTECTION IC
logo
Unisonic Technologies
UB209B UTC-UB209B_15 Datasheet
244Kb / 9P
   BATTERY PROTECTION IC
logo
Shenzhen Guan Hua Wei Y...
WSTDW01 WIINSOK-WSTDW01 Datasheet
1Mb / 7P
   battery protection IC
logo
Seiko Instruments Inc
S-8211EAC-M5T1U SII-S-8211EAC-M5T1U Datasheet
1Mb / 29P
   BATTERY PROTECTION IC
S8204A SII-S8204A Datasheet
650Kb / 34P
   BATTERY PROTECTION IC
S8211D SII-S8211D Datasheet
1Mb / 38P
   BATTERY PROTECTION IC
S-8211CAA-M5T1X SII-S-8211CAA-M5T1X Datasheet
2Mb / 43P
   BATTERY PROTECTION IC
S-8243AACFT-TB-X SII-S-8243AACFT-TB-X Datasheet
2Mb / 35P
   BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com