Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8204AAF-TCT1y Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-8204AAF-TCT1y
Description  BATTERY PROTECTION IC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8204AAF-TCT1y Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-8204AAF-TCT1y Datasheet HTML 1Page - Seiko Instruments Inc S-8204AAF-TCT1y Datasheet HTML 2Page - Seiko Instruments Inc S-8204AAF-TCT1y Datasheet HTML 3Page - Seiko Instruments Inc S-8204AAF-TCT1y Datasheet HTML 4Page - Seiko Instruments Inc S-8204AAF-TCT1y Datasheet HTML 5Page - Seiko Instruments Inc S-8204AAF-TCT1y Datasheet HTML 6Page - Seiko Instruments Inc S-8204AAF-TCT1y Datasheet HTML 7Page - Seiko Instruments Inc S-8204AAF-TCT1y Datasheet HTML 8Page - Seiko Instruments Inc S-8204AAF-TCT1y Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
S-8204A Series
www.sii-ic.com
BATTERY PROTECTION IC
FOR 3-SERIES OR 4-SERIES CELL PACK
© SII Semiconductor Corporation, 2007-2016
Rev.3.5_00
1
The S-8204A Series includes high-accuracy voltage detection circuits and delay circuits, in single use, makes it
possible for users to monitor the status of 3-series or 4-series cell lithium-ion rechargeable battery. By switching
the voltage level which is applied to the SEL pin, users are able to use the S-8204A Series either for 3-series or
4-series cell pack.
By cascade connection using the S-8204A Series, it is also possible to protect 6-series or more cells
*1
lithium-ion rechargeable battery pack.
*1. Refer to the application note for connection examples of protection circuit for 6-series or more cells.
In case of protecting 5-series cell lithium-ion rechargeable battery pack, contact our sales office.
Features
• High-accuracy voltage detection function for each cell
Overcharge detection voltage n (n = 1 to 4)
3.8 V to 4.6 V (50 mV step)
Accuracy
±25 mV
Overcharge release voltage n (n = 1 to 4)
3.6 V to 4.6 V
*1
Accuracy
±50 mV
Overdischarge detection voltage n (n = 1 to 4) 2.0 V to 3.0 V (100 mV step)
Accuracy
±80 mV
Overdischarge release voltage n (n = 1 to 4)
2.0 V to 3.4 V
*2
Accuracy
±100 mV
• Discharge overcurrent detection function in 3-step
Discharge overcurrent detection voltage 1
0.05 V to 0.30 V (50 mV step)
Accuracy
±15 mV
Discharge overcurrent detection voltage 2
0.5 V (fixed)
Accuracy
±100 mV
Load short-circuit detection voltage
1.0 V (fixed)
Accuracy
±300 mV
• Charge overcurrent detection function
Charge overcurrent detection voltage
−0.25 V to −0.05 V (50 mV step) Accuracy ±30 mV
• Settable by external capacitor; overcharge detection delay time, overdischarge detection delay time,
discharge overcurrent detection delay time 1, discharge overcurrent detection delay time 2, charge
overcurrent detection delay time
(Load short-circuit detection delay time is internally fixed.)
• Switchable between 3-series and 4-series cell by using the SEL pin
• Independent charge and discharge control by the control pins
• High-withstand voltage
Absolute maximum rating: 24 V
• Wide operation voltage range
2 V to 22 V
• Wide operation temperature range
Ta =
−40°C to +85°C
• Low current consumption
During operation
33
μA max. (Ta = +25°C)
During power-down
0.1
μA max. (Ta = +25°C)
• Lead-free, Sn 100%, halogen-free
*3
*1. Overcharge hysteresis voltage n (n = 1 to 4) is selectable in 0 V, or in 0.1 V to 0.4 V in 50 mV step.
(Overcharge hysteresis voltage = Overcharge detection voltage
− Overcharge release voltage)
*2. Overdischarge hysteresis voltage n (n = 1 to 4) is selectable in 0 V, or in 0.2 V to 0.7 V in 100 mV step.
(Overdischarge hysteresis voltage = Overdischarge release voltage
− Overdischarge detection voltage)
*3. Refer to " Product Name Structure" for details.
Application
• Rechargeable lithium-ion battery pack
Package
• 16-Pin TSSOP


Similar Part No. - S-8204AAF-TCT1y

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8204AAF-TCT1Y ABLIC-S-8204AAF-TCT1Y Datasheet
752Kb / 34P
   BATTERY PROTECTION IC FOR 3-SERIES OR 4-SERIES CELL PACK
Rev.3.5_01
More results

Similar Description - S-8204AAF-TCT1y

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP8207 UPI-UP8207 Datasheet
240Kb / 17P
   Battery Protection IC
logo
Seiko Instruments Inc
S-8252AAA-M6T1U SII-S-8252AAA-M6T1U Datasheet
2Mb / 36P
   BATTERY PROTECTION IC
S-8205AAA-TCT1U SII-S-8205AAA-TCT1U Datasheet
2Mb / 33P
   BATTERY PROTECTION IC
S-8209BAA-T8T1Y SII-S-8209BAA-T8T1Y Datasheet
1Mb / 26P
   BATTERY PROTECTION IC
logo
Unisonic Technologies
UB209B UTC-UB209B_15 Datasheet
244Kb / 9P
   BATTERY PROTECTION IC
logo
Shenzhen Guan Hua Wei Y...
WSTDW01 WIINSOK-WSTDW01 Datasheet
1Mb / 7P
   battery protection IC
logo
Seiko Instruments Inc
S-8211EAC-M5T1U SII-S-8211EAC-M5T1U Datasheet
1Mb / 29P
   BATTERY PROTECTION IC
S8204A SII-S8204A Datasheet
650Kb / 34P
   BATTERY PROTECTION IC
S8211D SII-S8211D Datasheet
1Mb / 38P
   BATTERY PROTECTION IC
S-8211CAA-M5T1X SII-S-8211CAA-M5T1X Datasheet
2Mb / 43P
   BATTERY PROTECTION IC
S-8243AACFT-TB-X SII-S-8243AACFT-TB-X Datasheet
2Mb / 35P
   BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com