Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

73M2901CL Datasheet(PDF) 11 Page - TDK Electronics

Part # 73M2901CL
Description  V.22 BIS SINGLE CHIP MODEM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

73M2901CL Datasheet(HTML) 11 Page - TDK Electronics

Back Button 73M2901CL Datasheet HTML 7Page - TDK Electronics 73M2901CL Datasheet HTML 8Page - TDK Electronics 73M2901CL Datasheet HTML 9Page - TDK Electronics 73M2901CL Datasheet HTML 10Page - TDK Electronics 73M2901CL Datasheet HTML 11Page - TDK Electronics 73M2901CL Datasheet HTML 12Page - TDK Electronics 73M2901CL Datasheet HTML 13Page - TDK Electronics 73M2901CL Datasheet HTML 14Page - TDK Electronics 73M2901CL Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
73M2901CL
V.22bis Single Chip Modem
11
MODEM PERFORMANCE
CHARACTERISTICS
The curves presented in this data sheet define
modem IC performance under a variety of line
conditions typical of those encountered over Public
Switched Telephone Network.
BER VS. SNR
This test represents the ability of the modem to
operate over noisy lines with a minimum amount of
data transfer errors. Since some noise is generated
in the best dial up lines, the modem must operate
with the lowest signal to noise ratio (SNR) possible.
Better modem performance is indicated by test
curves that are closest to the BER axis. A narrow
spread between curves representing the four line
parameters indicates minimal variation in
performance while operating over a range of typical
operating conditions. A DPSK modem will exhibit
better BER performance test curves receiving in the
low band (answer mode) than in the high band
(originate mode).
BER VS. RECEIVE LEVEL
This test measures the dynamic range of the
modem. Because signal levels vary widely over dial
up lines, the widest possible dynamic range is
desirable. The SNR is held constant at the indicated
values as the Receive level is lowered from a very
high to a very low signal level. The width of the bowl
of these curves, taken at the BER break points is the
measure of the dynamic range.
RECOMMENDED SCHEMATIC ARRANGEMENT
HOOKB
RTSB
RXA
VCC3_3D
RXDB
VCC3_3A
RXDB
TXAP
VBG
R13
21K
VCC3_3D
+
C9
22uF
RST
C10
0.1uF
HOOKB
J1
CON10
1
2
3
4
5
6
7
8
9
10
DSRB
R23
NC
R2
2K
R28
120K
R17
475
DTRB
TXDB
C3
33pF
DTRB
TXAN
LIUCHECKB
U2
LDA110*
1
2
4
6
5
+
C1
10uF
U4
TLP627
C14
0.1uF
C11
0.1uF
R16
100
+
C12
10uF
RIB
ISOLATION BARRIER
VCC3_3
RXA_TAP
T1
671-8005
3
2
4
1
R20
22K
U11P2
C4
.082UF
TXAN
VCC3_3D
DCDB
RINGB/PPUB/LIUB/LREVB
CTSB
VCC3_3D
C7
0.1uF
+
C13
10uF
VCC3_3A
Y1
11.0592 MHz
R1
10K
C8
0.1uF
C6
0.1uF
U10P2
R15
5.1K
VCC3_3D
U3
TLP627
VCC3_3D
RXA
RIB
DCDB
U1
2901CL_TQFP32
29
30
31
32
28
27
26
9
10
11
12
13
14
15
16
25
USR20
RING
RELAY
RI
DTR
RXCLK
RXD
RESET
VPA
TXAN
TXAP
VREF
VBG
RXA
VNA
VPD
RTSB
C2
27pF
R18
100
TXDB
TXAP
VCC3_3
TXDB
T1P3
DSRB
VREF
+
C5
10uF
RST
CTSB
C20
0.1uF
[js1]


Similar Part No. - 73M2901CL

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE Datasheet
277Kb / 22P
   Single Chip Modem
73M2901CE TERIDIAN-73M2901CE Datasheet
525Kb / 27P
   V.22bis Single Chip Modem
January 2010
73M2901CE-IGV/F TERIDIAN-73M2901CE-IGV/F Datasheet
277Kb / 22P
   Single Chip Modem
73M2901CE-IGV/F TERIDIAN-73M2901CE-IGV/F Datasheet
525Kb / 27P
   V.22bis Single Chip Modem
January 2010
73M2901CE-IGVR/F TERIDIAN-73M2901CE-IGVR/F Datasheet
277Kb / 22P
   Single Chip Modem
More results

Similar Description - 73M2901CL

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73K322L TDK-73K322L Datasheet
288Kb / 30P
   CCITT V.23, V.22, V.21 Single-Chip Modem
73K222AL TDK-73K222AL Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE_V01 Datasheet
525Kb / 27P
   V.22bis Single Chip Modem
January 2010
logo
TDK Electronics
73K224L TDK-73K224L Datasheet
206Kb / 32P
   V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
logo
List of Unclassifed Man...
73K324L ETC-73K324L Datasheet
183Kb / 31P
   CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
IP568X ETC1-IP568X Datasheet
93Kb / 6P
   56K V.90 Modem Single Chip
logo
TDK Electronics
73K222BL TDK-73K222BL Datasheet
273Kb / 26P
   V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
73K321L TDK-73K321L Datasheet
140Kb / 24P
   CCITT V.23, V.21 Single-Chip Modem
logo
Teridian Semiconductor ...
73K222AL TERIDIAN-73K222AL Datasheet
277Kb / 27P
   Single-Chip Modem
73K224L TERIDIAN-73K224L Datasheet
248Kb / 31P
   Single-Chip Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com