Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8204BAZ-TCT1U Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-8204BAZ-TCT1U
Description  BATTERY PROTECTION IC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8204BAZ-TCT1U Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-8204BAZ-TCT1U Datasheet HTML 5Page - Seiko Instruments Inc S-8204BAZ-TCT1U Datasheet HTML 6Page - Seiko Instruments Inc S-8204BAZ-TCT1U Datasheet HTML 7Page - Seiko Instruments Inc S-8204BAZ-TCT1U Datasheet HTML 8Page - Seiko Instruments Inc S-8204BAZ-TCT1U Datasheet HTML 9Page - Seiko Instruments Inc S-8204BAZ-TCT1U Datasheet HTML 10Page - Seiko Instruments Inc S-8204BAZ-TCT1U Datasheet HTML 11Page - Seiko Instruments Inc S-8204BAZ-TCT1U Datasheet HTML 12Page - Seiko Instruments Inc S-8204BAZ-TCT1U Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
BATTERY PROTECTION IC FOR 3-SERIES OR 4-SERIES CELL PACK
Rev.3.9_00
S-8204B Series
9
Test Circuit
This chapter describes how to test the S-8204B Series. In case of selecting to use it for 4-series cell battery, set SEL pin
= VDD. For 3-series cell battery, set SEL pin = VSS and short between the VC4 pin and the VSS pin.
1. Current consumption during operation and power-down
(Test circuit 1)
1. 1 Current consumption during operation (IOPE)
The current at the VSS pin when V1 = V2 = V3 = V4 = 3.5 V and VVMP = VDD is the current consumption during
operation (IOPE).
1. 2 Current Consumption during power-down (IPDN) (with power-down function)
The current at the VSS pin when V1 = V2 = V3 = V4 = 1.5 V and VVMP = VSS is the current consumption during
power-down (IPDN).
1. 3 Current consumption during overdischarge (IOPED) (without power-down function)
The current at the VSS pin when V1 = V2 = V3 = V4 = 1.5 V and VVMP = VSS is the current consumption during
overdischarge (IOPED).
2. Overcharge detection voltage, overcharge release voltage, overdischarge detection voltage,
overdischarge release voltage, discharge overcurrent detection voltage 1, discharge overcurrent
detection voltage 2, load short-circuit detection voltage, CTLC pin input voltage "H", CTLC pin
input voltage "L", CTLD pin input voltage "H", CTLD pin input voltage "L", SEL pin input voltage
"H", SEL pin input voltage "L"
(Test circuit 2)
Confirm both the COP pin and the DOP pin are in "H" (its voltage level is VDS
× 0.9 V or more) after setting VVMP =
VSEL = VCTLC = VCTLD = VDD, VVINI = VSS, CCT pin = Open, CDT pin = Open, CIT pin = Open, V1 = V2 = V3 = V4 =
3.5 V. (This status is referred to as initial status.)
2. 1 Overcharge detection voltage (VCU1), overcharge release voltage (VCL1)
The overcharge detection voltage (VCU1) is a voltage at V1; when the COP pin's voltage is set to "L" (its voltage
level is VDD
× 0.1 V or less) after increasing a voltage at V1 gradually from the initial status. After that, decreasing
a voltage at V1 gradually, a voltage at V1 when the COP pin's voltage is set to "H"; is the overcharge release
voltage (VCL1).
2. 2 Overdischarge detection voltage (VDL1), overdischarge release voltage (VDU1)
The overdischarge detection voltage (VDL1) is a voltage at V1; when the DOP pin's voltage is set to "L" after
decreasing a voltage at V1 gradually from the initial status. After that, increasing a voltage at V1 gradually, a
voltage at V1 when the DOP pin’s voltage is set to "H"; is the overdischarge release voltage (VDU1).
By changing the voltage at Vn (n = 2 to 4), users can define the overcharge detection voltage (VCUn), the
overcharge release voltage (VCLn), the overdischarge detection voltage (VDLn), the overdischarge release voltage
(VDUn) as well when n = 1.
2. 3 Discharge overcurrent detection voltage 1 (VDIOV1)
The discharge overcurrent detection voltage 1 (VDIOV1) is the VINI pin's voltage; when the DOP pin's voltage is set
to "L" after increasing the VINI pin’s voltage gradually from the initial status.
2. 4 Discharge overcurrent detection voltage 2 (VDIOV2)
The discharge overcurrent detection voltage 2 (VDIOV2) is a voltage at the VINI pin; when a flowing current from
the CIT pin reaches 500
μA or more after increasing the VINI pin's voltage gradually from the initial status.
2. 5 Load short-circuit detection voltage (VSHORT)
The load short-circuit detection voltage (VSHORT) is the VINI pin's voltage; when the DOP pin's voltage is set to "L"
after increasing the VINI pin's voltage gradually after setting the CIT pin's voltage VSS level from the initial status.


Similar Part No. - S-8204BAZ-TCT1U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S-8204BAZ-TCT1Y ETC2-S-8204BAZ-TCT1Y Datasheet
763Kb / 36P
   BATTERY PROTECTION IC FOR 3-SERIES OR 4-SERIES CELL PACK
logo
ABLIC Inc.
S-8204BAZ-TCT1Y ABLIC-S-8204BAZ-TCT1Y Datasheet
812Kb / 36P
   BATTERY PROTECTION IC FOR 3-SERIES OR 4-SERIES CELL PACK
Rev.3.9_01
More results

Similar Description - S-8204BAZ-TCT1U

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP8207 UPI-UP8207 Datasheet
240Kb / 17P
   Battery Protection IC
logo
Seiko Instruments Inc
S-8252AAA-M6T1U SII-S-8252AAA-M6T1U Datasheet
2Mb / 36P
   BATTERY PROTECTION IC
S-8205AAA-TCT1U SII-S-8205AAA-TCT1U Datasheet
2Mb / 33P
   BATTERY PROTECTION IC
S-8209BAA-T8T1Y SII-S-8209BAA-T8T1Y Datasheet
1Mb / 26P
   BATTERY PROTECTION IC
logo
Unisonic Technologies
UB209B UTC-UB209B_15 Datasheet
244Kb / 9P
   BATTERY PROTECTION IC
logo
Shenzhen Guan Hua Wei Y...
WSTDW01 WIINSOK-WSTDW01 Datasheet
1Mb / 7P
   battery protection IC
logo
Seiko Instruments Inc
S-8211EAC-M5T1U SII-S-8211EAC-M5T1U Datasheet
1Mb / 29P
   BATTERY PROTECTION IC
S8204A SII-S8204A Datasheet
650Kb / 34P
   BATTERY PROTECTION IC
S8211D SII-S8211D Datasheet
1Mb / 38P
   BATTERY PROTECTION IC
S-8211CAA-M5T1X SII-S-8211CAA-M5T1X Datasheet
2Mb / 43P
   BATTERY PROTECTION IC
S-8243AACFT-TB-X SII-S-8243AACFT-TB-X Datasheet
2Mb / 35P
   BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com