Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-5852ABCAC-A8T1U4 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-5852ABCAC-A8T1U4
Description  HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5852ABCAC-A8T1U4 Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-5852ABCAC-A8T1U4 Datasheet HTML 2Page - Seiko Instruments Inc S-5852ABCAC-A8T1U4 Datasheet HTML 3Page - Seiko Instruments Inc S-5852ABCAC-A8T1U4 Datasheet HTML 4Page - Seiko Instruments Inc S-5852ABCAC-A8T1U4 Datasheet HTML 5Page - Seiko Instruments Inc S-5852ABCAC-A8T1U4 Datasheet HTML 6Page - Seiko Instruments Inc S-5852ABCAC-A8T1U4 Datasheet HTML 7Page - Seiko Instruments Inc S-5852ABCAC-A8T1U4 Datasheet HTML 8Page - Seiko Instruments Inc S-5852ABCAC-A8T1U4 Datasheet HTML 9Page - Seiko Instruments Inc S-5852ABCAC-A8T1U4 Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR WITH THERMOSTAT FUNCTION
S-5852A Series
Rev.1.2_00
6
DC Electrical Characteristics
Table 7
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Current consumption
at active mode
IDD1
Active mode at serial bus non-active
40.0
100.0
μA
IDD2
Active mode at serial bus active
400.0
μA
Current consumption
at shutdown mode
IDD3
Shutdown mode at serial bus non-active
0.3
3.0
μA
IDD4
Shutdown mode at serial bus active
400.0
μA
Table 8
Item
Symbol
Condition
Min.
Max.
Unit
Input leakage current
ILI
SCL, SDA
VIN = VSS to VDD
1.0
μA
Output leakage current
ILO
SDA, TMS
_______
VOUT = VSS to VDD
1.0
μA
Input current 1
IIL
A0, A1, A2
VIN
< 0.3 × VDD
50.0
μA
Input current 2
IIH
A0, A1, A2
VIN
> 0.7 × VDD
2.0
μA
Input impedance 1
ZIL
A0, A1, A2
VIN = 0.3
× VDD
30
k
Ω
Input impedance 2
ZIH
A0, A1, A2
VIN = 0.7
× VDD
800
k
Ω
Low level output voltage
VOL
SDA, TMS
_______
IOL = 3.0 mA
0.4
V
Low level output current 1
IOL1
SDA, TMS
_______
VOL = 0.4 V, 2.2 V
≤ VDD ≤ 3.6 V
20
mA
Low level output current 2
IOL2
SDA, TMS
_______
VOL = 0.6 V, 1.7 V
≤ VDD ≤ 2.2 V
6
mA


Similar Part No. - S-5852ABCAC-A8T1U4

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5851AAA-I6T1U SII-S-5851AAA-I6T1U Datasheet
410Kb / 29P
   2-WIRE DIGITAL TEMPERATURE SENSOR
S-5855AAAA-I4T1U SII-S-5855AAAA-I4T1U Datasheet
1Mb / 27P
   PWM OUTPUT TEMPERATURE SENSOR IC
S-5855AAAA-M5T1U SII-S-5855AAAA-M5T1U Datasheet
1Mb / 27P
   PWM OUTPUT TEMPERATURE SENSOR IC
S-5855AAAB-I4T1U SII-S-5855AAAB-I4T1U Datasheet
1Mb / 27P
   PWM OUTPUT TEMPERATURE SENSOR IC
S-5855AAAB-M5T1U SII-S-5855AAAB-M5T1U Datasheet
1Mb / 27P
   PWM OUTPUT TEMPERATURE SENSOR IC
More results

Similar Description - S-5852ABCAC-A8T1U4

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S5852A SII-S5852A Datasheet
805Kb / 15P
   HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
logo
List of Unclassifed Man...
STSC1 ETC2-STSC1 Datasheet
706Kb / 13P
   High Accuracy Digital Temperature Sensor IC
logo
Microchip Technology
MCP9808 MICROCHIP-MCP9808 Datasheet
1Mb / 52P
   짹0.5째C Maximum Accuracy Digital Temperature Sensor
2011
MCP9808-E-MS MICROCHIP-MCP9808-E-MS Datasheet
1Mb / 52P
   0.5째C Maximum Accuracy Digital Temperature Sensor
08/02/11
MCP9804 MICROCHIP-MCP9804_12 Datasheet
1Mb / 52P
   짹0.25째C Typical Accuracy Digital Temperature Sensor
11/29/11
logo
Linear Technology
LTC2983 LINER-LTC2983 Datasheet
776Kb / 72P
   Multi-Sensor High Accuracy Digital Temperature Measurement System
logo
Microchip Technology
MCP9804 MICROCHIP-MCP9804 Datasheet
839Kb / 54P
   짹0.25째C Typ. Accuracy Digital Temperature Sensor
2009
logo
Linear Technology
LTC2983 LINER-LTC2983_15 Datasheet
750Kb / 72P
   Multi-Sensor High Accuracy Digital Temperature Measurement System
logo
Texas Instruments
HDC1010 TI1-HDC1010 Datasheet
253Kb / 7P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
HDC1080 TI1-HDC1080 Datasheet
467Kb / 26P
[Old version datasheet]   Low Power, High Accuracy Digital Humidity Sensor with Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com