Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN28846DW Datasheet(PDF) 10 Page - Texas Instruments

Part # SN28846DW
Description  1024-1024-PIXEL CCD IMAGE SENSOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN28846DW Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN28846DW Datasheet HTML 6Page - Texas Instruments SN28846DW Datasheet HTML 7Page - Texas Instruments SN28846DW Datasheet HTML 8Page - Texas Instruments SN28846DW Datasheet HTML 9Page - Texas Instruments SN28846DW Datasheet HTML 10Page - Texas Instruments SN28846DW Datasheet HTML 11Page - Texas Instruments SN28846DW Datasheet HTML 12Page - Texas Instruments SN28846DW Datasheet HTML 13Page - Texas Instruments SN28846DW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TC215
1024-
× 1024-PIXEL CCD IMAGE SENSOR
SOCS014B – AUGUST 1989 – REVISED DECEMBER 1991
2-10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
spurious nonuniformity specification
The spurious nonuniformity specification of the TC215 CCD grades – 30 and – 40 is based on several sensor
characteristics:
Amplitude of the nonuniform line or pixel
Polarity of the nonuniform pixel
Black
White
Nonuniform line or pixel count
The CCD sensors are characterized in both an illuminated condition and a dark condition. In the dark condition,
the nonuniformity is specified in terms of absolute amplitude as shown in Figure 11. In the illuminated condition,
the nonuniformity is specified as a percentage of the total illumination as shown in Figure 12.
The pixel nonuniformity specification for the TC215 is as follows (CCD video-output signal is 50 mV
±10 mV):
NONUNIFORMITY TYPE
TC215- 30
TC215 - 40
Line
Maximum amplitude = 1.4 mV
Line
Number with amplitude greater than 1 mV is
≤ 5
White spot (40
°C)
Maximum amplitude = 25 mV
White spot (25
°C)
Maximum amplitude = 15 mV
Maximum amplitude = 20 mV
White spot (25
°C)
Number with amplitude greater than 10 mV = B
Black spot (% of total illumination)
Maximum amplitude = 25%
Maximum amplitude = 30%
Black spot (% of total illumination)
Number with amplitude greater than 10% = C
Total number of nonuniformities
B+C < 20
mV
Amplitude
t
Illumination
% of Total
t
Figure 11. Pixel Nonuniformity,
Figure 12. Pixel Nonuniformity,
Dark Condition
Illuminated Condition


Similar Part No. - SN28846DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN28846DW TI-SN28846DW Datasheet
121Kb / 9P
[Old version datasheet]   SERIAL DRIVER
SN28846DW TI-SN28846DW Datasheet
173Kb / 13P
[Old version datasheet]   192- 횞 165-pixel ccd image sensor
SN28846DW TI-SN28846DW Datasheet
325Kb / 21P
[Old version datasheet]   1024- 횞 512-pixel ccd image sensor
SN28846DW TI-SN28846DW Datasheet
384Kb / 21P
[Old version datasheet]   1158- 횞 488-pixel ccd image sensor
SN28846DW TI-SN28846DW Datasheet
469Kb / 19P
[Old version datasheet]   786- 횞 488-pixel ccd image sensor
More results

Similar Description - SN28846DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TC213 TI-TC213 Datasheet
325Kb / 21P
[Old version datasheet]   1024- 횞 512-pixel ccd image sensor
logo
Hamamatsu Corporation
S9737 HAMAMATSU-S9737 Datasheet
796Kb / 9P
   CCD area image sensor 1024 횞 1024 pixels, front-illuminated FFT-CCDs
logo
NEC
UPD795 NEC-UPD795 Datasheet
233Kb / 7P
   1024 - BIT CCD IMAGE SENSOR
logo
List of Unclassifed Man...
KAF-1001E ETC1-KAF-1001E Datasheet
113Kb / 18P
   1024(H) x 1024(V) Pixel Enhanced Response Full-Frame CCD Image Sensor Performance Specification
logo
ATMEL Corporation
TH7887A ATMEL-TH7887A Datasheet
220Kb / 20P
   Area Array CCD Image Sensor 1024 x 1024 Pixels with Antiblooming
TH7888A ATMEL-TH7888A Datasheet
354Kb / 21P
   Area Array CCD Image Sensor (1024 x 1024 Pixels with Antiblooming)
logo
List of Unclassifed Man...
TH7888A ETC-TH7888A Datasheet
2Mb / 16P
   AREA ARRAY CCD IMAGE SENSOR 1024 X 1024 PIXELS WITH ANTIBLOOMING
logo
Texas Instruments
TC237 TI-TC237 Datasheet
191Kb / 15P
[Old version datasheet]   680- 횞 500-pixel ccd image sensor
TC271 TI1-TC271 Datasheet
373Kb / 22P
[Old version datasheet]   1080 횞 580-PIXEL CCD IMAGE SENSOR
TC245 TI-TC245 Datasheet
469Kb / 19P
[Old version datasheet]   786- 횞 488-pixel ccd image sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com