Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TDA2824 Datasheet(PDF) 6 Page - STMicroelectronics

Part No. TDA2824
Description  DUAL POWER AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 
 6 page
background image
Figure 3 : Output Power vs. Supply Voltage
(Stereo).
Figure 4 : Output Power vs. Supply Voltage
(Bridge).
Figure 5 : Distortion vs. Output Power (Bridge).
Figure 6 : Distortion vs. Output Power (Bridge).
Figure 7 : Supply Voltage Rejection vs.
Frequency (Stereo)
Figure 8 : Quiescent Current vs. Supply
Voltage.
TDA2824
6/10




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KIA3281HBIPOLAR LINEAR INTEGRATED CIRCUIT 5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER 1 2 3 4 5 MoreKEC(Korea Electronics)
YD13162W DUAL CHANNEL AUDIO POWER AMPLIFIER 1 2 3 Wuxi Youda electronics Co.,LTD
YD2822DUAL CHANNEL POWER AMPLIFIER 1 2 3 4 5 Wuxi Youda electronics Co.,LTD
LM1876Overture™ Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes 1 2 3 4 5 MoreNational Semiconductor
LM4880Dual 250 mW Audio Power Amplifier with Shutdown Mode 1 2 3 4 5 MoreNational Semiconductor
AN7124Dual 3.1 W Audio Power Amplifier 1 2 3 4 5 Panasonic Semiconductor
AN7191NZDual 20 W BTL audio power amplifier 1 2 3 4 5 MorePanasonic Semiconductor
ZL40121Low Power Current Feedback Dual Operational Amplifier 1 2 3 4 5 MoreZarlink Semiconductor Inc
AWT6137HELP Cellular Dual Mode AMPS/CDMA 3.4V/28dBm Linear Power Amplifier Module 1 2 3 4 5 MoreANADIGICS, Inc
STK4199MK23-channel AF Power Amplifier +- Dual Power Supply 25W+50W+25W 1 2 3 4 5 MoreSanyo Semicon Device

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl