Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4811 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4811
Description  Dual 105mW Headphone Amplifier with Digital Volume
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4811 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4811 Datasheet HTML 1Page - National Semiconductor (TI) LM4811 Datasheet HTML 2Page - National Semiconductor (TI) LM4811 Datasheet HTML 3Page - National Semiconductor (TI) LM4811 Datasheet HTML 4Page - National Semiconductor (TI) LM4811 Datasheet HTML 5Page - National Semiconductor (TI) LM4811 Datasheet HTML 6Page - National Semiconductor (TI) LM4811 Datasheet HTML 7Page - National Semiconductor (TI) LM4811 Datasheet HTML 8Page - National Semiconductor (TI) LM4811 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical Characteristics (Notes 1, 8)
The following specifications apply for V
DD = 3.3V unless otherwise specified, limits apply to TA = 25˚C.
Symbol
Parameter
Conditions
LM4811
Units
(Limits)
Typical
(Note 4)
Limit
(Note 5)
I
DD
Supply Current
V
IN = 0V, IO = 0A
1.1
mA
I
SD
Shutdown Current
V
IN = 0V
0.3
µA
V
OS
Output Offset Voltage
V
IN = 0V
4.0
mV
P
o
Output Power
0.1% THD+N; f = 1kHz
R
L =16
40
mW
R
L =32
28
mW
THD+N
Total Harmonic Distortion
P
O = 25mW, RL =32
f = 20Hz to 20kHz
0.5
%
PSRR
Power Supply Rejection Ratio
C
B = 1.0µF, VRIPPLE = 100mVPP
f = 217Hz
60
dB
V
IH
(CLOCK, UP/DN, SHUTDOWN)
Input Voltage High
1.4
V (min)
V
IL
(CLOCK, UP/DN, SHUTDOWN)
Input Voltage Low
0.4
V (max)
Digital Volume Range
Input referred minimum gain
−33
dB
Input referred maximum gain
+12
dB
Digital Volume Stepsize
All 16 discrete steps
3.0
dB
Stepsize Error
All 16 discrete steps
±0.3
dB
Channel−to−Channel Volume
Tracking Error
All gain settings from
−33dB to +12dB
0.15
dB
Shutdown Attenuation
Shutdown mode active
−100
dB
Electrical Characteristics (Notes 1, 8)
The following specifications apply for V
DD = 2.6V unless otherwise specified, limits apply to TA = 25˚C.
Symbol
Parameter
Conditions
LM4811
Units
(Limits)
Typical
(Note 4)
Limit
(Note 5)
I
DD
Supply Current
V
IN = 0V, IO = 0A
1.0
mA
I
SD
Shutdown Current
V
IN = 0V
0.3
µA
V
OS
Output Offset Voltage
V
IN = 0V
4.0
mV
P
o
Output Power
0.1% THD+N; f = 1kHz
R
L =16
20
mW
R
L =32
16
mW
THD+N
Total Harmonic Distortion
P
O = 15mW, RL =32
f = 20Hz to 20kHz
0.6
%
PSRR
Power Supply Rejection Ratio
C
B = 1.0µF, VRIPPLE = 100mVPP
f = 217Hz
60
dB
V
IH
(CLOCK, UP/DN, SHUTDOWN)
Input Voltage High
1.4
V (min)
V
IL
(CLOCK, UP/DN, SHUTDOWN)
Input Voltage Low
0.4
V (max)
Digital Volume Range
Input referred minimum gain
−33
dB
Input referred maximum gain
+12
dB
Digital Volume Stepsize
All 16 discrete steps
3.0
dB
Stepsize Error
All 16 discrete steps
±0.3
dB
Channel−to−Channel Volume
Tracking Error
All gain settings from
−33dB to +12dB
0.15
dB
www.national.com
4


Similar Part No. - LM4811

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM4811 UTC-LM4811 Datasheet
209Kb / 9P
   DUAL 105mW HEADPHONE AMPLIFIER WITH DIGITAL VOLUME CONTROL AND SHUTDOWN MODE
logo
Texas Instruments
LM4811 TI1-LM4811 Datasheet
1Mb / 24P
[Old version datasheet]   Dual 105mW Headphone Amplifier
logo
Unisonic Technologies
LM4811G-SM2-R UTC-LM4811G-SM2-R Datasheet
209Kb / 9P
   DUAL 105mW HEADPHONE AMPLIFIER WITH DIGITAL VOLUME CONTROL AND SHUTDOWN MODE
LM4811G-SM2-R UTC-LM4811G-SM2-R Datasheet
199Kb / 9P
   DUAL 105mW HEADPHONE AMPLIFIER WITH DIGITAL VOLUME CONTROL
LM4811L-SM2-R UTC-LM4811L-SM2-R Datasheet
209Kb / 9P
   DUAL 105mW HEADPHONE AMPLIFIER WITH DIGITAL VOLUME CONTROL AND SHUTDOWN MODE
More results

Similar Description - LM4811

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM4811 UTC-LM4811_15 Datasheet
199Kb / 9P
   DUAL 105mW HEADPHONE AMPLIFIER WITH DIGITAL VOLUME CONTROL
LM4811 UTC-LM4811 Datasheet
209Kb / 9P
   DUAL 105mW HEADPHONE AMPLIFIER WITH DIGITAL VOLUME CONTROL AND SHUTDOWN MODE
logo
List of Unclassifed Man...
HWD2111 ETC1-HWD2111 Datasheet
1Mb / 19P
   Dual 105mW Headphone Amplifier with Digital Volume Control and Shutdown Mode
logo
Texas Instruments
LM4811 TI1-LM4811 Datasheet
1Mb / 24P
[Old version datasheet]   Dual 105mW Headphone Amplifier
logo
Ceramate Technical
CO4808 CERAMATE-CO4808 Datasheet
148Kb / 4P
   Dual 105mW Headphone Amplifier
logo
National Semiconductor ...
LM4809 NSC-LM4809 Datasheet
903Kb / 18P
   Dual 105mW Headphone Amplifier with Active-Low Shutdown Mode
logo
Texas Instruments
LM4809LQX TI1-LM4809LQX Datasheet
1Mb / 30P
[Old version datasheet]   Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
LM4809 TI-LM4809_15 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
LM4809 TI1-LM4809_14 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
logo
National Semiconductor ...
LM4810 NSC-LM4810 Datasheet
928Kb / 18P
   Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com