Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MABA-011073 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MABA-011073
Description  Excellent temperature stability
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MABA-011073 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MABA-011073 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MABA-011073 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MABA-011073 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MABA-011073 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MABA-011073 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MABA-011073 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1:1 Flux Coupled Transformer
1 - 100 MHz
MABA-011073
4
44
Rev. V1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Typical Performance Curves
Electrical Specifications: TA = 25°C, Z0 = 75 Ω, Pin = 0dBm


Similar Part No. - MABA-011073

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-011002 MA-COM-MABA-011002 Datasheet
685Kb / 4P
   4:1 Step Down Balun Transformer
MABA-011002-TB MA-COM-MABA-011002-TB Datasheet
685Kb / 4P
   4:1 Step Down Balun Transformer
MABA-011002-V1 MA-COM-MABA-011002-V1 Datasheet
649Kb / 4P
   4:1 Step Down Transformer
MABA-011002 MA-COM-MABA-011002_14 Datasheet
685Kb / 4P
   4:1 Step Down Balun Transformer
MABA-011006 MA-COM-MABA-011006 Datasheet
501Kb / 3P
   Available on Tape and Reel
More results

Similar Description - MABA-011073

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-011085 MA-COM-MABA-011085 Datasheet
812Kb / 5P
   Excellent Temperature Stability
MACP-010718-CG09E0 MA-COM-MACP-010718-CG09E0 Datasheet
743Kb / 4P
   Excellent temperature stability
logo
Vanlong Technology Co.,...
DF-SERIES VANLONG-DF-SERIES Datasheet
38Kb / 1P
   Excellent temperature stability
logo
M/A-COM Technology Solu...
MABA-011010 MA-COM-MABA-011010 Datasheet
729Kb / 4P
   Excellent temperature stability
MACP-011034 MA-COM-MACP-011034 Datasheet
682Kb / 5P
   Excellent Temperature Stability
MAPD-010424-C20C80 MA-COM-MAPD-010424-C20C80 Datasheet
450Kb / 4P
   Excellent temperature stability
MACP-011036 MA-COM-MACP-011036 Datasheet
688Kb / 5P
   Excellent Temperature Stability
MABA-010726-CT1007 MA-COM-MABA-010726-CT1007 Datasheet
1Mb / 4P
   Excellent temperature stability
MAPD-011040 MA-COM-MAPD-011040 Datasheet
909Kb / 7P
   Excellent temperature stability
logo
Vectron International, ...
OX202 VECTRON-OX202 Datasheet
497Kb / 4P
   Excellent temperature stability
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com