Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAM-011206 Datasheet(PDF) 8 Page - M/A-COM Technology Solutions, Inc.

Part # MAAM-011206
Description  Single Bias Operation
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAM-011206 Datasheet(HTML) 8 Page - M/A-COM Technology Solutions, Inc.

  MAAM-011206 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAM-011206 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAM-011206 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAM-011206 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAM-011206 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAM-011206 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAM-011206 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAAM-011206 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAAM-011206 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Broadband Darlington Amplifier
DC-15 GHz
Rev. V1
MAAM-011206
8
8
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
DC-0009466
8
Reference Application Note S2083 for lead-free solder reflow recommendations.
Plating is NiPdAuAg.
Lead-Free 1.5 x 1.2 mm 6-Lead


Similar Part No. - MAAM-011206

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-011220 MA-COM-MAAM-011220 Datasheet
1Mb / 10P
   Low Distortion Performance
MAAM-011220-001SMB MA-COM-MAAM-011220-001SMB Datasheet
1Mb / 10P
   Low Distortion Performance
MAAM-011220-TR1000 MA-COM-MAAM-011220-TR1000 Datasheet
1Mb / 10P
   Low Distortion Performance
MAAM-011220-TR3000 MA-COM-MAAM-011220-TR3000 Datasheet
1Mb / 10P
   Low Distortion Performance
MAAM-011229 MA-COM-MAAM-011229 Datasheet
1Mb / 12P
   Power Down Option
More results

Similar Description - MAAM-011206

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MBDXX57-X MA-COM-MBDXX57-X Datasheet
783Kb / 9P
   Zero Bias Operation
logo
Hamamatsu Corporation
S4315-01 HAMAMATSU-S4315-01 Datasheet
148Kb / 4P
   Low bias operation, for 800 nm band
S12023 HAMAMATSU-S12023_15 Datasheet
271Kb / 6P
   Low bias operation, for 800 nm band
S10341 HAMAMATSU-S10341_15 Datasheet
292Kb / 4P
   Low bias operation, for 800 nm band
logo
Texas Instruments
UCC28250 TI1-UCC28250_12 Datasheet
980Kb / 53P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_15 Datasheet
997Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251 Datasheet
902Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_10 Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250 Datasheet
761Kb / 50P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
logo
Maxim Integrated Produc...
MAX4313EVKIT MAXIM-MAX4313EVKIT Datasheet
112Kb / 4P
   Single-Supply Operation
Rev 1; 4/99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com