Electronic Components Datasheet Search |
|
MAAL-011136 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc. |
|
MAAL-011136 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc. |
1 / 9 page 75 Ω CATV, FTTx Low Noise Amplifier 45 - 1218 MHz Rev. V1 MAAL-011136 1 1 MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. Visit www.macom.com for additional data sheets and product information. For further information and support please visit: https://www.macom.com/support 1 Features Single Stage, Single Ended 3 to 5 V Operation Low Current, 50 mA 20 dB Flat Gain 1.2 dB NF Noise Low Distortion Performance Lead-Free SOT-89 Plastic Package Halogen-Free “Green” Mold Compound RoHS* Compliant Description The MAAL-011136 is an RF amplifier assembled in a SOT-89 plastic package. This amplifier provides 20 dB of flat gain while biased from 3 to 5 volts. The amplifier provides excellent noise figure. The MAAL-011136 provides high gain, low noise and low distortion making it ideally suited as input stage for fiber-to-the-home (FTTh) applications and other 75 Ω infrastructure applications. The MAAL-011136 is fabricated using GaAs pHEMT technology. Ordering Information1,2 Part Number Package MAAL-011136-TR1000 1000 Part Reel MAAL-011136-TR3000 3000 Part Reel MAAL-011136-001SMB Sample Board * Restrictions on Hazardous Substances, European Union Directive 2011/65/EU. 1. Reference Application Note M513 for reel size information. 2. All sample boards include 5 loose parts. Functional Schematic Pin No. Pin Name Function 1 RFIN RF Input 2 GND Ground 3 RFOUT RF Output /Drain Supply Pin Configuration |
Similar Part No. - MAAL-011136 |
|
Similar Description - MAAL-011136 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |