Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-5843AA5BC-M5T1S Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-5843AA5BC-M5T1S
Description  TEMPERATURE SWITCH IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5843AA5BC-M5T1S Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-5843AA5BC-M5T1S Datasheet HTML 5Page - Seiko Instruments Inc S-5843AA5BC-M5T1S Datasheet HTML 6Page - Seiko Instruments Inc S-5843AA5BC-M5T1S Datasheet HTML 7Page - Seiko Instruments Inc S-5843AA5BC-M5T1S Datasheet HTML 8Page - Seiko Instruments Inc S-5843AA5BC-M5T1S Datasheet HTML 9Page - Seiko Instruments Inc S-5843AA5BC-M5T1S Datasheet HTML 10Page - Seiko Instruments Inc S-5843AA5BC-M5T1S Datasheet HTML 11Page - Seiko Instruments Inc S-5843AA5BC-M5T1S Datasheet HTML 12Page - Seiko Instruments Inc S-5843AA5BC-M5T1S Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
TEMPERATURE SWITCH IC (THERMOSTAT IC)
Rev.2.2_01
S-5843A Series
9
Operation
1. Basic operation
The S-5843A Series is a temperature switch IC (thermostat IC) which detects temperature and sends a signal to an
external device. The users can select various combinations of the parameters such as the detection temperature, the
output form and logic, and hysteresis temperature.
Following is about the operation when the DET pin output logic is active "H".
After applying the power supply, the S-5843A Series starts to detect the temperature. If the temperature is lower than
the detection temperature (
+TD), the DET pin output keeps "L". The temperature rises and exceeds the detection
temperature, the DET pin output is set to "H".
After the detection, the temperature drops and reaches the release temperature (
+TD − THYS), the DET pin output
returns to "L".
Figure 7 is the timing chart.
L
DET pin output
Ambient temperature (Ta)
H
Detection temperature (
TD)
Hysteresis temperature
(THYS)
Figure 7 Operation when DET Pin Output Logic is Active "H"
2. Prevention functions for false detection operation and false release operation
The S-5843A Series sets the start-up control sequence and the noise suppression time (tdelay) via the delay circuit. By
this, the S-5843A Series prevents false detection and false release operations which are caused by start-up and power
supply fluctuation.
Following is about the operation when the DET pin output logic is active "H".
2. 1 Operation at start-up
By the start-up control sequence, the S-5843A Series fixes the DET pin output "L" until the internal circuits become
stable immediately after start-up. After that, the S-5843A Series starts the operation for temperature detection.
The DET pin output keeps "L" if ambient temperature (Ta) is the detection temperature (
+TD) or less. After that, if the
temperature rises and exceeds the detection temperature, and this status is held for the noise suppression time or
longer, the DET pin output is set to "H".
2. 2 Operation at power supply fluctuation
The DET pin output is set to "L", if ambient temperature is the detection temperature or less. If any power supply
fluctuation makes the internal circuit unstable, this status lasts shorter than the noise suppression time, the DET pin
output is not set to "H". Thus, false detection operation by power supply fluctuation can be prevented. This is as well
for the release operation.


Similar Part No. - S-5843AA5BC-M5T1S

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5840B SII-S-5840B Datasheet
374Kb / 13P
   TEMPERATURE SWITCH IC WITH LATCH
S-5840BAG-M5T1G SII-S-5840BAG-M5T1G Datasheet
374Kb / 13P
   TEMPERATURE SWITCH IC WITH LATCH
S-5840BAG-M5T1G SII-S-5840BAG-M5T1G Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
S-5840BAG-M5T1U SII-S-5840BAG-M5T1U Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
S-5840BAG-M5T1X SII-S-5840BAG-M5T1X Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
More results

Similar Description - S-5843AA5BC-M5T1S

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5844A50DB-M5T1U3 SII-S-5844A50DB-M5T1U3 Datasheet
1Mb / 28P
   TEMPERATURE SWITCH IC
S-5840BAG-M5T1X SII-S-5840BAG-M5T1X Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
S-5841 SII-S-5841 Datasheet
588Kb / 25P
   TEMPERATURE SWITCH IC
S-5841A55D-M5T1X SII-S-5841A55D-M5T1X Datasheet
1Mb / 26P
   TEMPERATURE SWITCH IC
S5843A SII-S5843A Datasheet
478Kb / 21P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5844A SII-S5844A Datasheet
629Kb / 28P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5841 SII-S5841 Datasheet
449Kb / 26P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5840B SII-S5840B Datasheet
179Kb / 15P
   TEMPERATURE SWITCH IC (THERMOSTAT IC) WITH LATCH
S-8130AA SII-S-8130AA Datasheet
313Kb / 12P
   TEMPERATURE SWITCH IC WITH LATCH
S5842A SII-S5842A Datasheet
686Kb / 31P
   DUAL TRIP TEMPERATURE SWITCH IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com