Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T89C51IC2 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # T89C51IC2
Description  8-bit Microcontroller with Flash and I2C Interface
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51IC2 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button T89C51IC2 Datasheet HTML 2Page - ATMEL Corporation T89C51IC2 Datasheet HTML 3Page - ATMEL Corporation T89C51IC2 Datasheet HTML 4Page - ATMEL Corporation T89C51IC2 Datasheet HTML 5Page - ATMEL Corporation T89C51IC2 Datasheet HTML 6Page - ATMEL Corporation T89C51IC2 Datasheet HTML 7Page - ATMEL Corporation T89C51IC2 Datasheet HTML 8Page - ATMEL Corporation T89C51IC2 Datasheet HTML 9Page - ATMEL Corporation T89C51IC2 Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
T89C51IC2
Rev. C – 3-Dec-01
RST
10
4
I/O
Reset: A high on this pin for two machine cycles while the oscillator is running, resets
the device. An internal diffused resistor to VSS permits a power-on reset using only an
external capacitor to VCC. This pin is an output when the hardware watchdog forces a
system reset.
ALE/PROG
33
27
O (I)
Address Latch Enable/Program Pulse: Output pulse for latching the low byte of the
address during an access to external memory. In normal operation, ALE is emitted at a
constant rate of 1/6 (1/3 in X2 mode) the oscillator frequency, and can be used for
external timing or clocking. Note that one ALE pulse is skipped during each access to
external data memory. This pin is also the program pulse input (PROG) during Flash
programming. ALE can be disabled by setting SFR’s AUXR.0 bit. With this bit set, ALE
will be inactive during internal fetches.
PSEN
32
26
O
Program Strobe ENable: The read strobe to external program memory. When
executing code from the external program memory, PSEN is activated twice each
machine cycle, except that two PSEN activations are skipped during each access to
external data memory. PSEN is not activated during fetches from internal program
memory.
EA
35
29
I
External Access Enable: EA must be externally held low to enable the device to fetch
code from external program memory locations 0000H to FFFFH (RD). If security level 1
is programmed, EA will be internally latched on Reset.
Mnemonic
Pin Number
Type
Name and Function
PLCC44
VQFP44 1.4


Similar Part No. - T89C51IC2

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51IC2 ATMEL-T89C51IC2_14 Datasheet
50Kb / 3P
   No Active Erratas in Latest Version of Bootloader
More results

Similar Description - T89C51IC2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF84C00 PHILIPS-PCF84C00 Datasheet
143Kb / 24P
   8-bit microcontroller with I2C-bus interface
1996 Nov 25
logo
ATMEL Corporation
AT89C51IC2 ATMEL-AT89C51IC2_08 Datasheet
1Mb / 147P
   8-bit Flash Microcontroller with 2-wire Interface
AT89C51IC2 ATMEL-AT89C51IC2 Datasheet
1Mb / 146P
   8-bit Flash Microcontroller with 2-wire Interface
AT89C51IC2 ATMEL-AT89C51IC2_04 Datasheet
1Mb / 146P
   8-bit Flash Microcontroller with 2-wire Interface
T89C51CC02 ATMEL-T89C51CC02_06 Datasheet
1Mb / 156P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash
T89C51CC02 ATMEL-T89C51CC02 Datasheet
1Mb / 154P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash
T89C51CC02 ATMEL-T89C51CC02_08 Datasheet
1Mb / 159P
   Enhanced 8-bit Microcontroller with CAN Controller and Flash
AT89C51RD2 ATMEL-AT89C51RD2 Datasheet
1Mb / 137P
   8-bit Flash Microcontroller
AT89C51RD2 ATMEL-AT89C51RD2_08 Datasheet
1Mb / 137P
   8-bit Flash Microcontroller
AT89C51ID2_0309 ATMEL-AT89C51ID2_0309 Datasheet
1Mb / 159P
   8-bit Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com