Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4810 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4810
Description  Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4810 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4810 Datasheet HTML 1Page - National Semiconductor (TI) LM4810 Datasheet HTML 2Page - National Semiconductor (TI) LM4810 Datasheet HTML 3Page - National Semiconductor (TI) LM4810 Datasheet HTML 4Page - National Semiconductor (TI) LM4810 Datasheet HTML 5Page - National Semiconductor (TI) LM4810 Datasheet HTML 6Page - National Semiconductor (TI) LM4810 Datasheet HTML 7Page - National Semiconductor (TI) LM4810 Datasheet HTML 8Page - National Semiconductor (TI) LM4810 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical Characteristics (Notes 2, 3) (Continued)
The following specifications apply for V
DD = 3.3V unless otherwise specified, limits apply to TA = 25˚C.
Symbol
Parameter
Conditions
LM4810
Units
(Limits)
Typ
(Note 5)
Limit
(Note 7)
PSRR
Power Supply Rejection Ratio
C
B = 1.0µF; Vripple = 200mVPP,
f = 1kHz; Input terminated into 50
70
dB
V
SDIH
Shutdown Voltage Input High
0.8 x V
DD
V (min)
V
SDIL
Shutdown Voltage Input Low
0.2 x V
DD
V (max)
Electrical Characteristics (Notes 2, 3)
The following specifications apply for V
DD = 2.6V unless otherwise specified, limits apply to TA = 25˚C.
Symbol
Parameter
Conditions
LM4810
Units
(Limits)
Typ
(Note 5)
Limit
(Note 7)
I
DD
Supply Current
V
IN = 0V, IO = 0A
0.9
mA
I
SD
Shutdown Current
V
IN = 0V, VSHUTDOWN =VDD
0.2
µA
V
OS
Output Offset Voltage
V
IN = 0V
4.0
mV
P
O
Output Power
THD+N = 0.1%, f = 1kHz
R
L =16
20
mW
R
L =32
16
mW
THD+N
Total Harmonic Distortion
P
O = 15mW, RL =32
f = 20Hz to 20kHz
0.6
%
Crosstalk
Channel Separation
R
L =32
Ω;P
O = 15mW
70
dB
PSRR
Power Supply Rejection Ratio
C
B = 1.0µF; Vripple = 200mVPP,
f = 1kHz; Input terminated into 50
70
dB
V
SDIH
Shutdown Voltage Input High
0.8 x V
DD
V (min)
V
SDIL
Shutdown Voltage Input Low
0.2 x V
DD
V (max)
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Note 3: All voltages are measured with respect to the ground pin, unless otherwise specified.
Note 4: Human body model, 100pF discharged through a 1.5k
Ω resistor.
Note 5: Typical specifications are specified at +25OC and represent the most likely parametric norm.
Note 6: Tested limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 7: Datasheet max/min specification limits are guaranteed by design, test, or statistical analysis.
Note 8: Machine Model ESD test is covered by specification EIAJ IC-121-1981. A 200pF cap is charged to the specified voltage, then discharged directly into the
IC with no external series resistor (resistance of discharge path must be under 50Ohms).
Note 9: The given
θJA is for an LM4810 packaged in an LDA08B with the Exposed-Dap soldered to a printed circuit board copper pad with an area equivalent to
that of the Exposed-Dap itself.
Note 10: The given
θJA is for an LM4810 packaged in an LDA08B with the Exposed-Dap not soldered to any circuit board copper.
www.national.com
4


Similar Part No. - LM4810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4810 TI-LM4810 Datasheet
1Mb / 25P
[Old version datasheet]   Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
logo
National Semiconductor ...
LM48100Q NSC-LM48100Q Datasheet
583Kb / 24P
   Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
logo
Texas Instruments
LM48100Q TI-LM48100Q Datasheet
949Kb / 24P
[Old version datasheet]   LM48100Q Boomer Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
LM48100Q-Q1 TI1-LM48100Q-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Audio Power Amplifier
logo
National Semiconductor ...
LM48100QMH NSC-LM48100QMH Datasheet
583Kb / 24P
   Mono, 1.3W Audio Power Amplifier with Output Fault Detection and Volume Control
More results

Similar Description - LM4810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4810 TI-LM4810_15 Datasheet
1Mb / 25P
[Old version datasheet]   Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
logo
National Semiconductor ...
LM4809 NSC-LM4809 Datasheet
903Kb / 18P
   Dual 105mW Headphone Amplifier with Active-Low Shutdown Mode
logo
Texas Instruments
LM4809LQX TI1-LM4809LQX Datasheet
1Mb / 30P
[Old version datasheet]   Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
LM4809 TI-LM4809_15 Datasheet
1Mb / 29P
[Old version datasheet]   Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
LM4809 TI1-LM4809_14 Datasheet
1Mb / 30P
[Old version datasheet]   Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
logo
Lyontek Inc.
LY8601 LYONTEK-LY8601 Datasheet
195Kb / 5P
   Dual 0.1W Headphone Amplifier with Active-high shutdown mode
logo
Unisonic Technologies
LM4811 UTC-LM4811 Datasheet
209Kb / 9P
   DUAL 105mW HEADPHONE AMPLIFIER WITH DIGITAL VOLUME CONTROL AND SHUTDOWN MODE
logo
List of Unclassifed Man...
HWD2111 ETC1-HWD2111 Datasheet
1Mb / 19P
   Dual 105mW Headphone Amplifier with Digital Volume Control and Shutdown Mode
logo
Texas Instruments
LM4811 TI1-LM4811 Datasheet
1Mb / 24P
[Old version datasheet]   Dual 105mW Headphone Amplifier
logo
Ceramate Technical
CO4808 CERAMATE-CO4808 Datasheet
148Kb / 4P
   Dual 105mW Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com