Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6301 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # 2N6301
Description  NPN Darlington Power Silicon Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

2N6301 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  2N6301 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 2N6301 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. 2N6301 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN Darlington Power Silicon Transistor
Rev. V1
2N6300 & 2N6301
1
1
MACOM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 Available in JAN, JANTX, JANTXV per
MIL-PRF-19500/518
 TO-66 (TO-213AA) Package
Electrical Characteristics
Parameter
Test Conditions
Symbol Units
Min.
Max.
Off Characteristics
Collector - Emitter Breakdown Voltage
IC = 100 mAdc, 2N6300
IC = 100 mAdc, 2N6301
V(BR)CEO Vdc
60
80
Collector - Emitter Cutoff Current
VCE = 30 Vdc, 2N6300
VCE = 40 Vdc, 2N6301
ICEO
µAdc
500
500
Collector - Emitter Cutoff Current
VCE = 60 Vdc, VBE = 1.5 Vdc, 2N6300
VCE = 80 Vdc, VBE = 1.5 Vdc, 2N6301
ICEX
µAdc
10
10
Emitter - Base Cutoff Current
VEB = 6 Vdc
IEBO
µAdc
500
On Characteristics1
Forward Current Transfer Ratio
IC = 1 Adc, VCE = 3 Vdc
IC = 4 Adc, VCE = 3 Vdc
IC = 8 Adc, VCE = 3 Vdc
HFE
-
500
700
100
18,000
Collector - Emitter Saturation Voltage
IC = 4 Adc, IB = 16 Adc
IC = 8 Adc, IB = 80 Adc
VCE(SAT) Vdc
2.0
3.0
Base - Emitter Saturation Voltage
IC = 8 Adc, IB = 80 Adc
VCE(SAT) Vdc
4.0
Base - Emitter Voltage
IC = 1 Adc, VCE = 10 Vdc
VBE(ON)
Vdc
2.8
Dynamic Characteristics
Magnitude of Common Emitter Small-Signal
Short-Circuit Forward Current Transfer Ratio
IC = 3 Adc, VCE = 3 Vdc, f = 1.0 kHz
| HFE |
-
25
350
Small-Signal Short-Circuit Forward Current
Transfer Ratio
IC = 3 Adc, VCE = 3 Vdc, f = 1.0 kHz
| HFE |
-
300
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1 MHz COBO
pF
200
Switching Characteristics
Turn-On Time
VCC = 30 Vdc; IC = 4.0 Adc;
IB1 = 16 mAdc
TON
µs
2.0
Turn-Off Time
VCC = 30 Vdc; IC = 4.0 Adc;
IB1 = 16 mAdc
TOFF
µs
8.0
Safe Operating Area
DC Tests:
TC = +25 °C, I Cycle, t = 1.0 s
Test 1:
VCE = 8.0 Vdc, IC = 8.0 Adc
Test 2:
VCE = 20 Vdc, IC = 2.0 Adc
Test 3:
VCE = 60 Vdc, IC = 100 Adc, 2N6300
VCE = 80 Vdc, IC = 100 Adc, 2N6301
1. Pulse Test: Pulse Width = 300 μs, Duty Cycle ≤2.0%.


Similar Part No. - 2N6301

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6301 MOSPEC-2N6301 Datasheet
177Kb / 4P
   POWER TRANSISTORS(8A, 75W)
logo
Boca Semiconductor Corp...
2N6301 BOCA-2N6301 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Microsemi Corporation
2N6301 MICROSEMI-2N6301 Datasheet
64Kb / 2P
   PNP DARLINGTON POWER SILICON TRANSISTOR
logo
Central Semiconductor C...
2N6301 CENTRAL-2N6301 Datasheet
51Kb / 1P
   Power Transistors
logo
Inchange Semiconductor ...
2N6301 ISC-2N6301 Datasheet
131Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - 2N6301

ManufacturerPart #DatasheetDescription
logo
NEC
2SD1630 NEC-2SD1630 Datasheet
125Kb / 2P
   NPN SILICON DARLINGTON POWER TRANSISTOR
logo
Microsemi Corporation
JANTX2N6284 MICROSEMI-JANTX2N6284 Datasheet
64Kb / 2P
   NPN DARLINGTON POWER SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2SD1072 ISC-2SD1072 Datasheet
259Kb / 2P
   Silicon NPN Darlington Power Transistor
2SD1124 ISC-2SD1124 Datasheet
260Kb / 2P
   Silicon NPN Darlington Power Transistor
2SD1202 ISC-2SD1202 Datasheet
253Kb / 2P
   Silicon NPN Darlington Power Transistor
2SD650 ISC-2SD650 Datasheet
266Kb / 2P
   Silicon NPN Darlington Power Transistor
logo
M/A-COM Technology Solu...
2N6249 MA-COM-2N6249 Datasheet
446Kb / 4P
   NPN Darlington Power Silicon Transistor
logo
New Jersey Semi-Conduct...
BU180 NJSEMI-BU180 Datasheet
125Kb / 2P
   Silicon NPN Darlington Power Transistor
BU807FI NJSEMI-BU807FI Datasheet
125Kb / 2P
   Silicon NPN Darlington Power Transistor
BDX33A NJSEMI-BDX33A Datasheet
121Kb / 2P
   Silicon NPN Darlington Power Transistor
BDX53F NJSEMI-BDX53F Datasheet
129Kb / 2P
   Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com