Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK402-950 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # STK402-950
Description  5CH AB AUDIO POWER IC 30W X 5 CH
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK402-950 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  STK402-950 Datasheet HTML 1Page - Sanyo Semicon Device STK402-950 Datasheet HTML 2Page - Sanyo Semicon Device STK402-950 Datasheet HTML 3Page - Sanyo Semicon Device STK402-950 Datasheet HTML 4Page - Sanyo Semicon Device STK402-950 Datasheet HTML 5Page - Sanyo Semicon Device STK402-950 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image






























!"#
b5Bàáâã½ko¸ ;VäåPæHç,HIJθM¯Ð,è;VéÚXDE
êë^5B,12ìíMQ^L°)îïPWðwE
o¸[θM¯ñ¯ò^L°


óóóóóó|^‚
¯ôõ@,œö÷øìí
êëùú,"#ûóÒ%T—,Tü%ý%ìíþQ^L°)îïPWðwE
o¸[θM¯ño¸`£[θþMñ¯ò^L° 
óóóóóó|‚
£ô"#ûYÒ%T—,ùÿ
θþMô"#ûYÒ%T—ß,HIJ
;"# YÒ%T—,âã½ko¸)£ùCȞDn,w;XDE
]^d]d)θM¯WVDnw Ý,Q RXDE
θM¯ò]^Lû¯d`o¸


óóóóóó]^d
θM¯ò]^Lû¯d`o¸ûθþM`£

óóóóóó]d
ð,)”DnÉQäåwDnæHç,HIJwPXDE
]^d]dÐ,èQXnwäåwDnæHç,HIJ)éÚnðwQCXDE
Y½¾½Ã
¶BB
YŠ‹IJÉ
Ž
Yœö÷øìí ¯



Similar Part No. - STK402-950

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK402-930 SANYO-STK402-930 Datasheet
574Kb / 6P
   AUIDO POWER IC 20W X 5 CH
STK402-940 SANYO-STK402-940 Datasheet
576Kb / 6P
   5CH AB AUDIO POWER IC 25W X 5 CH
More results

Similar Description - STK402-950

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK402-940 SANYO-STK402-940 Datasheet
576Kb / 6P
   5CH AB AUDIO POWER IC 25W X 5 CH
STK433-030-E SANYO-STK433-030-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 30W30W
STK433-730-E SANYO-STK433-730-E Datasheet
177Kb / 12P
   2-channel class AB audio power IC, 30W30W
STK404-140 SANYO-STK404-140 Datasheet
466Kb / 6P
   1 CH AB AUDIO POWER IC
logo
Toshiba Semiconductor
TA8251AH TOSHIBA-TA8251AH Datasheet
563Kb / 12P
   MAX POWER 30W BTL x 4CH AUDIO POWER IC
TA8251AHQ TOSHIBA-TA8251AHQ Datasheet
1Mb / 13P
   MAX POWER 30W BTL X 4CH AUDIO POWER IC
logo
Sanyo Semicon Device
STK402-930 SANYO-STK402-930 Datasheet
574Kb / 6P
   AUIDO POWER IC 20W X 5 CH
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
logo
ON Semiconductor
STK433-130N-E ONSEMI-STK433-130N-E Datasheet
375Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK404-140N-E SANYO-STK404-140N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com