Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC5474HC4351 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC5474HC4351
Description  High?밣erformance Silicon?밎ate CMOS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC5474HC4351 Datasheet(HTML) 1 Page - Motorola, Inc

  MC5474HC4351 Datasheet HTML 1Page - Motorola, Inc MC5474HC4351 Datasheet HTML 2Page - Motorola, Inc MC5474HC4351 Datasheet HTML 3Page - Motorola, Inc MC5474HC4351 Datasheet HTML 4Page - Motorola, Inc MC5474HC4351 Datasheet HTML 5Page - Motorola, Inc MC5474HC4351 Datasheet HTML 6Page - Motorola, Inc MC5474HC4351 Datasheet HTML 7Page - Motorola, Inc MC5474HC4351 Datasheet HTML 8Page - Motorola, Inc MC5474HC4351 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 6
© Motorola, Inc. 1995
10/95
Analog Multiplexers/
Demultiplexers with
Address Latch
High–Performance Silicon–Gate CMOS
The MC54/74HC4351, and MC54/74HC4353 utilize silicon–gate CMOS
technology to achieve fast propagation delays, low ON resistances, and low
OFF leakage currents. These analog multiplexers/demultiplexers control
analog voltages that may vary across the complete power supply range
(from VCC to VEE).
The Channel–Select inputs determine which one of the Analog Inputs/
Outputs is to be connected, by means of an analog switch, to the Common
Output/Input. The data at the Channel–Select inputs may be latched by
using the active–low Latch Enable pin. When Latch Enable is high, the latch
is transparent. When either Enable 1 (active low) or Enable 2 (active high) is
inactive, all analog switches are turned off.
The Channel–Select and Enable inputs are compatible with standard
CMOS outputs; with pullup resistors, they are compatible with LSTTL
outputs.
These devices have been designed so that the ON resistance (Ron) is
more linear over input voltage than Ron of metal–gate CMOS analog
switches.
For multiplexers/demultiplexers without latches, see the HC4051,
HC4052, and HC4053.
• Fast Switching and Propagation Speeds
• Low Crosstalk Between Switches
• Diode Protection on All Inputs/Outputs
• Analog Power Supply Range (VCC – VEE) = 2.0 to 12.0 V
• Digital (Control) Power Supply Range (VCC – GND) = 2.0 to 6.0 V
• Improved Linearity and Lower ON Resistance than Metal–Gate Types
• Low Noise
• In Compliance with the Requirements Defined by JEDEC Standard
No. 7A
• Chip Complexity: HC4351 — 222 FETs or 55.5 Equivalent Gates
HC4353 — 186 FETs or 46.5 Equivalent Gates
MC54/74HC4351
MC54/74HC4353
PIN ASSIGNMENT
MC54/74HC4351
X5
X
NC
X6
X4
GND
VEE
ENABLE 2
ENABLE 1
X7
5
4
3
2
1
10
9
8
7
6
14
15
16
17
18
19
20
11
12
13
X3
X0
X1
X2
VCC
LATCH
ENABLE
C
B
NC
A
NC = NO CONNECTION
DW SUFFIX
SOIC PACKAGE
CASE 751D–04
N SUFFIX
PLASTIC PACKAGE
CASE 738–03
ORDERING INFORMATION
MC54HCXXXXJ
MC74HCXXXXN
MC74HCXXXXDW
Ceramic
Plastic
SOIC
J SUFFIX
CERAMIC PACKAGE
CASE 732–03
1
20
1
20
1
20


Similar Part No. - MC5474HC4351

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC5474HC4016A MOTOROLA-MC5474HC4016A Datasheet
336Kb / 12P
   Quad Analog Switch Multiplexer/Demultiplexer
logo
ON Semiconductor
MC5474HC4051 ONSEMI-MC5474HC4051 Datasheet
213Kb / 16P
   Analog Multiplexers/ Demultiplexers
MC5474HC4053 ONSEMI-MC5474HC4053 Datasheet
213Kb / 16P
   Analog Multiplexers/ Demultiplexers
logo
Motorola, Inc
MC5474HC4060A MOTOROLA-MC5474HC4060A Datasheet
259Kb / 11P
   High?밣erformance Silicon?밎ate CMOS
More results

Similar Description - MC5474HC4351

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HCT161A MOTOROLA-MC54-74HCT161A Datasheet
258Kb / 12P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC640A MOTOROLA-MC54-74HC640A Datasheet
155Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC245A MOTOROLA-MC5474HC245A Datasheet
203Kb / 6P
   High?밣erformance Silicon?밎ate CMOS
74HC390A MOTOROLA-74HC390A Datasheet
268Kb / 9P
   High?밣erformance Silicon?밎ate CMOS
MC54F74HC164A MOTOROLA-MC54F74HC164A Datasheet
245Kb / 9P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC08A MOTOROLA-MC5474HC08A Datasheet
165Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC175A MOTOROLA-MC5474HC175A Datasheet
248Kb / 8P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC132A MOTOROLA-MC54-74HC132A Datasheet
192Kb / 6P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC4351 MOTOROLA-MC54-74HC4351 Datasheet
480Kb / 13P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HCT373A MOTOROLA-MC54-74HCT373A Datasheet
196Kb / 8P
   High?밣erformance Silicon?밎ate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com