Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

760308103305 Datasheet(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 760308103305
Description  WE-WPCC Wireless Power Charging Receiver Coil
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

760308103305 Datasheet(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  760308103305 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 760308103305 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 760308103305 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 760308103305 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 760308103305 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 760308103305 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Classification Wave Soldering Profile:
Time
Tp
tp
Ts max
Ts typical
Ts min
First Wave
Preheat area
Cool down area
Second Wave
typical temperature procedure
min temperature procedure
max temperature procedure
Profile Feature
Pb-Free Assembly
Sn-Pb Assembly
Preheat Temperature Min
Ts min
100 °C
100 °C
Preheat Temperature Typical
Ts typical 120 °C
120 °C
Preheat Temperature Max
Ts max
130 °C
130 °C
Preheat Time ts from Ts min to Ts max
ts
70 seconds
70 seconds
Ramp-up Rate
Δ T
150 °C max.
150 °C max.
Peak temperature
Tp
250 °C - 260 °C
235 °C - 260 °C
Time of actual peak temperature
tp
max. 10 seconds
max. 5 seconds each wave
max. 10 seconds
max. 5 seconds each wave
Ramp-down Rate, Min
~ 2 K/ second
~ 2 K/ second
Ramp-down Rate, Typical
~ 3.5 K/ second
~ 3.5 K/ second
Ramp-down Rate, Max
~ 5 K/ second
~ 5 K/ second
Time 25°C to 25°C
4 minutes
4 minutes
Classification Wave Soldering Profile:
refer to EN61760-1:2006
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
CSo
DIN ISO 2768-1m
DESCRIPTION
WE-WPCC Wireless Power
Charging Receiver Coil
ORDER CODE
760308103305
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
4544
001.001
Valid
2016-12-14
eiSos
4/6
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 760308103305

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
760308103307 WURTH-760308103307 Datasheet
393Kb / 6P
   WE-WPCC Wireless Power Charging Receiver Coil
More results

Similar Description - 760308103305

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
760308102207 WURTH-760308102207 Datasheet
321Kb / 6P
   WE-WPCC Wireless Power Charging Receiver Coil
760308103202 WURTH-760308103202 Datasheet
374Kb / 6P
   WE-WPCC Wireless Power Charging Receiver Coil
760308101208 WURTH-760308101208 Datasheet
349Kb / 6P
   WE-WPCC Wireless Power Charging Receiver Coil
760308101303 WURTH-760308101303 Datasheet
312Kb / 6P
   WE-WPCC Wireless Power Charging Receiver Coil
760308102306 WURTH-760308102306 Datasheet
393Kb / 6P
   WE-WPCC Wireless Power Charging Receiver Coil
760308103215 WURTH-760308103215 Datasheet
333Kb / 6P
   WE-WPCC Wireless Power Charging Receiver Coil
760308102210 WURTH-760308102210 Datasheet
334Kb / 6P
   WE-WPCC Wireless Power Charging Receiver Coil
760308103203 WURTH-760308103203 Datasheet
378Kb / 6P
   WE-WPCC Wireless Power Charging Receiver Coil
760308103307 WURTH-760308103307 Datasheet
393Kb / 6P
   WE-WPCC Wireless Power Charging Receiver Coil
760308101220 WURTH-760308101220 Datasheet
362Kb / 6P
   WE-WPCC Wireless Power Charging Receiver Coil
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com