Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACTF9402-1842.5MHZ-DCC6C Datasheet(PDF) 4 Page - Advanced Crystal Technology

Part # ACTF9402-1842.5MHZ-DCC6C
Description  Low-loss RF filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF9402-1842.5MHZ-DCC6C Datasheet(HTML) 4 Page - Advanced Crystal Technology

  ACTF9402-1842.5MHZ-DCC6C Datasheet HTML 1Page - Advanced Crystal Technology ACTF9402-1842.5MHZ-DCC6C Datasheet HTML 2Page - Advanced Crystal Technology ACTF9402-1842.5MHZ-DCC6C Datasheet HTML 3Page - Advanced Crystal Technology ACTF9402-1842.5MHZ-DCC6C Datasheet HTML 4Page - Advanced Crystal Technology ACTF9402-1842.5MHZ-DCC6C Datasheet HTML 5Page - Advanced Crystal Technology ACTF9402-1842.5MHZ-DCC6C Datasheet HTML 6Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Stability Characteristics
Test item
Condition of test
1
Mechanical shock
(a) Drops: 3 times on concrete floor
(b) Height: 1.0 m
2
Vibration resistance
(a) Frequency of vibration: 10~55Hz
(b) Amplitude: 1.5 mm
(c) Directions: X,Y and Z
(d) Duration: 2 hours
3
Moisture resistance
(a) Condition:
40℃±2℃
,
93
+2
-3 % RH.
(b) Duration: 96 hours
(c) Wait 4 hours before measurement
4
Climatic sequence
(a) +70°C for 16 hours
(b) +55°C for 24 hours, 90~95% R.H.
(c) -25°C for 2 hours
(d) +40°C for 24 hours, 90~95% R.H.
(e) Wait 4 hours before measurement
5
High temperature exposure
(a) Temperature: 85°C
(b) Duration: 250 hours
(c) Wait 4 hours before measurement
6
Temperature cycling
(a) +85°C for 30 minutes
 -40°C for 30 minutes repeated 120 times
(b) Wait 4 hours before measurement
Requirements: The SAW filer shall remain within the electrical specifications after tests.
Remarks
SAW devices should not be used in any type of fluid such as water, oil, organic solvent, etc.
Be certain not to apply voltage exceeding the rated voltage of components.
Do not operate outside the recommended operating temperature range of components.
Sudden change of temperature shall be avoided, deterioration of the characteristics can occur.
Be careful of soldering temperature and duration of components when soldering.
Do not place soldering iron on the body of components.
Be careful not to subject the terminals or leads of components to excessive force.
SAW devices are electrostatic sensitive. Please avoid static voltage during operation and storage.
Ultrasonic cleaning shall be avoided. Ultrasonic vibration may cause destruction of components.


Similar Part No. - ACTF9402-1842.5MHZ-DCC6C

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF9401 ACT-ACTF9401 Datasheet
321Kb / 6P
   RF filter
More results

Similar Description - ACTF9402-1842.5MHZ-DCC6C

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF9226 ACT-ACTF9226 Datasheet
491Kb / 7P
   Low-loss RF filter
ACTF8092 ACT-ACTF8092 Datasheet
439Kb / 7P
   Low-loss RF filter
ACTF8026 ACT-ACTF8026 Datasheet
308Kb / 2P
   RF low-loss filter
ACTF9194 ACT-ACTF9194 Datasheet
665Kb / 6P
   Low-loss RF filter
ACTF9191 ACT-ACTF9191 Datasheet
503Kb / 5P
   Low-loss RF filter
ACTF8035 ACT-ACTF8035 Datasheet
337Kb / 5P
   Low-loss RF filter
ACTF9205 ACT-ACTF9205 Datasheet
659Kb / 6P
   Low-loss RF filter
ACTF9188 ACT-ACTF9188 Datasheet
696Kb / 6P
   Low-loss RF filter
ACTF9389 ACT-ACTF9389 Datasheet
312Kb / 5P
   Low-loss RF filter
ACTF9228 ACT-ACTF9228 Datasheet
240Kb / 6P
   Low-loss RF filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com