Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

760308141 Datasheet(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 760308141
Description  WE-WPCC Wireless Power Charging Transmitter Coil
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

760308141 Datasheet(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  760308141 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 760308141 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 760308141 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 760308141 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 760308141 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 760308141 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Classification Wave Soldering Profile:
Time
Tp
tp
Ts max
Ts typical
Ts min
First Wave
Preheat area
Cool down area
Second Wave
typical temperature procedure
min temperature procedure
max temperature procedure
Classification Wave Soldering Profile:
Profile Feature
Pb-Free Assembly
Sn-Pb Assembly
Preheat Temperature Min 1)
Ts min
100 °C
100 °C
Preheat Temperature Typical
Ts typical
120 °C
120 °C
Preheat Temperature Max
Ts max
130 °C
130 °C
Preheat Time ts from Ts min to Ts max
ts
70 seconds
70 seconds
Peak temperature
Tp
250 °C - 260 °C
235 °C - 260 °C
Time of actual peak temperature
tp
max. 10 seconds
max. 5 seconds each wave
max. 10 seconds
max. 5 seconds each wave
Ramp-down Rate, Min
~ 2 K/ second
~ 2 K/ second
Ramp-down Rate, Typical
~ 3.5 K/ second
~ 3.5 K/ second
Ramp-down Rate, Max
~ 5 K/ second
~ 5 K/ second
Time 25°C to 25°C
4 minutes
4 minutes
1)
refer to EN61760-1:2006refer to EN 61760-1:2006
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
WE
WE
DIN ISO 2768-1m
DESCRIPTION
WE-WPCC Wireless Power
Charging Transmitter Coil
ORDER CODE
760308141
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
5353
001.001
Draft
2015-12-01
4/6
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 760308141

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
760308100110 WURTH-760308100110 Datasheet
340Kb / 6P
   WE-WPCC Wireless Power Charging Transmitter Coil
760308100111 WURTH-760308100111 Datasheet
323Kb / 6P
   WE-WPCC Wireless Power Charging Transmitter Coil
760308100141 WURTH-760308100141 Datasheet
330Kb / 6P
   WE-WPCC Wireless Power Charging Transmitter Coil
760308100143 WURTH-760308100143 Datasheet
321Kb / 6P
   WE-WPCC Wireless Power Charging Transmitter Coil
760308101 WURTH-760308101 Datasheet
758Kb / 6P
   WE-WPC Wireless Power Charging Coil
More results

Similar Description - 760308141

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
760308102142 WURTH-760308102142 Datasheet
335Kb / 6P
   WE-WPCC Wireless Power Charging Transmitter Coil
760308100143 WURTH-760308100143 Datasheet
321Kb / 6P
   WE-WPCC Wireless Power Charging Transmitter Coil
760308110 WURTH-760308110 Datasheet
328Kb / 6P
   WE-WPCC Wireless Power Charging Transmitter Coil
760308103102 WURTH-760308103102 Datasheet
312Kb / 6P
   WE-WPCC Wireless Power Charging Transmitter Coil
760308111 WURTH-760308111 Datasheet
328Kb / 6P
   WE-WPCC Wireless Power Charging Transmitter Coil
760308101104 WURTH-760308101104 Datasheet
320Kb / 6P
   WE-WPCC Wireless Power Charging Transmitter Coil
760308100110 WURTH-760308100110 Datasheet
340Kb / 6P
   WE-WPCC Wireless Power Charging Transmitter Coil
760308105 WURTH-760308105 Datasheet
329Kb / 6P
   WE-WPCC Wireless Power Charging Transmitter Coil
760308100141 WURTH-760308100141 Datasheet
330Kb / 6P
   WE-WPCC Wireless Power Charging Transmitter Coil
760308102144 WURTH-760308102144 Datasheet
342Kb / 6P
   WE-WPCC Wireless Power Charging Transmitter Coil
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com