Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74ACT00G-S14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74ACT00G-S14-R
Description  High Noise Immunity
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74ACT00G-S14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74ACT00G-S14-R Datasheet HTML 1Page - Unisonic Technologies U74ACT00G-S14-R Datasheet HTML 2Page - Unisonic Technologies U74ACT00G-S14-R Datasheet HTML 3Page - Unisonic Technologies U74ACT00G-S14-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
U74ACT00
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R126-049.A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
CONDITIONS
RATINGS
UNIT
Supply Voltage
VCC
-0.5 ~ +7.0
V
Input Voltage (Note 2)
VIN
-0.5 ~ +VCC+0.5
V
Output Voltage
VOUT
-0.5 ~ +VCC+0.5
V
Continuous Output Current
IOUT
VOUT=0V ~ VCC
±50
mA
Input Clamp Current
IIK
VIN < 0 or VIN > VCC
±20
mA
Output Clamp Current
IOK
VOUT < 0 or VOUT > VCC
±20
mA
Continuous Current Through
VCC or GND
ICC
±200
mA
Storage Temperature Range
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
4.5
5.5
V
Input Voltage
VIN
0
VCC
V
Output Voltage
VOUT
0
VCC
V
Input Transition Rise or Fall
Rate
∆t/∆v
8
ns/V
Operating Temperature
TA
-40
+85
°C
ELECTRICAL CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High Level Input Voltage
VIH
VCC=4.5~5.5V
2
V
Low Level Input Voltage
VIL
VCC=4.5~5.5V
0.8
V
IOH=-24mA
3.86
V
VCC=4.5V
IOH=-50μA
4.4
4.49
V
IOH=-24mA
4.86
V
High-Level Output Voltage
VOH
VCC=5.5V
IOH=-50μA
5.4
5.49
V
IOL=24mA
0.36
V
VCC=4.5V
IOL=50μA
0.001
0.1
V
IOL=24mA
0.36
V
Low-Level Output Voltage
VOL
VCC=5.5V
IOL=50μA
0.001
0.1
V
Input Leakage Current
II(LEAK)
VCC=5.5V, VIN=VCC or GND
±0.1
μA
Quiescent Supply Current
ICC
VCC=5.5V, VIN=VCC or GND,
IOUT=0A
2
μA
Additional Quiescent Supply
Current Per Input Pin
∆ICC
VCC=5.5V, One input at 3.4V,
Other inputs at VCC or GND
0.6
mA
Input Capacitance
CI
VCC= 5V, VIN= VCC or GND
2.6
pF
SWITCHING CHARACTERISTICS (CL=50pF, RL=500Ω, TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
1.5
5.5
9.0
ns
Propagation delay from input
(A or B) to output(Y)
tPHL
VCC=5V±0.5V
1.5
4.0
7.0
ns
OPERATING CHARACTERISTICS (CL=50pF, f=10MHZ, TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Dissipation
Capacitance
CPD
VCC=5.0V
40
pF


Similar Part No. - U74ACT00G-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74ACT02G-P14-R UTC-U74ACT02G-P14-R Datasheet
187Kb / 4P
   Compatible With TTL Output
U74ACT04 UTC-U74ACT04 Datasheet
164Kb / 4P
   HEX INVERTERS
U74ACT04G-D14-T UTC-U74ACT04G-D14-T Datasheet
164Kb / 4P
   HEX INVERTERS
U74ACT04G-D14-T UTC-U74ACT04G-D14-T Datasheet
207Kb / 4P
   HEX INVERTERS
U74ACT04G-P14-R UTC-U74ACT04G-P14-R Datasheet
164Kb / 4P
   HEX INVERTERS
More results

Similar Description - U74ACT00G-S14-R

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-302J AVAGO-ACPL-302J Datasheet
461Kb / 18P
   High Noise Immunity
logo
Unisonic Technologies
U74ACT32G-P14-R UTC-U74ACT32G-P14-R Datasheet
188Kb / 4P
   High Noise Immunity
U74HC148G-P16-R UTC-U74HC148G-P16-R Datasheet
189Kb / 6P
   High Noise Immunity
logo
NXP Semiconductors
BT139B PHILIPS-BT139B Datasheet
50Kb / 6P
   Triacs high noise immunity
October 1997 Rev 1.100
logo
Panasonic Semiconductor
JQ1P-B-24V PANASONIC-JQ1P-B-24V Datasheet
109Kb / 7P
   High electrical noise immunity
logo
NXP Semiconductors
BT139H PHILIPS-BT139H Datasheet
49Kb / 6P
   Triacs high noise immunity
September 1997 Rev 1.200
BT139 PHILIPS-BT139 Datasheet
45Kb / 6P
   Triacs high noise immunity
September 1997 Rev 1.200
BT139BH PHILIPS-BT139BH Datasheet
54Kb / 6P
   Triacs high noise immunity
March 1997 Rev 1.000
logo
Unisonic Technologies
UOT406 UTC-UOT406_15 Datasheet
121Kb / 3P
   ENHANCED NOISE IMMUNITY
logo
COSMO Electronics Corp...
KP1510S COSMO-KP1510S Datasheet
186Kb / 9P
   High Noise Immunity, 2.5A Output Current
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com