Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-5742RBL0B-Y3B3U Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-5742RBL0B-Y3B3U
Description  BIPOLAR HALL EFFECT LATCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5742RBL0B-Y3B3U Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-5742RBL0B-Y3B3U Datasheet HTML 3Page - Seiko Instruments Inc S-5742RBL0B-Y3B3U Datasheet HTML 4Page - Seiko Instruments Inc S-5742RBL0B-Y3B3U Datasheet HTML 5Page - Seiko Instruments Inc S-5742RBL0B-Y3B3U Datasheet HTML 6Page - Seiko Instruments Inc S-5742RBL0B-Y3B3U Datasheet HTML 7Page - Seiko Instruments Inc S-5742RBL0B-Y3B3U Datasheet HTML 8Page - Seiko Instruments Inc S-5742RBL0B-Y3B3U Datasheet HTML 9Page - Seiko Instruments Inc S-5742RBL0B-Y3B3U Datasheet HTML 10Page - Seiko Instruments Inc S-5742RBL0B-Y3B3U Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
125
°C OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH
Rev.2.1_00
S-5742 B Series
7
Magnetic Characteristics
1. Product with BOP = 1.8 mT typ.
Table 8
(Ta =
+25°C, VDD = 12.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test Circuit
Operation point
*1
S pole
BOP
0.3
1.8
3.3
mT
4
Release point
*2
N pole
BRP
−3.3
−1.8
−0.3
mT
4
Hysteresis width
*3
BHYS
BHYS = BOP
− BRP
3.6
mT
4
2. Product with BOP = 3.0 mT typ.
Table 9
(Ta =
+25°C, VDD = 12.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test Circuit
Operation point
*1
S pole
BOP
1.5
3.0
4.5
mT
4
Release point
*2
N pole
BRP
−4.5
−3.0
−1.5
mT
4
Hysteresis width
*3
BHYS
BHYS = BOP
− BRP
6.0
mT
4
3. Product with BOP = 6.0 mT typ.
Table 10
(Ta =
+25°C, VDD = 12.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test Circuit
Operation point
*1
S pole
BOP
3.0
6.0
9.0
mT
4
Release point
*2
N pole
BRP
−9.0
−6.0
−3.0
mT
4
Hysteresis width
*3
BHYS
BHYS = BOP
− BRP
12.0
mT
4
*1. BOP: Operation point
BOP is the value of magnetic flux density when the output voltage (VOUT) changes after the magnetic flux density applied
to this IC by the magnet (S pole) is increased (by moving the magnet closer).
VOUT retains the status until a magnetic flux density of the N pole higher than BRP is applied.
*2. BRP: Release point
BRP is the value of magnetic flux density when the output voltage (VOUT) changes after the magnetic flux density applied
to this IC by the magnet (N pole) is increased (by moving the magnet closer).
VOUT retains the status until a magnetic flux density of the S pole higher than BOP is applied.
*3. BHYS: Hysteresis width
BHYS is the difference of magnetic flux density between BOP and BRP.
Remark The unit of magnetic flux density mT can be converted by using the formula 1 mT = 10 Gauss.


Similar Part No. - S-5742RBL0B-Y3B3U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5742RBL0I-Y3B2U SII-S-5742RBL0I-Y3B2U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5742RBL0I-Y3B3U SII-S-5742RBL0I-Y3B3U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5742RBL0I-Y3Z2U SII-S-5742RBL0I-Y3Z2U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5742RBL0I-Y3Z3U SII-S-5742RBL0I-Y3Z3U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
More results

Similar Description - S-5742RBL0B-Y3B3U

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1250LLHLT-T ALLEGRO-A1250LLHLT-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250 ALLEGRO-A1250 Datasheet
365Kb / 12P
   Hall Effect Latch / Bipolar Switch
logo
Unisonic Technologies
SK1816A UTC-SK1816A Datasheet
171Kb / 5P
   BIPOLAR LATCH TYPE HALL EFFECT
logo
Allegro MicroSystems
A1250LUA-T ALLEGRO-A1250LUA-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
logo
Unisonic Technologies
SK1816M UTC-SK1816M Datasheet
200Kb / 6P
   BIPOLAR LATCH TYPE HALL EFFECT
SK1816 UTC-SK1816_15 Datasheet
278Kb / 8P
   BIPOLAR LATCH TYPE HALL EFFECT
U18 UTC-U18_15 Datasheet
62Kb / 6P
   BIPOLAR LATCH TYPE HALL EFFECT
logo
Allegro MicroSystems
A1250 ALLEGRO-A1250_16 Datasheet
950Kb / 12P
   Hall-Effect Latch / Bipolar Switch
logo
Infineon Technologies A...
TLE4946K INFINEON-TLE4946K Datasheet
703Kb / 19P
   High Precision Bipolar Hall-Effect Latch
Rev 1.0, September 2007
TLE4946-1L INFINEON-TLE4946-1L_08 Datasheet
667Kb / 17P
   High Precision Bipolar Hall-Effect Latch
Rev 1.2, December 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com