Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGBR40S60CG-TF3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TGBR40S60CG-TF3-T
Description  Super low forward voltage drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TGBR40S60CG-TF3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  TGBR40S60CG-TF3-T Datasheet HTML 1Page - Unisonic Technologies TGBR40S60CG-TF3-T Datasheet HTML 2Page - Unisonic Technologies TGBR40S60CG-TF3-T Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TGBR40S60C
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R204-067 .a
ABSOLUTE MAXIMUM RATINGS (PER LEG) (TA=25°C unless otherwise specified)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
PARAMETER
SYMBOL
RATINGS
UNIT
DC Blocking Voltage
VRM
60
V
Working Peak Reverse Voltage
VRWM
60
V
Peak Repetitive Reverse Voltage
VRRM
60
V
Per Leg
20
A
Average Rectified Output Current Per Device
Total
IO
40
A
Non-Repetitive Peak Forward Surge Current 8.3ms Single
Half Sine-Wave Superimposed on Rated Load
IFSM
260
A
Operating Junction Temperature
TJ
-65 ~ +150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS (PER LEG)
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
TO-220
2
Junction to Case
TO-220F
θJC
3.31
°C/W
ELECTRICAL CHARACTERISTICS (PER LEG) (TA =25°C unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Reverse Breakdown Voltage (Note 1)
V(BR)R
IR=0.50mA
60
V
IF=20A, TJ=25°C
0.60
V
Forward Voltage Drop
VFM
IF=20A, TJ=125°C
0.55
V
VR=60V, TJ=25°C
500
μA
Leakage Current (Note 1)
IRM
VR=60V, TJ=125°C
100
mA
Notes: 1. Short duration pulse test used to minimize self-heating effect.
2. Thermal resistance junction to case mounted on heatsink.


Similar Part No. - TGBR40S60CG-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TGBR40L100C UTC-TGBR40L100C Datasheet
156Kb / 3P
   DUAL TRENCH MOS SCHOTTKY BARRIER RECTIFIER
TGBR40L100CG-TA3-T UTC-TGBR40L100CG-TA3-T Datasheet
156Kb / 3P
   DUAL TRENCH MOS SCHOTTKY BARRIER RECTIFIER
TGBR40L100CG-TF3-T UTC-TGBR40L100CG-TF3-T Datasheet
156Kb / 3P
   DUAL TRENCH MOS SCHOTTKY BARRIER RECTIFIER
TGBR40L100CL-TA3-T UTC-TGBR40L100CL-TA3-T Datasheet
156Kb / 3P
   DUAL TRENCH MOS SCHOTTKY BARRIER RECTIFIER
TGBR40L100CL-TF3-T UTC-TGBR40L100CL-TF3-T Datasheet
156Kb / 3P
   DUAL TRENCH MOS SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - TGBR40S60CG-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TGBR10S60L-TA3-T UTC-TGBR10S60L-TA3-T Datasheet
168Kb / 3P
   Super low forward voltage drop
MGBR30S120CL-TA3-T UTC-MGBR30S120CL-TA3-T Datasheet
158Kb / 3P
   Super low forward voltage drop
TGBR10S45CL-TA3-T UTC-TGBR10S45CL-TA3-T Datasheet
140Kb / 3P
   Super low forward voltage drop
TGBR10S60CL-TA3-T UTC-TGBR10S60CL-TA3-T Datasheet
133Kb / 3P
   Super low forward voltage drop
TGBR10S100CL-TA3-T UTC-TGBR10S100CL-TA3-T Datasheet
167Kb / 3P
   Super low forward voltage drop
TGBR10S150CL-TF1-T UTC-TGBR10S150CL-TF1-T Datasheet
155Kb / 3P
   Super low forward voltage drop
TGBR30S80L-TA3-T UTC-TGBR30S80L-TA3-T Datasheet
131Kb / 3P
   Super low forward voltage drop
TGBR30S100CL-TA3-T UTC-TGBR30S100CL-TA3-T Datasheet
131Kb / 3P
   Super low forward voltage drop
MGBR5S50L-TN3-R UTC-MGBR5S50L-TN3-R Datasheet
155Kb / 3P
   Super low forward voltage drop
TGBR30S150CL-TA3-T UTC-TGBR30S150CL-TA3-T Datasheet
132Kb / 3P
   Super low forward voltage drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com