Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-5843A40BA-M5T1U Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-5843A40BA-M5T1U
Description  TEMPERATURE SWITCH IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5843A40BA-M5T1U Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-5843A40BA-M5T1U Datasheet HTML 1Page - Seiko Instruments Inc S-5843A40BA-M5T1U Datasheet HTML 2Page - Seiko Instruments Inc S-5843A40BA-M5T1U Datasheet HTML 3Page - Seiko Instruments Inc S-5843A40BA-M5T1U Datasheet HTML 4Page - Seiko Instruments Inc S-5843A40BA-M5T1U Datasheet HTML 5Page - Seiko Instruments Inc S-5843A40BA-M5T1U Datasheet HTML 6Page - Seiko Instruments Inc S-5843A40BA-M5T1U Datasheet HTML 7Page - Seiko Instruments Inc S-5843A40BA-M5T1U Datasheet HTML 8Page - Seiko Instruments Inc S-5843A40BA-M5T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
TEMPERATURE SWITCH IC (THERMOSTAT IC)
Rev.2.2_01
S-5843A Series
3
Product Name Structure
Users are able to select the detection temperature, output form and logic, hysteresis temperature and package for the
S-5843A Series.
1. Product name
1. 1 SOT-23-5
S-5843A xx x x - M5T1 x
Output form and output logic
*3
A:
CMOS output, active "H"
B:
CMOS output, active "L"
C:
Nch open drain output, active "H"
D:
Nch open drain output, active "L"
Detection temperature (TDET)
*4
40 to 99, A0 to A9, B0 to B9, C0
Hysteresis temperature
*2
A:
2
°C
B:
4
°C
C:
10
°C
D:
20
°C
Package abbreviation and IC packing specifications
*1
M5T1: SOT-23-5, Tape
Environmental code
U:
Lead-free (Sn 100%), halogen-free
S:
Lead-free, halogen-free
1. 2 SNT-6A
S-5843A xx x x - I6T1 U
Output form and output logic
*3
A:
CMOS output, active "H"
B:
CMOS output, active "L"
C:
Nch open drain output, active "H"
D:
Nch open drain output, active "L"
Detection temperature (TDET)
*4
40 to 99, A0 to A9, B0 to B9, C0
Hysteresis temperature
*2
A:
2
°C
B:
4
°C
C:
10
°C
D:
20
°C
Package abbreviation and IC packing specifications
*1
I6T1: SNT-6A, Tape
Environmental code
U:
Lead-free (Sn 100%), halogen-free
*1. Refer to the tape drawing.
*2. Hysteresis temperature is selectable in 2
°C, 4°C, 10°C or 20°C.
However, if the detection temperature is
+40°C to +49°C, select hysteresis temperature in 2°C, 4°C or 10°C.
*3. The DET pin output can be selected the output logic in active "H" or "L".
The DET pin output can be selected the output form CMOS or Nch open drain.
*4. Detection temperature (TDET) can be set in the range of
+40°C to +120°C at 1°C step.
40 to 99, when detection temperature is
+40°C to +99°C
A0 to A9, when detection temperature is
+100°C to +109°C
B0 to B9, when detection temperature is
+110°C to +119°C
C0, when the detection temperature is
+120°C


Similar Part No. - S-5843A40BA-M5T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5840B SII-S-5840B Datasheet
374Kb / 13P
   TEMPERATURE SWITCH IC WITH LATCH
S-5840BAG-M5T1G SII-S-5840BAG-M5T1G Datasheet
374Kb / 13P
   TEMPERATURE SWITCH IC WITH LATCH
S-5840BAG-M5T1G SII-S-5840BAG-M5T1G Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
S-5840BAG-M5T1U SII-S-5840BAG-M5T1U Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
S-5840BAG-M5T1X SII-S-5840BAG-M5T1X Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
More results

Similar Description - S-5843A40BA-M5T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5844A50DB-M5T1U3 SII-S-5844A50DB-M5T1U3 Datasheet
1Mb / 28P
   TEMPERATURE SWITCH IC
S-5840BAG-M5T1X SII-S-5840BAG-M5T1X Datasheet
896Kb / 15P
   TEMPERATURE SWITCH IC
S-5841 SII-S-5841 Datasheet
588Kb / 25P
   TEMPERATURE SWITCH IC
S-5841A55D-M5T1X SII-S-5841A55D-M5T1X Datasheet
1Mb / 26P
   TEMPERATURE SWITCH IC
S5843A SII-S5843A Datasheet
478Kb / 21P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5844A SII-S5844A Datasheet
629Kb / 28P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5841 SII-S5841 Datasheet
449Kb / 26P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5840B SII-S5840B Datasheet
179Kb / 15P
   TEMPERATURE SWITCH IC (THERMOSTAT IC) WITH LATCH
S-8130AA SII-S-8130AA Datasheet
313Kb / 12P
   TEMPERATURE SWITCH IC WITH LATCH
S5842A SII-S5842A Datasheet
686Kb / 31P
   DUAL TRIP TEMPERATURE SWITCH IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com