Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLG0603P68NHT000 Datasheet(PDF) 8 Page - TDK Electronics

Part # MLG0603P68NHT000
Description  High Q type inductor for high-frequency circuits
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG0603P68NHT000 Datasheet(HTML) 8 Page - TDK Electronics

Back Button MLG0603P68NHT000 Datasheet HTML 4Page - TDK Electronics MLG0603P68NHT000 Datasheet HTML 5Page - TDK Electronics MLG0603P68NHT000 Datasheet HTML 6Page - TDK Electronics MLG0603P68NHT000 Datasheet HTML 7Page - TDK Electronics MLG0603P68NHT000 Datasheet HTML 8Page - TDK Electronics MLG0603P68NHT000 Datasheet HTML 9Page - TDK Electronics MLG0603P68NHT000 Datasheet HTML 10Page - TDK Electronics MLG0603P68NHT000 Datasheet HTML 11Page - TDK Electronics MLG0603P68NHT000 Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
(8/17)
INDUC
T
O
RS
20160926 / inductor_commercial_high-frequency_mlg0603p_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MLG0603P Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
 Please contact us for information on inductance tolerance, G (±2%).
・Short bar residual inductance =0.43nH
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Q
L, Q measuring
frequency
Self-resonant
frequency
DC resistance
Rated current
Part No.
(nH)
Tolerance
min.
(MHz)
(GHz)min.
(GHz)typ.
(
 )max. ( )typ.
(mA)max.
3.7
±0.3nH
14
500
6.5
7.4
0.20
0.14
400
MLG0603P3N7ST000
3.7
±0.1nH
14
500
6.5
7.4
0.20
0.14
400
MLG0603P3N7BT000
3.7
±0.2nH
14
500
6.5
7.4
0.20
0.14
400
MLG0603P3N7CT000
3.8
±0.3nH
14
500
5.8
7.0
0.30
0.24
400
MLG0603P3N8ST000
3.8
±0.1nH
14
500
5.8
7.0
0.30
0.24
400
MLG0603P3N8BT000
3.8
±0.2nH
14
500
5.8
7.0
0.30
0.24
400
MLG0603P3N8CT000
3.9
±0.3nH
14
500
5.8
7.1
0.30
0.22
400
MLG0603P3N9ST000
3.9
±0.1nH
14
500
5.8
7.1
0.30
0.22
400
MLG0603P3N9BT000
3.9
±0.2nH
14
500
5.8
7.1
0.30
0.22
400
MLG0603P3N9CT000
4.0
±0.3nH
14
500
5.8
6.7
0.40
0.21
350
MLG0603P4N0ST000
4.0
±0.1nH
14
500
5.8
6.7
0.40
0.21
350
MLG0603P4N0BT000
4.0
±0.2nH
14
500
5.8
6.7
0.40
0.21
350
MLG0603P4N0CT000
4.1
±0.3nH
14
500
5.8
6.7
0.40
0.29
350
MLG0603P4N1ST000
4.1
±0.1nH
14
500
5.8
6.7
0.40
0.29
350
MLG0603P4N1BT000
4.1
±0.2nH
14
500
5.8
6.7
0.40
0.29
350
MLG0603P4N1CT000
4.2
±0.3nH
14
500
5.8
6.6
0.40
0.24
350
MLG0603P4N2ST000
4.2
±0.1nH
14
500
5.8
6.6
0.40
0.24
350
MLG0603P4N2BT000
4.2
±0.2nH
14
500
5.8
6.6
0.40
0.24
350
MLG0603P4N2CT000
4.3
±0.3nH
14
500
5.8
6.7
0.40
0.24
350
MLG0603P4N3ST000
4.3
±3%
14
500
5.8
6.7
0.40
0.24
350
MLG0603P4N3HT000
4.3
±5%
14
500
5.8
6.7
0.40
0.24
350
MLG0603P4N3JT000
4.7
±0.3nH
14
500
5.5
6.9
0.40
0.16
350
MLG0603P4N7ST000
4.7
±3%
14
500
5.5
6.9
0.40
0.16
350
MLG0603P4N7HT000
4.7
±5%
14
500
5.5
6.9
0.40
0.16
350
MLG0603P4N7JT000
5.1
±0.3nH
14
500
5.5
6.6
0.40
0.30
350
MLG0603P5N1ST000
5.1
±3%
14
500
5.5
6.6
0.40
0.30
350
MLG0603P5N1HT000
5.1
±5%
14
500
5.5
6.6
0.40
0.30
350
MLG0603P5N1JT000
5.6
±0.3nH
14
500
4.0
5.3
0.40
0.32
350
MLG0603P5N6ST000
5.6
±3%
14
500
4.0
5.3
0.40
0.32
350
MLG0603P5N6HT000
5.6
±5%
14
500
4.0
5.3
0.40
0.32
350
MLG0603P5N6JT000
6.2
±0.3nH
14
500
4.0
6.3
0.70
0.59
300
MLG0603P6N2ST000
6.2
±3%
14
500
4.0
6.3
0.70
0.59
300
MLG0603P6N2HT000
6.2
±5%
14
500
4.0
6.3
0.70
0.59
300
MLG0603P6N2JT000
6.8
±3%
14
500
4.0
6.1
0.75
0.62
300
MLG0603P6N8HT000
6.8
±5%
14
500
4.0
6.1
0.75
0.62
300
MLG0603P6N8JT000
7.5
±3%
14
500
4.0
5.4
0.80
0.70
300
MLG0603P7N5HT000
7.5
±5%
14
500
4.0
5.4
0.80
0.70
300
MLG0603P7N5JT000
8.2
±3%
14
500
4.0
5.2
0.85
0.71
250
MLG0603P8N2HT000
8.2
±5%
14
500
4.0
5.2
0.85
0.71
250
MLG0603P8N2JT000
9.1
±3%
14
500
4.0
5.0
0.90
0.76
250
MLG0603P9N1HT000
9.1
±5%
14
500
4.0
5.0
0.90
0.76
250
MLG0603P9N1JT000
10.0
±3%
14
500
4.0
4.7
0.95
0.85
250
MLG0603P10NHT000
10.0
±5%
14
500
4.0
4.7
0.95
0.85
250
MLG0603P10NJT000
11.0
±3%
14
500
3.5
4.5
1.00
0.64
250
MLG0603P11NHT000
11.0
±5%
14
500
3.5
4.5
1.00
0.64
250
MLG0603P11NJT000
Measurement item
Product No.
Manufacturer
L, Q
4291B+16197A
Keysight Technologies
Self-resonant frequency
8720C
Keysight Technologies
DC resistance
Type-7561
Yokogawa


Similar Part No. - MLG0603P68NHT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0603P68NHT000 TDK-MLG0603P68NHT000 Datasheet
182Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603P68NHT000 TDK-MLG0603P68NHT000 Datasheet
130Kb / 3P
   Inductors (Coils)
MLG0603P68NHT000 TDK-MLG0603P68NHT000_17 Datasheet
130Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLG0603P68NHT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0402Q0N2BT000 TDK-MLG0402Q0N2BT000 Datasheet
176Kb / 15P
   High Q type inductor for high-frequency circuits
logo
Allied Components Inter...
HFQ02 ALLIED-HFQ02 Datasheet
591Kb / 2P
   High Frequency, High Q Chip Inductor
logo
Taiyo Yuden (U.S.A.), I...
HKQ0603W11NJ-T TAIYO-YUDEN-HKQ0603W11NJ-T Datasheet
172Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ0603W16NH-T TAIYO-YUDEN-HKQ0603W16NH-T Datasheet
172Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ040213NH-T TAIYO-YUDEN-HKQ040213NH-T Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ040224NJ-E TAIYO-YUDEN-HKQ040224NJ-E Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ040230NH-T TAIYO-YUDEN-HKQ040230NH-T Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ040230NJ-E TAIYO-YUDEN-HKQ040230NJ-E Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ0603W11NH-T TAIYO-YUDEN-HKQ0603W11NH-T Datasheet
172Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ0603W30NH-T TAIYO-YUDEN-HKQ0603W30NH-T Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com