Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-5731RSH2-M3T2U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-5731RSH2-M3T2U
Description  HIGH-WITHSTAND VOLTAGE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5731RSH2-M3T2U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-5731RSH2-M3T2U Datasheet HTML 1Page - Seiko Instruments Inc S-5731RSH2-M3T2U Datasheet HTML 2Page - Seiko Instruments Inc S-5731RSH2-M3T2U Datasheet HTML 3Page - Seiko Instruments Inc S-5731RSH2-M3T2U Datasheet HTML 4Page - Seiko Instruments Inc S-5731RSH2-M3T2U Datasheet HTML 5Page - Seiko Instruments Inc S-5731RSH2-M3T2U Datasheet HTML 6Page - Seiko Instruments Inc S-5731RSH2-M3T2U Datasheet HTML 7Page - Seiko Instruments Inc S-5731RSH2-M3T2U Datasheet HTML 8Page - Seiko Instruments Inc S-5731RSH2-M3T2U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
S-5731 Series
www.sii-ic.com
HIGH-WITHSTAND VOLTAGE
HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
© SII Semiconductor Corporation, 2014
Rev.1.0_01
1
The S-5731 Series, developed by CMOS technology, is a unipolar detection type Hall IC with high-withstand voltage, high-
speed detection and high-accuracy magnetic characteristics.
The output voltage changes when the S-5731 Series detects the intensity level of magnetic flux density. Using the S-5731
Series with a magnet makes it possible to detect the open / close and rotation status in various devices.
The S-5731 Series includes an output current limit circuit.
High-density mounting is possible by using the small SOT-23-3 package.
Due to its high-accuracy magnetic characteristics, the S-5731 Series can make operation's dispersion in the system
combined with magnet smaller.
Caution This product is intended to use in general electronic devices such as consumer electronics, office
equipment, and communications devices. Before using the product in medical equipment or automobile
equipment including car audio, keyless entry and engine control unit, contact to SII Semiconductor
Corporation is indispensable.
Features
• Pole detection*1:
Detection of S pole, detection of N pole
• Detection logic for magnetism*1:
Active "L", active "H"
• Output form*1:
Nch open-drain output, Nch driver
+ built-in pull-up resistor
• Magnetic sensitivity*1:
BOP = 3.0 mT typ., BOP = 6.0 mT typ.
• Operating cycle:
tCYCLE = 16.0
μs typ.
• Power supply voltage range:
VDD = 3.5 V to 26.0 V
• Built-in regulator
• Built-in output current limit circuit
• Operation temperature range:
Ta =
−40°C to +85°C
• Lead-free (Sn 100%), halogen-free
*1. The option can be selected.
Applications
• Home appliance
• DC brushless motor
• Housing equipment
• Industrial equipment
Package
• SOT-23-3


Similar Part No. - S-5731RSH2-M3T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5732NNH1B-Y3B2U SII-S-5732NNH1B-Y3B2U Datasheet
1Mb / 21P
   UNIPOLAR DETECTION TYPE HALL IC
S-5732NNH1B-Y3B3U SII-S-5732NNH1B-Y3B3U Datasheet
1Mb / 21P
   UNIPOLAR DETECTION TYPE HALL IC
S-5732NNH1B-Y3Z2U SII-S-5732NNH1B-Y3Z2U Datasheet
1Mb / 21P
   UNIPOLAR DETECTION TYPE HALL IC
S-5732NNH1B-Y3Z3U SII-S-5732NNH1B-Y3Z3U Datasheet
1Mb / 21P
   UNIPOLAR DETECTION TYPE HALL IC
S-5732NNH1I-Y3B2U SII-S-5732NNH1I-Y3B2U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
More results

Similar Description - S-5731RSH2-M3T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5742NBL0I-Y3N2U SII-S-5742NBL0I-Y3N2U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5741NBL0B-M3T4U SII-S-5741NBL0B-M3T4U Datasheet
1Mb / 19P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5732NSL1I-Y3N2U SII-S-5732NSL1I-Y3N2U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S1142C SII-S1142C Datasheet
651Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
S1142A SII-S1142A Datasheet
685Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
S1212 SII-S1212 Datasheet
1Mb / 45P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
S-87X SII-S-87X Datasheet
1Mb / 29P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
S-87X SII-S-87X_1 Datasheet
438Kb / 53P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
logo
ABLIC Inc.
S-87X ABLIC-S-87X Datasheet
547Kb / 53P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.8.0_02
logo
Seiko Instruments Inc
S57A1 SII-S57A1 Datasheet
273Kb / 15P
   FOR AUTOMOTIVE 125C OPERATION HIGH-WITHSTAND VOLTAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com