Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-5732NSL1I-Y3N2U Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-5732NSL1I-Y3N2U
Description  HIGH-WITHSTAND VOLTAGE HIGH-SPEED
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-5732NSL1I-Y3N2U Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-5732NSL1I-Y3N2U Datasheet HTML 1Page - Seiko Instruments Inc S-5732NSL1I-Y3N2U Datasheet HTML 2Page - Seiko Instruments Inc S-5732NSL1I-Y3N2U Datasheet HTML 3Page - Seiko Instruments Inc S-5732NSL1I-Y3N2U Datasheet HTML 4Page - Seiko Instruments Inc S-5732NSL1I-Y3N2U Datasheet HTML 5Page - Seiko Instruments Inc S-5732NSL1I-Y3N2U Datasheet HTML 6Page - Seiko Instruments Inc S-5732NSL1I-Y3N2U Datasheet HTML 7Page - Seiko Instruments Inc S-5732NSL1I-Y3N2U Datasheet HTML 8Page - Seiko Instruments Inc S-5732NSL1I-Y3N2U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
HIGH-WITHSTAND VOLTAGE HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-5732 I Series
Rev.2.1_00
4
3. Product name list
3. 1 TO-92S (Straight)
Table 2
Product Name
*1
Output Form
Pole Detection
Detection Logic
for Magnetism
Magnetic
Sensitivity (BOP)
S-5732NSL1I-Y3n2U
Nch open-drain output
S pole
Active "L"
3.0 mT typ.
S-5732NSL2I-Y3n2U
Nch open-drain output
S pole
Active "L"
6.0 mT typ.
S-5732RSL1I-Y3n2U
Nch driver
+ built-in pull-up resistor S pole
Active "L"
3.0 mT typ.
S-5732RSL2I-Y3n2U
Nch driver
+ built-in pull-up resistor S pole
Active "L"
6.0 mT typ.
*1.
"n" changes according to the packing specification as follows.
B: Bulk, Z: Tape and ammo
Remark Please contact our sales office for products other than the above.
3. 2 TO-92S (Forming)
Table 3
Product Name
*1
Output Form
Pole Detection
Detection Logic
for Magnetism
Magnetic
Sensitivity (BOP)
S-5732NSL1I-Y3n3U
Nch open-drain output
S pole
Active "L"
3.0 mT typ.
*1.
"n" changes according to the packing specification as follows.
B: Bulk, Z: Tape and ammo
Remark Please contact our sales office for products other than the above.
Pin Configuration
1. TO-92S
Bottom view
3
12
Figure 3
Table 4
Pin No.
Symbol
Description
1
VDD
Power supply pin
2
VSS
GND pin
3
OUT
Output pin


Similar Part No. - S-5732NSL1I-Y3N2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5732NSL1B-Y3B2U SII-S-5732NSL1B-Y3B2U Datasheet
1Mb / 21P
   UNIPOLAR DETECTION TYPE HALL IC
S-5732NSL1B-Y3B3U SII-S-5732NSL1B-Y3B3U Datasheet
1Mb / 21P
   UNIPOLAR DETECTION TYPE HALL IC
S-5732NSL1B-Y3N2U SII-S-5732NSL1B-Y3N2U Datasheet
1Mb / 21P
   UNIPOLAR DETECTION TYPE HALL IC
S-5732NSL1B-Y3Z2U SII-S-5732NSL1B-Y3Z2U Datasheet
1Mb / 21P
   UNIPOLAR DETECTION TYPE HALL IC
S-5732NSL1B-Y3Z3U SII-S-5732NSL1B-Y3Z3U Datasheet
1Mb / 21P
   UNIPOLAR DETECTION TYPE HALL IC
More results

Similar Description - S-5732NSL1I-Y3N2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5742NBL0I-Y3N2U SII-S-5742NBL0I-Y3N2U Datasheet
1Mb / 21P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5741NBL0B-M3T4U SII-S-5741NBL0B-M3T4U Datasheet
1Mb / 19P
   HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5731NSL1-M3T2U SII-S-5731NSL1-M3T2U Datasheet
881Kb / 15P
   HIGH-WITHSTAND VOLTAGE
logo
ABLIC Inc.
S-576ZB ABLIC-S-576ZB Datasheet
877Kb / 38P
   125°C OPERATION, HIGH-WITHSTAND VOLTAGE, HIGH-SPEED, ZCLTM HALL EFFECT IC
Rev.1.1_00
logo
Seiko Instruments Inc
S-57K1-A SII-S-57K1-A Datasheet
1Mb / 17P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH IC
S1142C SII-S1142C Datasheet
651Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
S-57P1-S SII-S-57P1-S Datasheet
1Mb / 17P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH IC
S1142A SII-S1142A Datasheet
685Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
S1212 SII-S1212 Datasheet
1Mb / 45P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION
S-87X SII-S-87X Datasheet
1Mb / 29P
   HIGH WITHSTAND-VOLTAGE VOLTAGE REGULATOR WITH RESET FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com