Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG25-BGA-2014 Datasheet(PDF) 4 Page - Ironwood Electronics.

Part # SG25-BGA-2014
Description  Easily removable swivel socket lid
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG25-BGA-2014 Datasheet(HTML) 4 Page - Ironwood Electronics.

  SG25-BGA-2014 Datasheet HTML 1Page - Ironwood Electronics. SG25-BGA-2014 Datasheet HTML 2Page - Ironwood Electronics. SG25-BGA-2014 Datasheet HTML 3Page - Ironwood Electronics. SG25-BGA-2014 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
9
2
3
7
1
12
4
13
11
10
15
14
6
5
6
17.725
12.000
4.000
1.270 (x4)
R0.800
4X 0-80 UNF THRU ALL
5.59
1.59
ITEM
NO.
DESCRIPTION
Material
1
Socket Base
7075-T6 Aluminum Alloy
2
Socket Lid
7075-T6 Aluminum Alloy
3
Compression Plate
7075-T6 Aluminum Alloy
4
Test Chip
PEEK Ceramic filled
5
Alignment Pin 1/32" dia. x 1/8" lng
Chrome Stainless Steel
6
#0-80 x 0.5, SH Cap Screw
Alloy Steel
7
#0-80 Shoulder Screw, 2.29mm thread length
Stainless Steel (303)
8
Ball Guide
Kapton Polyimide/Cirlex
9
Compression Screw M6x1
Stainless Steel (18-8)
10
Backing Plate
7075-T6 Alumium Alloy
11
Elastomer Guide for 10mm IC 0.25mm
Kapton Polyimide/Cirlex
12
IC Guide
Torlon 4203
13
0.25mm thick, 0.05x 0.05mm pitch, 10mm sqr,
Z-axis conductive angled elastomer
20 Micron dia gold plated brass f in silicon,
Thickness: 0.25mm
14
Insulation Plate
FR4 High temp
15
PCB 0.4mm pitch, 21x21 array
Material <not specified>
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket, Backing Plate Detail
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 9/11/15
Material: N/A
Finish: N/A
Weight: 9.94
SG25-BGA-2014 Drawing
SCALE: 4:1
SHEET: 4 OF 4
ENG: V. Panavala
FILE: SG25-BGA-2014
DRAWN BY: V. Panavala


Similar Part No. - SG25-BGA-2014

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG25-BGA-2012 IRONWOOD-SG25-BGA-2012 Datasheet
496Kb / 4P
   Easily removable swivel socket lid
SG25-BGA-2013 IRONWOOD-SG25-BGA-2013 Datasheet
375Kb / 4P
   Easily removable swivel socket lid
SG25-BGA-2015 IRONWOOD-SG25-BGA-2015 Datasheet
439Kb / 4P
   Easily removable swivel socket lid
SG25-BGA-2016 IRONWOOD-SG25-BGA-2016 Datasheet
504Kb / 4P
   Easily removable swivel socket lid
SG25-BGA-2018 IRONWOOD-SG25-BGA-2018 Datasheet
363Kb / 4P
   Easily removable swivel socket lid
More results

Similar Description - SG25-BGA-2014

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6376 IRONWOOD-SG-BGA-6376 Datasheet
357Kb / 4P
   Easily removable swivel socket lid
SG-BGA-6391 IRONWOOD-SG-BGA-6391 Datasheet
430Kb / 5P
   Easily removable swivel socket lid
SG-BGA-6423 IRONWOOD-SG-BGA-6423 Datasheet
225Kb / 4P
   Easily removable swivel socket lid
GT-BGA-2042 IRONWOOD-GT-BGA-2042 Datasheet
389Kb / 4P
   Easily removable swivel socket lid
GT-QFN-3001 IRONWOOD-GT-QFN-3001 Datasheet
353Kb / 4P
   Easily removable swivel socket lid
GT-QFN-3009 IRONWOOD-GT-QFN-3009 Datasheet
306Kb / 4P
   Easily removable swivel socket lid
SG15-BGA-1000 IRONWOOD-SG15-BGA-1000 Datasheet
364Kb / 4P
   Easily removable swivel socket lid
SG25-BGA-2000 IRONWOOD-SG25-BGA-2000 Datasheet
367Kb / 4P
   Easily removable swivel socket lid
SG25-BGA-2002 IRONWOOD-SG25-BGA-2002 Datasheet
386Kb / 4P
   Easily removable swivel socket lid
SG25-BGA-2012 IRONWOOD-SG25-BGA-2012 Datasheet
496Kb / 4P
   Easily removable swivel socket lid
GT-BGA-2004 IRONWOOD-GT-BGA-2004 Datasheet
771Kb / 5P
   Easily removable swivel socket lid
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com