Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43793E2187Q001 Datasheet(PDF) 10 Page - TDK Electronics

Part # B43793E2187Q001
Description  Aluminum electrolytic capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B43793E2187Q001 Datasheet(HTML) 10 Page - TDK Electronics

Back Button B43793E2187Q001 Datasheet HTML 6Page - TDK Electronics B43793E2187Q001 Datasheet HTML 7Page - TDK Electronics B43793E2187Q001 Datasheet HTML 8Page - TDK Electronics B43793E2187Q001 Datasheet HTML 9Page - TDK Electronics B43793E2187Q001 Datasheet HTML 10Page - TDK Electronics B43793E2187Q001 Datasheet HTML 11Page - TDK Electronics B43793E2187Q001 Datasheet HTML 12Page - TDK Electronics B43793E2187Q001 Datasheet HTML 13Page - TDK Electronics B43793E2187Q001 Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Technical data
CR
100 Hz
20
°C
μF
Case
dimensions
d
× l
mm
ESRmax
100 Hz
20
°C
m
Ω
ESRmax
100 Hz
40
°C
Ω
ESRmax
10 kHz
20
°C
m
Ω
Zmax
100 kHz
20
°C
m
Ω
IAC,max
10 kHz
85
°C
A
IAC,max
10 kHz
125
°C
A
IAC,R
10 kHz
125
°C
A
IAC,max
10 kHz
140
°C
A
VR =200VDC
75
14
× 30
1040
28.1
414
406
3.6
2.5
1.3
0.65
82
16
× 25
959
25.8
387
379
3.5
2.4
1.3
0.63
110
16
× 30
716
19.2
289
283
4.4
3.0
1.6
0.80
110
18
× 25
708
19.2
282
277
4.5
3.1
1.6
0.82
130
16
× 35
605
16.3
244
239
5.2
3.6
1.9
0.94
150
18
× 30
520
14.1
208
204
5.8
3.9
2.1
1.03
160
16
× 39
493
13.2
200
196
6.0
4.1
2.2
1.08
180
18
× 35
434
11.8
173
170
6.8
4.7
2.5
1.22
200
21
× 30
393
10.6
159
155
6.9
4.7
2.5
1.24
220
18
× 39
355
9.6
142
139
7.9
5.4
2.8
1.41
240
21
× 35
328
8.8
132
129
8.2
5.6
2.9
1.47
300
21
× 39
263
7.0
107
104
9.5
6.5
3.4
1.71
390
21
× 49
203
5.4
82
80
12.0
8.3
4.3
2.17
VR =250VDC
47
14
× 30
1380
28.3
414
405
3.6
2.5
1.3
0.65
51
16
× 25
1280
26.1
389
381
3.5
2.4
1.3
0.63
68
16
× 30
961
19.6
293
287
4.4
3.0
1.6
0.79
75
18
× 25
866
17.8
260
255
4.7
3.2
1.7
0.84
82
16
× 35
797
16.2
243
238
5.2
3.6
1.9
0.94
91
18
× 30
713
14.6
214
210
5.7
3.9
2.0
1.02
100
16
× 39
654
13.3
200
196
6.0
4.1
2.2
1.08
110
18
× 35
590
12.1
177
174
6.8
4.6
2.4
1.21
130
18
× 39
500
10.3
150
147
7.7
5.3
2.8
1.38
130
21
× 30
503
10.3
153
150
7.0
4.8
2.5
1.25
160
21
× 35
409
8.3
125
122
8.4
5.7
3.0
1.50
180
21
× 39
363
7.4
111
108
9.4
6.4
3.4
1.68
240
21
× 49
273
5.5
83
81
12.0
8.2
4.3
2.16
B43693, B43793
High voltage
125
°C
Page 10 of 19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43793E2187Q001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43793 EPCOS-B43793 Datasheet
157Kb / 8P
   Axial-lead and Soldering Star Capacitors
B43793 EPCOS-B43793 Datasheet
419Kb / 14P
   Aluminum electrolytic capacitors
B43793 EPCOS-B43793 Datasheet
427Kb / 14P
   Aluminum electrolytic capacitors
B43793A1107Q000 EPCOS-B43793A1107Q000 Datasheet
157Kb / 8P
   Axial-lead and Soldering Star Capacitors
B43793A1336Q000 EPCOS-B43793A1336Q000 Datasheet
157Kb / 8P
   Axial-lead and Soldering Star Capacitors
More results

Similar Description - B43793E2187Q001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com