Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLG0603P3N5CT000 Datasheet(PDF) 6 Page - TDK Electronics

Part # MLG0603P3N5CT000
Description  High Q type inductor for high-frequency circuits
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG0603P3N5CT000 Datasheet(HTML) 6 Page - TDK Electronics

Back Button MLG0603P3N5CT000 Datasheet HTML 2Page - TDK Electronics MLG0603P3N5CT000 Datasheet HTML 3Page - TDK Electronics MLG0603P3N5CT000 Datasheet HTML 4Page - TDK Electronics MLG0603P3N5CT000 Datasheet HTML 5Page - TDK Electronics MLG0603P3N5CT000 Datasheet HTML 6Page - TDK Electronics MLG0603P3N5CT000 Datasheet HTML 7Page - TDK Electronics MLG0603P3N5CT000 Datasheet HTML 8Page - TDK Electronics MLG0603P3N5CT000 Datasheet HTML 9Page - TDK Electronics MLG0603P3N5CT000 Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
(6/17)
INDUC
T
O
RS
20160926 / inductor_commercial_high-frequency_mlg0603p_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MLG0603P Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
 Please contact us for information on inductance tolerance, G (±2%).
・Short bar residual inductance =0.43nH
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Q
L, Q measuring
frequency
Self-resonant
frequency
DC resistance
Rated current
Part No.
(nH)
Tolerance
min.
(MHz)
(GHz)min.
(GHz)typ.
(
 )max. ( )typ.
(mA)max.
0.6
±0.1nH
500
10.0
20.0
0.06
0.01
1000
MLG0603P0N6BT000
0.6
±0.2nH
500
10.0
20.0
0.06
0.01
1000
MLG0603P0N6CT000
0.7
±0.1nH
500
10.0
20.0
0.06
0.01
1000
MLG0603P0N7BT000
0.7
±0.2nH
500
10.0
20.0
0.06
0.01
1000
MLG0603P0N7CT000
0.8
±0.1nH
500
10.0
20.0
0.06
0.02
1000
MLG0603P0N8BT000
0.8
±0.2nH
500
10.0
20.0
0.06
0.02
1000
MLG0603P0N8CT000
0.9
±0.1nH
500
10.0
20.0
0.06
0.02
1000
MLG0603P0N9BT000
0.9
±0.2nH
500
10.0
20.0
0.06
0.02
1000
MLG0603P0N9CT000
1.0
±0.3nH
14
500
10.0
20.0
0.07
0.02
1000
MLG0603P1N0ST000
1.0
±0.1nH
14
500
10.0
20.0
0.07
0.02
1000
MLG0603P1N0BT000
1.0
±0.2nH
14
500
10.0
20.0
0.07
0.02
1000
MLG0603P1N0CT000
1.1
±0.3nH
14
500
10.0
19.9
0.07
0.03
1000
MLG0603P1N1ST000
1.1
±0.1nH
14
500
10.0
19.9
0.07
0.03
1000
MLG0603P1N1BT000
1.1
±0.2nH
14
500
10.0
19.9
0.07
0.03
1000
MLG0603P1N1CT000
1.2
±0.3nH
14
500
10.0
16.0
0.08
0.04
800
MLG0603P1N2ST000
1.2
±0.1nH
14
500
10.0
16.0
0.08
0.04
800
MLG0603P1N2BT000
1.2
±0.2nH
14
500
10.0
16.0
0.08
0.04
800
MLG0603P1N2CT000
1.3
±0.3nH
14
500
10.0
13.9
0.08
0.03
800
MLG0603P1N3ST000
1.3
±0.1nH
14
500
10.0
13.9
0.08
0.03
800
MLG0603P1N3BT000
1.3
±0.2nH
14
500
10.0
13.9
0.08
0.03
800
MLG0603P1N3CT000
1.4
±0.3nH
14
500
10.0
11.7
0.09
0.04
800
MLG0603P1N4ST000
1.4
±0.1nH
14
500
10.0
11.7
0.09
0.04
800
MLG0603P1N4BT000
1.4
±0.2nH
14
500
10.0
11.7
0.09
0.04
800
MLG0603P1N4CT000
1.5
±0.3nH
14
500
10.0
14.9
0.10
0.03
800
MLG0603P1N5ST000
1.5
±0.1nH
14
500
10.0
14.9
0.10
0.03
800
MLG0603P1N5BT000
1.5
±0.2nH
14
500
10.0
14.9
0.10
0.03
800
MLG0603P1N5CT000
1.6
±0.3nH
14
500
10.0
13.4
0.10
0.03
700
MLG0603P1N6ST000
1.6
±0.1nH
14
500
10.0
13.4
0.10
0.03
700
MLG0603P1N6BT000
1.6
±0.2nH
14
500
10.0
13.4
0.10
0.03
700
MLG0603P1N6CT000
1.7
±0.3nH
14
500
10.0
12.8
0.10
0.02
700
MLG0603P1N7ST000
1.7
±0.1nH
14
500
10.0
12.8
0.10
0.02
700
MLG0603P1N7BT000
1.7
±0.2nH
14
500
10.0
12.8
0.10
0.02
700
MLG0603P1N7CT000
1.8
±0.3nH
14
500
9.0
10.7
0.10
0.03
700
MLG0603P1N8ST000
1.8
±0.1nH
14
500
9.0
10.7
0.10
0.03
700
MLG0603P1N8BT000
1.8
±0.2nH
14
500
9.0
10.7
0.10
0.03
700
MLG0603P1N8CT000
1.9
±0.3nH
14
500
9.0
10.9
0.10
0.04
600
MLG0603P1N9ST000
1.9
±0.1nH
14
500
9.0
10.9
0.10
0.04
600
MLG0603P1N9BT000
1.9
±0.2nH
14
500
9.0
10.9
0.10
0.04
600
MLG0603P1N9CT000
2.0
±0.3nH
14
500
8.5
10.1
0.10
0.03
600
MLG0603P2N0ST000
2.0
±0.1nH
14
500
8.5
10.1
0.10
0.03
600
MLG0603P2N0BT000
2.0
±0.2nH
14
500
8.5
10.1
0.10
0.03
600
MLG0603P2N0CT000
2.1
±0.3nH
14
500
8.0
9.8
0.10
0.05
600
MLG0603P2N1ST000
2.1
±0.1nH
14
500
8.0
9.8
0.10
0.05
600
MLG0603P2N1BT000
2.1
±0.2nH
14
500
8.0
9.8
0.10
0.05
600
MLG0603P2N1CT000
Measurement item
Product No.
Manufacturer
L, Q
4291B+16197A
Keysight Technologies
Self-resonant frequency
8720C
Keysight Technologies
DC resistance
Type-7561
Yokogawa


Similar Part No. - MLG0603P3N5CT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0603P3N5CT000 TDK-MLG0603P3N5CT000 Datasheet
182Kb / 17P
   Inductors for High Frequency Circuits Multilayer Ceramic
MLG0603P3N5CT000 TDK-MLG0603P3N5CT000 Datasheet
129Kb / 3P
   Inductors (Coils)
MLG0603P3N5CT000 TDK-MLG0603P3N5CT000_17 Datasheet
129Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLG0603P3N5CT000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0402Q0N2BT000 TDK-MLG0402Q0N2BT000 Datasheet
176Kb / 15P
   High Q type inductor for high-frequency circuits
logo
Allied Components Inter...
HFQ02 ALLIED-HFQ02 Datasheet
591Kb / 2P
   High Frequency, High Q Chip Inductor
logo
Taiyo Yuden (U.S.A.), I...
HKQ0603W11NJ-T TAIYO-YUDEN-HKQ0603W11NJ-T Datasheet
172Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ0603W16NH-T TAIYO-YUDEN-HKQ0603W16NH-T Datasheet
172Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ040213NH-T TAIYO-YUDEN-HKQ040213NH-T Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ040224NJ-E TAIYO-YUDEN-HKQ040224NJ-E Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ040230NH-T TAIYO-YUDEN-HKQ040230NH-T Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ040230NJ-E TAIYO-YUDEN-HKQ040230NJ-E Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ0603W11NH-T TAIYO-YUDEN-HKQ0603W11NH-T Datasheet
172Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ0603W30NH-T TAIYO-YUDEN-HKQ0603W30NH-T Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com