Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HCXXXADW Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC74HCXXXADW
Description  High?밣erformance Silicon?밎ate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74HCXXXADW Datasheet(HTML) 3 Page - Motorola, Inc

  MC74HCXXXADW Datasheet HTML 1Page - Motorola, Inc MC74HCXXXADW Datasheet HTML 2Page - Motorola, Inc MC74HCXXXADW Datasheet HTML 3Page - Motorola, Inc MC74HCXXXADW Datasheet HTML 4Page - Motorola, Inc MC74HCXXXADW Datasheet HTML 5Page - Motorola, Inc MC74HCXXXADW Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC54/74HC245A
High–Speed CMOS Logic Data
DL129 — Rev 6
3
MOTOROLA
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
Symbol
Parameter
VCC
V
Guaranteed Limit
Unit
Symbol
Parameter
VCC
V
– 55 to
25
_C
v 85_C
v 125_C
Unit
tPLH,
tPHL
Maximum Propagation Delay, A to B, B to A
(Figures 1 and 3)
2.0
4.5
6.0
75
15
13
95
19
16
110
22
19
ns
tPLZ,
tPHZ
Maximum Propagation Delay, Direction or Output Enable to A or B
(Figures 2 and 4)
2.0
4.5
6.0
110
22
19
140
28
24
165
33
28
ns
tPZL,
tPZH
Maximum Propagation Delay, Output Enable to A or B
(Figures 2 and 4)
2.0
4.5
6.0
110
22
19
140
28
24
165
33
28
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 3)
2.0
4.5
6.0
60
12
10
75
15
13
90
18
15
ns
Cin
Maximum Input Capacitance (Pin 1 or Pin 19)
10
10
10
pF
Cout
Maximum Three–State I/O Capacitance
(I/O in High–Impedance State)
15
15
15
pF
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the Motorola High–
Speed CMOS Data Book (DL129/D).
CPD
Power Dissipation Capacitance (Per Transceiver Channel)*
Typical @ 25
°C, VCC = 5.0 V
pF
CPD
Power Dissipation Capacitance (Per Transceiver Channel)*
40
pF
* Used to determine the no–load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
Motorola High–Speed CMOS Data Book (DL129/D).
SWITCHING WAVEFORMS
VCC
GND
tf
tr
INPUT
A OR B
OUTPUT
B OR A
10%
50%
90%
10%
50%
90%
tTLH
tPLH
tPHL
tTHL
Figure 1.
OUTPUT
ENABLE
A OR B
A OR B
50%
50%
50%
90%
10%
tPZL
tPLZ
tPZH
tPHZ
VCC
GND
HIGH
IMPEDANCE
VOL
VOH
HIGH
IMPEDANCE
VCC
GND
50%
Figure 2.
DIRECTION
TEST CIRCUITS
* Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 3.
* Includes all probe and jig capacitance
CL*
TEST POINT
DEVICE
UNDER
TEST
OUTPUT
Figure 4.
CONNECT TO VCC WHEN
TESTING tPLZ AND tPZL.
CONNECT TO GND WHEN
TESTING tPHZ AND tPZH.
1 k


Similar Part No. - MC74HCXXXADW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HCXXXADW MOTOROLA-MC74HCXXXADW Datasheet
92Kb / 7P
   OCTAL 3-STATE INVERTING TRANSPARENT LATCH HIGH-PERFORMANCE SILICON-GATE CMOS
MC74HCXXXADW MOTOROLA-MC74HCXXXADW Datasheet
234Kb / 7P
   Octal 3-State Inverting Buffer/Line Driver/Line Receiver
MC74HCXXXADW MOTOROLA-MC74HCXXXADW Datasheet
171Kb / 6P
   High?밣erformance Silicon?밎ate CMOS
MC74HCXXXADW MOTOROLA-MC74HCXXXADW Datasheet
211Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
MC74HCXXXADW MOTOROLA-MC74HCXXXADW Datasheet
235Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
More results

Similar Description - MC74HCXXXADW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HCT161A MOTOROLA-MC54-74HCT161A Datasheet
258Kb / 12P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC640A MOTOROLA-MC54-74HC640A Datasheet
155Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
74HC390A MOTOROLA-74HC390A Datasheet
268Kb / 9P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC4351 MOTOROLA-MC5474HC4351 Datasheet
480Kb / 13P
   High?밣erformance Silicon?밎ate CMOS
MC54F74HC164A MOTOROLA-MC54F74HC164A Datasheet
245Kb / 9P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC08A MOTOROLA-MC5474HC08A Datasheet
165Kb / 7P
   High?밣erformance Silicon?밎ate CMOS
MC5474HC175A MOTOROLA-MC5474HC175A Datasheet
248Kb / 8P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC132A MOTOROLA-MC54-74HC132A Datasheet
192Kb / 6P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HC4351 MOTOROLA-MC54-74HC4351 Datasheet
480Kb / 13P
   High?밣erformance Silicon?밎ate CMOS
MC54-74HCT373A MOTOROLA-MC54-74HCT373A Datasheet
196Kb / 8P
   High?밣erformance Silicon?밎ate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com