Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLG0402Q2N6ST000 Datasheet(PDF) 8 Page - TDK Electronics

Part # MLG0402Q2N6ST000
Description  High Q type inductor for high-frequency circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLG0402Q2N6ST000 Datasheet(HTML) 8 Page - TDK Electronics

Back Button MLG0402Q2N6ST000 Datasheet HTML 4Page - TDK Electronics MLG0402Q2N6ST000 Datasheet HTML 5Page - TDK Electronics MLG0402Q2N6ST000 Datasheet HTML 6Page - TDK Electronics MLG0402Q2N6ST000 Datasheet HTML 7Page - TDK Electronics MLG0402Q2N6ST000 Datasheet HTML 8Page - TDK Electronics MLG0402Q2N6ST000 Datasheet HTML 9Page - TDK Electronics MLG0402Q2N6ST000 Datasheet HTML 10Page - TDK Electronics MLG0402Q2N6ST000 Datasheet HTML 11Page - TDK Electronics MLG0402Q2N6ST000 Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
(8/15)
INDUC
T
O
RS
20160706 / inductor_commercial_high-frequency_mlg0402q_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MLG0402Q Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
* Please contact us for information on inductance tolerance, G (±2%).
○ Measurement equipment
* Equivalent measurement equipment may be used.
L
Q
L, Q measuring
frequency
Self-resonant
frequency
DC resistance
Rated current
Part No.
(nH)
Tolerance
min.
(MHz)
(GHz)min.
(GHz)typ.
(
:)max. (:)typ.
(mA)max.
3.6
±0.1nH
2
100
6.0
9.0
1.10
0.75
180
MLG0402Q3N6BT000
3.6
±0.2nH
2
100
6.0
9.0
1.10
0.75
180
MLG0402Q3N6CT000
3.6
±0.3nH
2
100
6.0
9.0
1.10
0.75
180
MLG0402Q3N6ST000
3.7
±0.1nH
2
100
6.0
8.9
1.10
0.73
180
MLG0402Q3N7BT000
3.7
±0.2nH
2
100
6.0
8.9
1.10
0.73
180
MLG0402Q3N7CT000
3.7
±0.3nH
2
100
6.0
8.9
1.10
0.73
180
MLG0402Q3N7ST000
3.8
±0.1nH
2
100
6.0
8.4
1.10
0.70
180
MLG0402Q3N8BT000
3.8
±0.2nH
2
100
6.0
8.4
1.10
0.70
180
MLG0402Q3N8CT000
3.8
±0.3nH
2
100
6.0
8.4
1.10
0.70
180
MLG0402Q3N8ST000
3.9
±0.1nH
2
100
6.0
8.8
1.20
0.77
180
MLG0402Q3N9BT000
3.9
±0.2nH
2
100
6.0
8.8
1.20
0.77
180
MLG0402Q3N9CT000
3.9
±0.3nH
2
100
6.0
8.8
1.20
0.77
180
MLG0402Q3N9ST000
4.0
±0.1nH
2
100
6.0
8.4
1.20
0.71
180
MLG0402Q4N0BT000
4.0
±0.2nH
2
100
6.0
8.4
1.20
0.71
180
MLG0402Q4N0CT000
4.0
±0.3nH
2
100
6.0
8.4
1.20
0.71
180
MLG0402Q4N0ST000
4.3
±0.3nH
2
100
6.0
8.6
1.20
0.77
180
MLG0402Q4N3ST000
4.3
±3%
2
100
6.0
8.6
1.20
0.77
180
MLG0402Q4N3HT000
4.7
±0.3nH
2
100
6.0
8.1
1.30
0.88
160
MLG0402Q4N7ST000
4.7
±3%
2
100
6.0
8.1
1.30
0.88
160
MLG0402Q4N7HT000
5.1
±0.3nH
2
100
6.0
7.8
1.40
0.90
160
MLG0402Q5N1ST000
5.1
±3%
2
100
6.0
7.8
1.40
0.90
160
MLG0402Q5N1HT000
5.6
±0.3nH
2
100
6.0
7.8
1.50
1.02
140
MLG0402Q5N6ST000
5.6
±3%
2
100
6.0
7.8
1.50
1.02
140
MLG0402Q5N6HT000
6.2
±0.3nH
2
100
5.5
7.2
1.50
1.04
140
MLG0402Q6N2ST000
6.2
±3%
2
100
5.5
7.2
1.50
1.04
140
MLG0402Q6N2HT000
6.8
±3%
2
100
5.5
6.9
1.60
1.12
140
MLG0402Q6N8HT000
6.8
±5%
2
100
5.5
6.9
1.60
1.12
140
MLG0402Q6N8JT000
7.5
±3%
2
100
5.0
6.7
1.70
1.13
140
MLG0402Q7N5HT000
7.5
±5%
2
100
5.0
6.7
1.70
1.13
140
MLG0402Q7N5JT000
8.2
±3%
2
100
4.5
6.2
1.80
1.16
140
MLG0402Q8N2HT000
8.2
±5%
2
100
4.5
6.2
1.80
1.16
140
MLG0402Q8N2JT000
9.1
±3%
2
100
4.0
5.7
1.80
1.20
140
MLG0402Q9N1HT000
9.1
±5%
2
100
4.0
5.7
1.80
1.20
140
MLG0402Q9N1JT000
10.0
±3%
3
100
4.0
5.3
2.10
1.45
140
MLG0402Q10NHT000
10.0
±5%
3
100
4.0
5.3
2.10
1.45
140
MLG0402Q10NJT000
12.0
±3%
3
100
3.5
4.8
2.40
1.64
140
MLG0402Q12NHT000
12.0
±5%
3
100
3.5
4.8
2.40
1.64
140
MLG0402Q12NJT000
15.0
±3%
3
100
3.0
4.5
2.60
1.77
140
MLG0402Q15NHT000
15.0
±5%
3
100
3.0
4.5
2.60
1.77
140
MLG0402Q15NJT000
18.0
±3%
3
100
2.5
3.0
2.80
1.94
140
MLG0402Q18NHT000
18.0
±5%
3
100
2.5
3.0
2.80
1.94
140
MLG0402Q18NJT000
22.0
±3%
3
100
2.2
2.7
3.20
2.18
130
MLG0402Q22NHT000
22.0
±5%
3
100
2.2
2.7
3.20
2.18
130
MLG0402Q22NJT000
27.0
±3%
3
100
1.9
2.5
3.50
2.44
120
MLG0402Q27NHT000
27.0
±5%
3
100
1.9
2.5
3.50
2.44
120
MLG0402Q27NJT000
33.0
±3%
3
100
1.7
2.2
3.80
2.71
120
MLG0402Q33NHT000
33.0
±5%
3
100
1.7
2.2
3.80
2.71
120
MLG0402Q33NJT000
Measurement item
Product No.
Manufacturer
L, Q
4291B+16196D
Keysight Technologies
Self-resonant frequency
8720C
Keysight Technologies
DC resistance
4338A
Keysight Technologies


Similar Part No. - MLG0402Q2N6ST000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0402Q2N6ST000 TDK-MLG0402Q2N6ST000 Datasheet
127Kb / 3P
   Inductors (Coils)
MLG0402Q2N6ST000 TDK-MLG0402Q2N6ST000_17 Datasheet
127Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLG0402Q2N6ST000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLG0603P0N6BT000 TDK-MLG0603P0N6BT000 Datasheet
249Kb / 17P
   High Q type inductor for high-frequency circuits
logo
Allied Components Inter...
HFQ02 ALLIED-HFQ02 Datasheet
591Kb / 2P
   High Frequency, High Q Chip Inductor
logo
Taiyo Yuden (U.S.A.), I...
HKQ0603W11NJ-T TAIYO-YUDEN-HKQ0603W11NJ-T Datasheet
172Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ0603W16NH-T TAIYO-YUDEN-HKQ0603W16NH-T Datasheet
172Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ040213NH-T TAIYO-YUDEN-HKQ040213NH-T Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ040224NJ-E TAIYO-YUDEN-HKQ040224NJ-E Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ040230NH-T TAIYO-YUDEN-HKQ040230NH-T Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ040230NJ-E TAIYO-YUDEN-HKQ040230NJ-E Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ0603W11NH-T TAIYO-YUDEN-HKQ0603W11NH-T Datasheet
172Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
HKQ0603W30NH-T TAIYO-YUDEN-HKQ0603W30NH-T Datasheet
166Kb / 1P
   High-Q Multilayer Chip Inductors for High Frequency Applications (HK series Q type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com