Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41792E8108Q001 Datasheet(PDF) 9 Page - TDK Electronics

Part # B41792E8108Q001
Description  Aluminum electrolytic capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B41792E8108Q001 Datasheet(HTML) 9 Page - TDK Electronics

Back Button B41792E8108Q001 Datasheet HTML 5Page - TDK Electronics B41792E8108Q001 Datasheet HTML 6Page - TDK Electronics B41792E8108Q001 Datasheet HTML 7Page - TDK Electronics B41792E8108Q001 Datasheet HTML 8Page - TDK Electronics B41792E8108Q001 Datasheet HTML 9Page - TDK Electronics B41792E8108Q001 Datasheet HTML 10Page - TDK Electronics B41792E8108Q001 Datasheet HTML 11Page - TDK Electronics B41792E8108Q001 Datasheet HTML 12Page - TDK Electronics B41792E8108Q001 Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Technical data
CR
100 Hz
20
°C
μF
Case
dimensions
d
× l
mm
ESRmax
100 Hz
20
°C
m
Ω
ESRmax
100 Hz
40
°C
m
Ω
ESRmax
10 kHz
20
°C
m
Ω
Zmax
100 kHz
20
°C
m
Ω
IAC,max
10 kHz
105
°C
A
IAC,max
10 kHz
125
°C
A
IAC,R
10 kHz
125
°C
A
IAC,max
10 kHz
140
°C
A
VR =25VDC
1100
12
× 30
163
1230
114
110
4.6
3.4
2.3
1.5
1300
14
× 25
145
1040
103
100
4.5
3.3
2.3
1.5
2400
18
× 25
78
570
55
54
7.0
5.2
3.6
2.3
2500
16
× 30
84
550
61
59
6.2
4.6
3.2
2.1
3300
18
× 30
58
410
41
40
8.7
6.5
4.5
2.9
3600
16
× 39
59
380
43
42
8.3
6.2
4.3
2.8
4300
20
× 29
47
320
34
33
9.4
7.0
4.8
3.1
4700
18
× 39
41
290
29
29
11.7
8.7
6.0
3.9
7200
21
× 39
30
190
22
22
13.2
9.8
6.8
4.4
10000
21
× 49
23
140
17
16
16.7
12.4
8.6
5.6
VR =40VDC
620
12
× 30
189
1200
110
107
4.6
3.4
2.4
1.5
1000
14
× 30
124
750
75
72
5.6
4.2
2.9
1.9
1400
16
× 30
96
540
60
58
6.2
4.6
3.2
2.1
1800
16
× 35
76
420
48
46
7.4
5.5
3.8
2.5
1800
18
× 30
68
420
41
40
8.7
6.5
4.5
2.9
2000
16
× 39
68
380
43
41
8.3
6.2
4.3
2.8
2400
20
× 29
54
320
34
33
9.4
7.0
4.8
3.1
2600
18
× 39
48
290
29
28
11.7
8.7
6.0
3.9
3900
21
× 39
35
200
22
22
13.2
9.8
6.8
4.4
5100
21
× 49
27
150
17
17
16.7
12.4
8.6
5.6
VR =63VDC
360
12
× 30
243.0
1500
115.0
111.0
4.5
3.4
2.3
1.5
430
14
× 25
212.0
1260
104.0
101.0
4.4
3.2
2.2
1.5
560
14
× 30
163.0
965
79.6
77.2
5.5
4.0
2.8
1.8
620
16
× 25
158.0
878
81.7
79.2
4.8
3.6
2.5
1.6
750
18
× 25
120.0
720
57.9
56.2
6.8
5.0
3.5
2.3
820
16
× 30
120.0
665
62.1
60.2
6.0
4.5
3.1
2.0
1000
16
× 35
97.9
545
50.8
49.3
7.2
5.4
3.7
2.4
1000
18
× 30
90.2
540
43.8
42.5
8.5
6.3
4.3
2.8
1200
16
× 39
82.3
455
43.0
41.7
8.2
6.1
4.2
2.7
1300
18
× 35
70.1
416
34.3
33.3
10.1
7.6
5.2
3.4
1400
21
× 30
68.0
388
34.5
33.5
9.6
7.1
4.9
3.2
1500
18
× 39
60.8
361
29.8
28.9
11.5
8.6
5.9
3.8
1800
21
× 35
53.5
302
27.4
26.6
11.4
8.5
5.9
3.8
2000
21
× 39
47.8
272
24.4
23.6
12.9
9.6
6.6
4.3
2700
21
× 49
35.9
202
18.5
17.9
16.3
12.2
8.4
5.5
B41692, B41792
Compact
up to 140
°C
Page9of19
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41792E8108Q001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41792E8108Q001 TDK-B41792E8108Q001 Datasheet
54Kb / 2P
   Axial Capacitors
More results

Similar Description - B41792E8108Q001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com