Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC54FXXXJ Datasheet(PDF) 2 Page - Motorola, Inc

Part # MC54FXXXJ
Description  8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC54FXXXJ Datasheet(HTML) 2 Page - Motorola, Inc

  MC54FXXXJ Datasheet HTML 1Page - Motorola, Inc MC54FXXXJ Datasheet HTML 2Page - Motorola, Inc MC54FXXXJ Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
4-80
FAST AND LS TTL DATA
MC54/74F164
MR
D
Q
CD
D
Q
CD
D
Q
CD
D
Q
CD
D
Q
CD
D
Q
CD
D
Q
CD
A
B
CP
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
D
Q
CD
LOGIC DIAGRAM
FUNCTIONAL DESCRIPTION
The F164 is an edge-triggered 8-bit shift register with se-
rial data entry and an output from each of the eight stages.
Data is entered serially through one of two inputs (A or B); ei-
ther of these inputs can be used as an active HIGH Enable
for data entry through the other input. An unused input must
be tied HIGH.
Each LOW-to-HIGH transition on the Clock (CP) input
shifts data one place to the right and enters into Q0 the logical
AND of the two data inputs (A
• B) that existed before the rising
clock edge. A LOW level on the Master Reset (MR) input over-
rides all other inputs and clears the register asynchronously,
forcing all Q outputs LOW.
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54, 74
4.5
5.0
5.5
V
TA
Operating Ambient Temperature Range
54
–55
25
125
°C
74
0
25
70
IOH
Output Current
 High
54, 74
–1.0
mA
IOL
Output Current
 Low
54, 74
20
mA
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage
VIL
Input LOW Voltage
0.8
V
Guaranteed Input LOW Voltage
VIK
Input Clamp Diode Voltage
–1.2
V
VCC = MIN, IIN = –18 mA
VOH
Output HIGH Voltage
54, 74
2.5
V
IOH = –1.0 mA
VCC = MIN
74
2.7
V
IOH = –1.0 mA
VCC = 4.75 V
VOL
Output LOW Voltage
0.5
V
IOL = 20 mA
VCC = MIN
IIH
Input HIGH Current
20
µA
VCC = MAX, VIN = 2.7 V
0.1
mA
VCC = MAX, VIN = 7.0 V
IIL
Input LOW Current
–0.6
mA
VCC = MAX, VIN = 0.5 V
IOS
Output Short Circuit Current (Note 2)
–60
–150
mA
VCC = MAX, VOUT = 0 V
ICC
Power Supply Current
35
55
mA
A, B = GND, VCC = MAX
CP = HIGH, MR = GND
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable device type.
2. Not more than one output should be shorted at a time, nor for more than 1 second.


Similar Part No. - MC54FXXXJ

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54FXXXJ MOTOROLA-MC54FXXXJ Datasheet
72Kb / 3P
   DUAL JK POSITIVE EDGE-TRIGGERED FLIP-FLOP
MC54FXXXJ MOTOROLA-MC54FXXXJ Datasheet
68Kb / 2P
   8-INPUT MULTIPLEXER
MC54FXXXJ MOTOROLA-MC54FXXXJ Datasheet
67Kb / 3P
   DUAL 4-INPUT DUAL 4-INPUT
MC54FXXXJ MOTOROLA-MC54FXXXJ Datasheet
91Kb / 3P
   8-LINE TO 3-LINE PRIORITY ENCODER FAST SHOTTKY TTL
MC54FXXXJ MOTOROLA-MC54FXXXJ Datasheet
69Kb / 3P
   DUAL 4-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results

Similar Description - MC54FXXXJ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com